Part Name
         Description
ASM3P622S00B

 Low Frequency Timing-Safe™ Peak EMI reduction IC ( 15 Page)


PULSECORE
100% 
Zoom Out Zoom In
 10 page
background image
May 2008
ASM3P622S00B/E
rev 0.5
Low Frequency Timing-Safe™ Peak EMI Reduction IC
10 of 15
Notice: The information in this document is subject to change without notice.
E
H
A
A1
A2
D
B
C
L
θ
e
8-lead TSSOP (4.40-MM Body)
Dimensions
Inches
Millimeters
Symbol
Min
Max
Min
Max
A
0.043
1.10
A1
0.002
0.006
0.05
0.15
A2
0.033
0.037
0.85
0.95
B
0.008
0.012
0.19
0.30
c
0.004
0.008
0.09
0.20
D
0.114
0.122
2.90
3.10
E
0.169
0.177
4.30
4.50
e
0.026 BSC
0.65 BSC
H
0.252 BSC
6.40 BSC
L
0.020
0.028
0.50
0.70
θ



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
W245-30Frequency Multiplying Peak Reducing EMI Solution 1 2 3 4 5 MoreCypress Semiconductor
HIP2100_04100V/2A Peak Low Cost High Frequency Half Bridge Driver 1 2 3 4 5 MoreIntersil Corporation
C5001Low Skew Multiple Frequency PCI Clock Generator with EMI Reducing SSCG. 1 2 3 4 5 MoreList of Unclassifed Manufacturers
NB2779ALow Power Reduced EMI Clock Synthesizer 1 2 3 4 5 MoreON Semiconductor
NUF4001MULow Capacitance 4 Line EMI Filter with ESD Protection in UDFN8 Package 1 2 3 4 ON Semiconductor
NUF4211MN_07Low Capacitance 4 Line EMI Filter with ESD Protection 1 2 3 4 ON Semiconductor
NUF8010MULow Capacitance 8 Line EMI Filter with ESD Protection in UDFN Package 1 2 3 4 ON Semiconductor
W180_05Peak Reducing EMI Solution 1 2 3 4 5 MoreCypress Semiconductor
LMV8313 MHz Low Power CMOS EMI Hardened Operational Amplifiers Coming SoonNational Semiconductor
PT22101Low Cost Common Mode EMI Suppression Inductors open type 1 Datatronic Distribution, Inc.

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl