Part Name
         Description
ASM3P622S00B

 Low Frequency Timing-Safe™ Peak EMI reduction IC ( 15 Page)


PULSECORE
100% 
Zoom Out Zoom In
 
 1 page
background image
May 2008
ASM3P622S00B/E
rev 0.5
Notice: The information in this document is subject to change without notice.
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Suite 200 Campbell, CA 95008
• Tel: 408-879-9077 • Fax: 408-879-9018
www.pulsecoresemi.com
Low Frequency Timing-Safe™ Peak EMI reduction IC
General Features
Low Frequency Clock distribution with Timing-
Safe™ Peak EMI Reduction
Input frequency range: 4MHz - 20MHz
2 different Spread Selection option
Spread Spectrum can be turned ON/OFF
External Input-Output Delay Control option
Supply Voltage: 3.3V±0.3V
Commercial and Industrial temperature range
Packaging Information:
ASM3P622S00B: 8 pin SOIC, and TSSOP
ASM3P622S00E:16 pin SOIC, and TSSOP
The First True Drop-in Solution
Functional Description
ASM3P622S00B/E is a versatile, 3.3V Zero-delay buffer
designed to distribute low frequency Timing-Safe™ clocks
with Peak EMI reduction. ASM3P622S00B is an eight-pin
version, accepts one reference input and drives out one
low-skew Timing-Safe™ clock. ASM3P622S00E accepts
one reference input and drives out eight low-skew Timing-
Safe™clocks.
ASM3P622S00B/E has an SS% that selects 2 different
Deviation and associated Input-Output Skew (TSKEW). Refer
Spread Spectrum Control and Input-Output Skew
table
for details.
ASM3P622S00E has a CLKOUT for adjusting the Input-
Output clock delay, depending upon the value of capacitor
connected at this pin to GND.
ASM3P622S00B/E operates from a 3.3V supply and is
available in two different packages, as shown in the
ordering information table, over commercial and Industrial
temperature range.
Application
ASM3P622S00B/E is targeted for use in Displays and
memory interface systems.
General Block Diagram
*For
ASM3P622S00E -
8 CLKOUTS
VDD
GND
SS%
CLKIN
CLKOUT(s)*
(Timing-Safe™)
PLL
SSON
DLY_CTRL



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
W245-30Frequency Multiplying Peak Reducing EMI Solution 1 2 3 4 5 MoreCypress Semiconductor
HIP2100_04100V/2A Peak Low Cost High Frequency Half Bridge Driver 1 2 3 4 5 MoreIntersil Corporation
C5001Low Skew Multiple Frequency PCI Clock Generator with EMI Reducing SSCG. 1 2 3 4 5 MoreList of Unclassifed Manufacturers
NB2779ALow Power Reduced EMI Clock Synthesizer 1 2 3 4 5 MoreON Semiconductor
NUF4001MULow Capacitance 4 Line EMI Filter with ESD Protection in UDFN8 Package 1 2 3 4 ON Semiconductor
NUF4211MN_07Low Capacitance 4 Line EMI Filter with ESD Protection 1 2 3 4 ON Semiconductor
NUF8010MULow Capacitance 8 Line EMI Filter with ESD Protection in UDFN Package 1 2 3 4 ON Semiconductor
W180_05Peak Reducing EMI Solution 1 2 3 4 5 MoreCypress Semiconductor
LMV8313 MHz Low Power CMOS EMI Hardened Operational Amplifiers Coming SoonNational Semiconductor
PT22101Low Cost Common Mode EMI Suppression Inductors open type 1 Datatronic Distribution, Inc.

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl