Part Name
         Description
ASM3P18S19B

 Notebook LCD Panel EMI Reduction IC ( 7 Page)


PULSECORE
100% 
Zoom Out Zoom In
   
 4 page
background image
November 2006
ASM3P18S19B
rev 2.2
Low Power Mobile VGA EMI Reduction IC
4 of 7
Notice: The information in this document is subject to change without notice.
Package Information
8-lead (150-mil) SOIC Package
Dimensions
Inches
Millimeters
Symbol
Min
Max
Min
Max
A1
0.004
0.010
0.10
0.25
A
0.053
0.069
1.35
1.75
A2
0.049
0.059
1.25
1.50
B
0.012
0.020
0.31
0.51
C
0.007
0.010
0.18
0.25
D
0.193 BSC
4.90 BSC
E
0.154 BSC
3.91 BSC
e
0.050 BSC
1.27 BSC
H
0.236 BSC
6.00 BSC
L
0.016
0.050
0.41
1.27
θ
Package length (Excluding end flash)D - 188 ~ 193 mils.
Package length (Including end flash) D1 - 198 ~ 207 mils
.



Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LV4149WBi-CMOS LSI For LCD Panel Drive Single Chip IC 1 2 3 4 5 MoreSanyo Semicon Device
JBT6L78-ASGate Driver for TFT LCD Panel 1 2 3 4 5 MoreToshiba Semiconductor
MAX8790ASix-String White LED Driver with Active Current Balancing for LCD Panel Applications 1 2 3 4 5 MoreMaxim Integrated Products
PM66006-row 32 mA LED driver with boost regulator for LCD panel backlight 1 2 3 4 5 MoreSTMicroelectronics
DMS-20LCDDigit LCD Display Digital Panel Voltmeters 1 2 3 4 5 MoreMurata Power Solutions Inc.
FE0401LCD Panel Display 1 Purdy Electronics Corporation
CM1621LCD and Camera EMI Filter Array with ESD Protection 1 2 3 4 5 MoreCalifornia Micro Devices Corp
LV4150WBi-CMOS LSI For LCD Panel Drive Single Chip IC 1 2 3 4 5 MoreSanyo Semicon Device
FE0502LCD Panel Displays 1 Purdy Electronics Corporation
CM1622LCD and Camera EMI Filter Array with ESD Protection 1 2 3 4 5 MoreCalifornia Micro Devices Corp

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl