Part Name
         Description
ASM2P3807AG-20-AR

 3.3V CMOS 1-TO-10 CLOCK DRIVER ( 18 Page)


PULSECORE
100% 
Zoom Out Zoom In
 
 5 page
background image
November 2006
ASM2P3807A
rev 0.3
3.3V CMOS 1-TO-10 CLOCK DRIVER
5 of 18
Notice: The information in this document is subject to change without notice.
Switching Characteristics Over Operating Range – Commercial
3,4
ASM2P3807A
Symbol
Parameter
Conditions
1
Min
2
Max
Unit
tPLH
tPHL
Propagation Delay
1.5
3
nS
tR
Output Rise Time
1.5
nS
tF
Output Fall Time
1.5
nS
tSK(O)
Output skew: skew
between outputs of
same package (same
transition)
0.35
nS
tSK(P)
Pulse skew: skew
between opposite
transitions of same
output (|tPHL – tPLH|)
0.35
nS
tSK(T)
Package skew: skew
between outputs of
different packages at
same power supply
voltage, temperature,
package type and
speed grade
50Ω to VCC/2
CL= 10pF
(See figure 1)
or 10Ω AC
termination,
CL= 50pF
(See figure 2)
f≤ 100MHz
Outputs
connected in
groups of two
0.65
nS



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IDT74FCT380743.3V CMOS 1-TO-4 CLOCK DRIVER 1 2 3 4 5 Integrated Device Technology
IDT74FCT380753.3V CMOS 1-TO-5 CLOCK DRIVER 1 2 3 4 5 Integrated Device Technology
IDT49FCT3805D3.3V CMOS DUAL 1-TO-5 CLOCK DRIVER 1 2 3 4 5 MoreIntegrated Device Technology
PI49FCT3805D_043.3V 2 x 1:5 CMOS Clock Driver 1 2 3 4 5 MorePericom Semiconductor Corporation
PO74G38072A3.3V 1:2 CMOS Clock Driver 1 2 3 4 5 List of Unclassifed Manufacturers
IDT74FCT807BT_05FAST CMOS 1-TO-10 CLOCK DRIVER 1 2 3 4 5 MoreIntegrated Device Technology
SY89809L_053.3V 1:9 HIGH-PERFORMANCE LOW-VOLTAGE BUS CLOCK DRIVER 1 2 3 4 5 MoreMicrel Semiconductor
CF33XX9x14 mm SMD 3.3V CMOS Clock Oscillator 1 Crystek Corporation
CFS33XXClock Oscillator With Standby Mode 9x14 mm SMD 3.3V CMOS 1 Crystek Corporation
SY89824L_073.3V 1:22 HIGH-PERFORMANCE LOW VOLTAGE BUS CLOCK DRIVER 1 2 3 4 5 MoreMicrel Semiconductor

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl