Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM2I5T905AG-28TR Datasheet(PDF) 11 Page - PulseCore Semiconductor

Part # ASM2I5T905AG-28TR
Description  2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2I5T905AG-28TR Datasheet(HTML) 11 Page - PulseCore Semiconductor

Back Button ASM2I5T905AG-28TR Datasheet HTML 7Page - PulseCore Semiconductor ASM2I5T905AG-28TR Datasheet HTML 8Page - PulseCore Semiconductor ASM2I5T905AG-28TR Datasheet HTML 9Page - PulseCore Semiconductor ASM2I5T905AG-28TR Datasheet HTML 10Page - PulseCore Semiconductor ASM2I5T905AG-28TR Datasheet HTML 11Page - PulseCore Semiconductor ASM2I5T905AG-28TR Datasheet HTML 12Page - PulseCore Semiconductor ASM2I5T905AG-28TR Datasheet HTML 13Page - PulseCore Semiconductor ASM2I5T905AG-28TR Datasheet HTML 14Page - PulseCore Semiconductor ASM2I5T905AG-28TR Datasheet HTML 15Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
November 2006
ASM2P5T905A
rev 0.2
2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
11 of 19
Notice: The information in this document is subject to change without notice.
DC Electrical Characteristics over Operating Range for 1.8V LVTTL
1
Symbol
Parameter
Test Conditions
Min.
Typ
8
Max
Unit
Input Characteristics
IIH
Input HIGH Current
12
VDD = 2.6V
VI = VDDQ/GND
±5
IIL
Input LOW Current
12
VDD = 2.6V
VI = GND/VDDQ
±5
µA
VIK
Clamp Diode Voltage
VDD = 2.4V, IIN= -18mA
-0.7
- 1.2
V
VIN
DC Input Voltage
- 0.3
VDDQ+ 0.3
V
Single-Ended Inputs
2
VIH
DC Input HIGH
1.073
10
V
VIL
DC Input LOW
0.683
11
V
Differential Inputs
VDIF
DC Differential Voltage
3,9
0.2
V
VCM
DC Common Mode Input
Voltage
4,9
825
900
975
mV
VIH
DC Input HIGH
5,6,9
VREF+ 100
mV
VIL
DC Input LOW
5,7,9
VREF- 100
mV
VREF
Single-Ended Reference
Voltage
5,9
900
mV
Output Characteristics
VOH
Output HIGH Voltage
IOH= -6mA
VDDQ- 0.4
V
IOH= -100µA
VDDQ- 0.1
V
VOL
Output LOW Voltage
IOL= 6mA
0.4
V
IOL= 100µA
0.1
V
NOTES:
1. See RECOMMENDED OPERATING RANGE table.
2. For 1.8V LVTTL single-ended operation, the RxS pin is allowed to float or tied to VDD/2 and A/VREF is tied to GND.
3. VDIF specifies the minimum input differential voltage (VTR - VCP) required for switching where VTR is the "true" input level and VCP is the "complement" input
level. Differential mode only. The DC differential voltage must be maintained to guarantee retaining the existing HIGH or LOW input. The AC differential
voltage must be achieved to guarantee switching to a new state.
4. VCM specifies the maximum allowable range of (VTR + VCP) /2. Differential mode only.
5. For single-ended operation in differential mode, A/VREF is tied to the DC voltage VREF. The input is guaranteed to toggle within ±200mV of VREF when VREF is
constrained within +600mV and VDDI-600mV, where VDDI is the nominal 1.8V power supply of the device driving the A input. To guarantee switching in voltage
range specified in the JEDEC 1.8V LVTTL interface specification, VREF must be maintained at 900mV with appropriate tolerances.
6. Voltage required to maintain a logic HIGH, single-ended operation in differential mode.
7. Voltage required to maintain a logic LOW, single-ended operation in differential mode.
8. Typical values are at VDD = 2.5V, VDDQ = 1.8V, +25°C ambient.
9. The reference clock input is capable of HSTL, eHSTL, LVEPECL, 1.8V or 2.5V LVTTL operation independent of the device output. The correct input interface
table should be referenced.
10. This value is the worst case minimum VIH over the specification range of the 1.8V power supply. The 1.8V LVTTL specification is VIH = 0.65 • VDD where VDD
is 1.8V ±0.15V. However, the LVTTL translator is supplied by a 2.5V nominal supply on this part. To ensure compliance with the specification, the translator
was designed to accept the calculated worst case value (VIH = 0.65 • [1.8 - 0.15V]) rather than reference against a nominal 1.8V supply.
11. This value is the worst case maximum VIL over the specification range of the 1.8V power supply. The 1.8V LVTTL specification is VIL = 0.35 • VDD where VDD
is 1.8V ± 0.15V. However, the LVTTL translator is supplied by a 2.5V nominal supply on this part. To ensure compliance with the specification, the translator
was designed to accept the calculated worst case value (VIH = 0.35 • [1.8 + 0.15V]) rather than reference against a nominal 1.8V supply.
12. For differential mode (RxS = LOW), A and A/VREF must be at the opposite rail.


Similar Part No. - ASM2I5T905AG-28TR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM2I5T9070AF-48TR PULSECORE-ASM2I5T9070AF-48TR Datasheet
417Kb / 9P
   2.5V Single Data Rate 1:10 Clock Buffer Terabuffer
ASM2I5T9070AF-48TT PULSECORE-ASM2I5T9070AF-48TT Datasheet
417Kb / 9P
   2.5V Single Data Rate 1:10 Clock Buffer Terabuffer
ASM2I5T9070AG-48TR PULSECORE-ASM2I5T9070AG-48TR Datasheet
417Kb / 9P
   2.5V Single Data Rate 1:10 Clock Buffer Terabuffer
ASM2I5T9070AG-48TT PULSECORE-ASM2I5T9070AG-48TT Datasheet
417Kb / 9P
   2.5V Single Data Rate 1:10 Clock Buffer Terabuffer
More results

Similar Description - ASM2I5T905AG-28TR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5T9050 IDT-5T9050 Datasheet
177Kb / 9P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
IDT5T905 IDT-IDT5T905 Datasheet
102Kb / 17P
   2.5V SINGLE DATA RATE 1:5 CLOCK BUFFER TERABUFFER
5T90533 IDT-5T90533 Datasheet
223Kb / 19P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
IDT5T9050 IDT-IDT5T9050 Datasheet
52Kb / 7P
   2.5V SINGLE DATA RATE 1:5 CLOCK BUFFER TERABUFFER??JR
logo
Renesas Technology Corp
5T90533 RENESAS-5T90533 Datasheet
489Kb / 20P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer™
Mar 2020
logo
PulseCore Semiconductor
ASM2P5T9070A PULSECORE-ASM2P5T9070A Datasheet
417Kb / 9P
   2.5V Single Data Rate 1:10 Clock Buffer Terabuffer
logo
Integrated Device Techn...
IDT5T907 IDT-IDT5T907 Datasheet
105Kb / 17P
   2.5V SINGLE DATA RATE 1:10 CLOCK BUFFER TERABUFFER
logo
Renesas Technology Corp
5T9050 RENESAS-5T9050 Datasheet
373Kb / 10P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer™ Jr
Mar 2020
logo
Integrated Device Techn...
IDT5T9070 IDT-IDT5T9070 Datasheet
57Kb / 7P
   2.5V SINGLE DATA RATE 1:10 CLOCK BUFFER TERABUFFER
logo
PulseCore Semiconductor
PCS2P5T907A PULSECORE-PCS2P5T907A Datasheet
752Kb / 21P
   2.5V Single Data Rate 1:10 Clock Buffer Terabuffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com