Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

805J1K5E Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # 805J1K5E
Description  Metal-Mite짰 Aluminum Housed Axial Term. Wirewound, 1% Tolerance
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

805J1K5E Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  805J1K5E Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
22
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
23
S T A N D A R D P A R T N U M B E R S
The 89 Series is a high-per-
formance axial type resistor.
These molded-construction
metal-housed resistors are
available in higher power rat-
ings than standard axial resis-
tors and are better suited to
withstanding vibration, shock
and harsh environmental con-
ditions.
The 89 Series Metal-Mite®
resistors are aluminum housed
to maintain high stability during
operation and to permit secure
mounting to chassis surfaces.
The metal housing also
provides heat-sinking capabili-
ties.
F E A T U R E S
• High Stability: ±0.5% ΔR.
• High power to size ratio.
• Metal housing allows chassis
mounting and provides heat sink
capability.
89 Series
Metal-Mite® Aluminum Housed
Axial Term. Wirewound, 1% Tolerance
Series
Wattage
Ohms
Voltage
805
5
0.10-25K
210
810
10
0.10-50K
320
825
25
0.005-75K
520
850
50
0.005-100K
1170
Non-Inductive versions available. Insert “N” before tolerance code. Example: 850NF560
P
terminal
hole dia.
J
R
B
Q
D
G
L
M
A
F
N
E
K
mount
hole dia.
H
C
5 watt
10 watt
25 watt
50 watt
Series (Industrial)
805
810
825
850
Dimensions
Dim. A (in. ±0.062 / mm ±1.57) 1.125 / 28.59 1.375 / 34.93 1.938 / 49.23 2.781 / 70.64
Dim. B (in. ±0.010 / mm ±0.25) 0.490 / 12.45 0.625 / 15.88 0.781 / 19.84 0.844 / 21.44
Dim. C (in. ±0.031 / mm ±0.79) 0.078 / 1.98 0.094 / 2.39 0.172 / 4.37 0.188 / 4.78
Dim. D (in. ±0.010 / mm ±0.25) 0.444 / 11.28 0.562 / 14.28 0.719 / 18.26 1.562 / 39.68
Dim. E (in. ±0.062 / mm ±1.57) 0.600 / 15.24 0.750 / 19.05 1.062 / 26.98 1.938 / 49.23
Dim. F (in. ±0.062 / mm ±1.57) 0.266 / 6.76 0.312 / 7.93 0.438 / 11.13 0.438 / 11.13
Dim. G (in. ±0.062 / mm ±1.57) 0.334 / 8.48 0.438 / 11.13 0.531 / 13.49 0.594 / 15.09
Dim. H (in. ±0.031 / mm ±0.79) 0.245 / 6.22 0.312 / 7.93 0.391 / 9.93 0.422 / 10.72
Dim. J (in. ±0.031 / mm ±0.79) 0.646 / 16.41 0.812 / 20.63 1.094 / 27.79 1.156 / 29.36
Dim. K (in. ±0.005 / mm ±0.13) 0.093 / 2.36 0.094 / 2.39 0.125 / 3.18 0.125 / 3.18
Dim. L (in. ±0.031 / mm ±0.79) 0.320 / 8.13 0.406 / 10.31 0.562 / 14.28 0.625 / 15.88
Dim. M (in. ±0.062 / mm ±1.57) 0.133 / 3.38 0.203 / 5.16 0.281 / 7.14 0.312 / 7.92
Dim. N (in. ±0.031 / mm ±0.79) 0.065 / 1.65 0.094 / 2.39 0.094 / 2.39 0.094 / 2.39
Dim. P (in. ±0.005 / mm ±0.13) 0.050 / 1.27 0.085 / 2.16 0.085 / 2.16 0.085 / 2.16
Q min AWG
16
12
12
12
Dim. R (in., min/mm, min)
0.085/ 2.16
0.140/ 3.56
0.140/ 3.56
0.140/ 3.56
0.005–––R005
 
0.010–––R010
 
0.025–––R025
 
0.1 –––R10
 
0.3 –––R30
 
0.5 –––R50
 
0.7 –––R70
 
1.0 –––1R0
   
1.5
–––1R5
 
2.0 –––2R0
   
3.0
–––3R0
   
4.0 –––4R0
 
5.0 –––5R0
   
10.0 –––10R
   
15.0 –––15R
   
20 –––20R
 
25 –––25R
   
30 –––30R
 
40 –––40R
 
50 –––50R
   
75 –––75R
   
100
–––100
   
150
–––150
   
200
–––200
   
250
–––250
   
300
–––300
 
400
–––400
 
500
–––500
   
750
–––750
   
1,000 –––1K0
   
1,500 –––1K5
   
2,000 –––2K0
   
2,500 –––2K5
 
3,000 –––3K0
   
3,500 –––3K5
 
4,000 –––4K0
 
4,500 –––4K5
 
5,000 –––5K0
   
6,000 –––6K0
 
10,000 –––10K
   
15,000 –––15K
   
20,000 –––20K
 
25,000 –––25K
   
50,000 –––50K
75,000 –––75K
100,000 –––100K
= Standard values
= Non-standard values subject to minimum
handling charge per item
Shaded values involve very fine resistance wire and
should not be used in critical applications without
burn-in and/or thermal cycling.
Wattage
Part No.
Prefix 
Suffix
Wattage
Part No.
Prefix 
Suffix
Wattage
Part No.
Prefix 
Suffix
S P E C I F I C A T I O N S
Material
Housing: Metal, anodized alumi-
num.
Internal Coating: Silicone.
Core: Ceramic.
Terminals: Solder-coated axial.
Derating: Linearly from
100% @ +25°C to 0% @
+275°C.
Electrical
Tolerance: ±1% and ±5% (other
tolerances available).
Power rating: Rating is based
on chassis mounting area and
temperature stability. Proper
heat sink as follows: 5W and
10W units, 4” x 6” x 2” x .040”
Aluminum chassis; 25W units, 5”
x 7” x 2” x .040” Aluminum chas-
sis; 50W units, 12” x 12” x .059”
Aluminum panel.
Maximum ohmic values:
See chart.
Overload: 5 times rated wattage
for 5 seconds.
Temperature coefficient:
Under 1Ω: ±90 ppm/°C
1 to 9.99Ω: ±50 ppm/°C
10Ω and over: ±20 ppm/°C.
Dielectric withstanding voltage:
5W and 10W rating,1000 VAC;
25 and 50W ratings, 2250 VAC.
O R D E R I N G I N F O R M A T I O N
8 0 5 N F 5 R 0 E
Series
805 = 5 Watt
810 = 10 watt
825 = 25 watt
850 = 50 watt
Ohms
R005= 0.005Ω
R10 = 0.1Ω
1R0 = 1.0Ω
250 =
250Ω
1K0 = 1,000Ω
1K5 = 1,500Ω
25K = 25,000Ω
RoHS
Compliant
Tolerance
F = 1%
J = 5%
Non-Inductive Winding
Optional (blank = std. winding)
As of September 2006,
the 89 Series is no longer
offered as Mil. Spec.
Check product availability at
www.ohmite.com


Similar Part No. - 805J1K5E

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
805 TEC-805 Datasheet
182Kb / 3P
   TO-5 Series Accelerometer
logo
List of Unclassifed Man...
805-00002 ETC2-805-00002 Datasheet
819Kb / 16P
   Eddie Robot Platform
805-00012 ETC2-805-00012 Datasheet
134Kb / 11P
   Parallax Serial LCD
805-00038 ETC1-805-00038 Datasheet
127Kb / 1P
   X-Cite Mini LED illuminator
805-00040 ETC1-805-00040 Datasheet
127Kb / 1P
   X-Cite Mini LED illuminator
More results

Similar Description - 805J1K5E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
825F20RE ETC2-825F20RE Datasheet
116Kb / 1P
   Metal-Mite짰 Aluminum Housed Axial Term. Wirewound, 1% Tolerance
logo
Ohmite Mfg. Co.
HS100F1R0E OHMITE-HS100F1R0E Datasheet
210Kb / 2P
   Aluminum Housed Axial Terminal Wirewound, Industrial/Commercial Grade
WFH90L4R7KE OHMITE-WFH90L4R7KE Datasheet
111Kb / 1P
   Aluminum Housed Wirewound Power
WFH OHMITE-WFH Datasheet
319Kb / 2P
   Aluminum Housed Wirewound Power
logo
Riedon Powertron
UAL-5 RIEDON-UAL-5 Datasheet
540Kb / 4P
   Aluminum Housed Wirewound Resistors
logo
Willow Technologies Ltd
UAL WILLOW-UAL Datasheet
645Kb / 4P
   Aluminum Housed Wirewound Resistors
logo
Riedon Powertron
UAL25-75RF8 RIEDON-UAL25-75RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL10-20KF8 RIEDON-UAL10-20KF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-1K5F8 RIEDON-UAL25-1K5F8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-12RF8 RIEDON-UAL25-12RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com