Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM2I99456G-32-ER Datasheet(PDF) 9 Page - PulseCore Semiconductor

Part # ASM2I99456G-32-ER
Description  3.3V/2.5V LVCMOS Clock Fanout Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2I99456G-32-ER Datasheet(HTML) 9 Page - PulseCore Semiconductor

Back Button ASM2I99456G-32-ER Datasheet HTML 5Page - PulseCore Semiconductor ASM2I99456G-32-ER Datasheet HTML 6Page - PulseCore Semiconductor ASM2I99456G-32-ER Datasheet HTML 7Page - PulseCore Semiconductor ASM2I99456G-32-ER Datasheet HTML 8Page - PulseCore Semiconductor ASM2I99456G-32-ER Datasheet HTML 9Page - PulseCore Semiconductor ASM2I99456G-32-ER Datasheet HTML 10Page - PulseCore Semiconductor ASM2I99456G-32-ER Datasheet HTML 11Page - PulseCore Semiconductor ASM2I99456G-32-ER Datasheet HTML 12Page - PulseCore Semiconductor ASM2I99456G-32-ER Datasheet HTML 13Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
November 2006
ASM2I99456
rev 0.3
3.3V/2.5V LVCMOS Clock Fanout Buffer
9 of 14
Notice: The information in this document is subject to change without notice.
Power Consumption of the ASM2I99456 and
Thermal Management
The ASM2I99456 AC specification is guaranteed for the
entire operating frequency range up to 250MHz. The
ASM2I99456 power consumption and the associated
long-term
reliability
may
decrease
the
maximum
frequency limit, depending on operating conditions such
as clock frequency, supply voltage, output loading,
ambient temperature, vertical convection and thermal
conductivity of package and board. This section
describes the impact of these parameters on the junction
temperature and gives a guideline to estimate the
ASM2I99456 die junction temperature and the associated
device reliability.
Table 11. Die junction temperature and MTBF
Junction temperature (°C)
MTBF (Years)
100
20.4
110
9.1
120
4.2
130
2.0
Increased power consumption will increase the die
junction temperature and impact the device reliability
(MTBF). According to the system-defined tolerable
MTBF, the die junction temperature of the ASM2I99456
needs to be controlled and the thermal impedance of the
board/package
should
be
optimized.
The
power
dissipated in the
ASM2I99456
is represented in
equation 1.
Where ICCQ is the static current consumption of the
ASM2I99456, CPD is the power dissipation capacitance
per output,
(Μ)ΣCL represents the external capacitive
output load, N is the number of active outputs (N is
always 12 in case of the ASM2I99456). The ASM2I99456
supports driving transmission lines to maintain high signal
integrity and tight timing parameters. Any transmission
line will hide the lumped capacitive load at the end of the
board trace, therefore,
ΣCL is zero for controlled
transmission line systems and can be eliminated from
equation 1. Using parallel termination output termination
results in equation 2 for power dissipation.
In equation 2, P stands for the number of outputs with a
parallel or thevenin termination, VOL, IOL, VOH and IOH are
a function of the output termination technique and DCQ is
the clock signal duty cycle. If transmission lines are used
ΣCL is zero in equation 2 and can be eliminated. In
general, the use of controlled transmission line
techniques eliminates the impact of the lumped capacitive
loads at the end lines and greatly reduces the power
dissipation of the device. Equation 3 describes the die
junction temperature TJ as a function of the power
consumption.
Where Rthja is the thermal impedance of the package
(junction to ambient) and TA is the ambient temperature.
According to Table 11, the junction temperature can be
used to estimate the long-term device reliability. Further,
combining equation 1 and equation 2 results in a
maximum operating frequency for the ASM2I99456 in a
series terminated transmission line system, equation 4.


Similar Part No. - ASM2I99456G-32-ER

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM2I99456G-32-ER ALSC-ASM2I99456G-32-ER Datasheet
554Kb / 14P
   3.3V/2.5V LVCMOS Clock Fanout Buffer
More results

Similar Description - ASM2I99456G-32-ER

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM2I99456 ALSC-ASM2I99456 Datasheet
554Kb / 14P
   3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9443 RENESAS-MPC9443 Datasheet
469Kb / 16P
   2.5V, 3.3V LVCMOS Clock Fanout Buffer
2019
MPC9446 RENESAS-MPC9446 Datasheet
363Kb / 13P
   3.3V and 2.5V, LVCMOS Clock Fanout Buffer
2019
logo
Motorola, Inc
MPC9446 MOTOROLA-MPC9446 Datasheet
217Kb / 12P
   2.5V and 3.3V LVCMOS Clock Fanout Buffer
logo
Integrated Device Techn...
MPC9446 IDT-MPC9446 Datasheet
708Kb / 11P
   3.3V AND 2.5V, LVCMOS CLOCK FANOUT BUFFER
MPC9446AC IDT-MPC9446AC Datasheet
376Kb / 12P
   3.3V and 2.5V, LVCMOS Clock Fanout Buffer
logo
Freescale Semiconductor...
MPC9456 FREESCALE-MPC9456 Datasheet
292Kb / 12P
   2.5V AND 3.3V LVCMOS CLOCK FANOUT BUFFER
logo
Motorola, Inc
MPC9443 MOTOROLA-MPC9443 Datasheet
333Kb / 16P
   2.5V AND 3.3V LVCMOS CLOCK FANOUT BUFFER
MPC9448 MOTOROLA-MPC9448 Datasheet
263Kb / 12P
   3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9447 RENESAS-MPC9447 Datasheet
325Kb / 12P
   3.3V, 2.5V, 1:9 LVCMOS Clock Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com