Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM2P5T905AF-28TR Datasheet(PDF) 10 Page - PulseCore Semiconductor

Part # ASM2P5T905AF-28TR
Description  2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2P5T905AF-28TR Datasheet(HTML) 10 Page - PulseCore Semiconductor

Back Button ASM2P5T905AF-28TR Datasheet HTML 6Page - PulseCore Semiconductor ASM2P5T905AF-28TR Datasheet HTML 7Page - PulseCore Semiconductor ASM2P5T905AF-28TR Datasheet HTML 8Page - PulseCore Semiconductor ASM2P5T905AF-28TR Datasheet HTML 9Page - PulseCore Semiconductor ASM2P5T905AF-28TR Datasheet HTML 10Page - PulseCore Semiconductor ASM2P5T905AF-28TR Datasheet HTML 11Page - PulseCore Semiconductor ASM2P5T905AF-28TR Datasheet HTML 12Page - PulseCore Semiconductor ASM2P5T905AF-28TR Datasheet HTML 13Page - PulseCore Semiconductor ASM2P5T905AF-28TR Datasheet HTML 14Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
November 2006
ASM2P5T905A
rev 0.2
2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
10 of 19
Notice: The information in this document is subject to change without notice.
Power Supply Characteristics for 2.5V LVTTL Outputs
1
Symbol
Parameter
Test Conditions
2
Typ
Max
Unit
IDDQ
Quiescent VDD Power Supply
Current
VDDQ= Max., Reference Clock = LOW
3
Outputs enabled, All outputs unloaded
20
30
mA
IDDQQ
Quiescent VDDQ Power Supply
Current
VDDQ= Max., Reference Clock = LOW
3
Outputs enabled, All outputs unloaded
0.1
0.3
mA
IDDD
Dynamic VDD Power Supply
Current per Output
VDD= Max., VDDQ= Max., CL= 0pF
15
20
µA/MHz
IDDDQ
Dynamic VDDQ Power Supply
Current per Output
VDD= Max., VDDQ= Max., CL= 0pF
30
40
µA/MHz
VDDQ= 2.5V, FREFERENCE CLOCK= 100MHz,
CL= 15pF
20
40
ITOT
Total Power VDD Supply
Current
VDDQ= 2.5V, FREFERENCE CLOCK= 200MHz,
CL= 15pF
30
50
mA
VDDQ= 2.5V, FREFERENCE CLOCK= 100MHz,
CL= 15pF
30
50
ITOTQ
Total Power VDDQ Supply
Current
VDDQ= 2.5V, FREFERENCE CLOCK= 200MHz,
CL= 15pF
70
100
mA
NOTES:
1. These power consumption characteristics are for all the valid input interfaces and cover the worst case input and output interface combinations.
2. The termination resistors are excluded from these measurements.
3. If the differential input interface is used, the true input is held LOW and the complementary input is held HIGH.
Differential Input AC Test Conditions for 2.5V LVTTL
Symbol
Parameter
Value
Units
VDIF
Input Signal Swing
1
VDD
V
VX
Differential Input Signal Crossing Point
2
VDD/2
V
VTHI
Input Timing Measurement Reference Level
3
Crossing Point
V
tR, tF
Input Signal Edge Rate
4
2.5
V/nS
NOTES:
1. A nominal 2.5V peak-to-peak input pulse level is specified to allow consistent, repeatable results in automatic test equipment (ATE) environment. Compliant
devices must meet the VDIF (AC) specification under actual use conditions.
2. A nominal 1.25V crossing point level is specified to allow consistent, repeatable results in an automatic test equipment (ATE) environment. Compliant devices
must meet the VX specification under actual use conditions.
3. In all cases, input waveform timing is marked at the differential cross-point of the input signals.
4. The input signal edge rate of 2.5V/nS or greater is to be maintained in the 20% to 80% range of the input waveform.
Single-Ended Input AC Test Conditions for 2.5V LVTTL
Symbol
Parameter
Value
Units
VIH
Input HIGH Voltage
VDD
V
VIL
Input LOW Voltage
0
V
VTHI
Input Timing Measurement Reference Level
1
VDD/2
V
tR, tF
Input Signal Edge Rate
2
2
V/nS
NOTES:
1. A nominal 1.25V timing measurement reference level is specified to allow constant, repeatable results in an automatic test equipment (ATE) environment.
2. The input signal edge rate of 2V/nS or greater is to be maintained in the 10% to 90% range of the input waveform.


Similar Part No. - ASM2P5T905AF-28TR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM2P5T9070A PULSECORE-ASM2P5T9070A Datasheet
417Kb / 9P
   2.5V Single Data Rate 1:10 Clock Buffer Terabuffer
ASM2P5T9070AF-48TR PULSECORE-ASM2P5T9070AF-48TR Datasheet
417Kb / 9P
   2.5V Single Data Rate 1:10 Clock Buffer Terabuffer
ASM2P5T9070AF-48TT PULSECORE-ASM2P5T9070AF-48TT Datasheet
417Kb / 9P
   2.5V Single Data Rate 1:10 Clock Buffer Terabuffer
ASM2P5T9070AG-48TR PULSECORE-ASM2P5T9070AG-48TR Datasheet
417Kb / 9P
   2.5V Single Data Rate 1:10 Clock Buffer Terabuffer
ASM2P5T9070AG-48TT PULSECORE-ASM2P5T9070AG-48TT Datasheet
417Kb / 9P
   2.5V Single Data Rate 1:10 Clock Buffer Terabuffer
More results

Similar Description - ASM2P5T905AF-28TR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5T9050 IDT-5T9050 Datasheet
177Kb / 9P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
IDT5T905 IDT-IDT5T905 Datasheet
102Kb / 17P
   2.5V SINGLE DATA RATE 1:5 CLOCK BUFFER TERABUFFER
5T90533 IDT-5T90533 Datasheet
223Kb / 19P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
IDT5T9050 IDT-IDT5T9050 Datasheet
52Kb / 7P
   2.5V SINGLE DATA RATE 1:5 CLOCK BUFFER TERABUFFER??JR
logo
Renesas Technology Corp
5T90533 RENESAS-5T90533 Datasheet
489Kb / 20P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer™
Mar 2020
logo
PulseCore Semiconductor
ASM2P5T9070A PULSECORE-ASM2P5T9070A Datasheet
417Kb / 9P
   2.5V Single Data Rate 1:10 Clock Buffer Terabuffer
logo
Integrated Device Techn...
IDT5T907 IDT-IDT5T907 Datasheet
105Kb / 17P
   2.5V SINGLE DATA RATE 1:10 CLOCK BUFFER TERABUFFER
logo
Renesas Technology Corp
5T9050 RENESAS-5T9050 Datasheet
373Kb / 10P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer™ Jr
Mar 2020
logo
Integrated Device Techn...
IDT5T9070 IDT-IDT5T9070 Datasheet
57Kb / 7P
   2.5V SINGLE DATA RATE 1:10 CLOCK BUFFER TERABUFFER
logo
PulseCore Semiconductor
PCS2P5T907A PULSECORE-PCS2P5T907A Datasheet
752Kb / 21P
   2.5V Single Data Rate 1:10 Clock Buffer Terabuffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com