Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM2P5T905AF-28TR Datasheet(PDF) 7 Page - PulseCore Semiconductor

Part # ASM2P5T905AF-28TR
Description  2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2P5T905AF-28TR Datasheet(HTML) 7 Page - PulseCore Semiconductor

Back Button ASM2P5T905AF-28TR Datasheet HTML 3Page - PulseCore Semiconductor ASM2P5T905AF-28TR Datasheet HTML 4Page - PulseCore Semiconductor ASM2P5T905AF-28TR Datasheet HTML 5Page - PulseCore Semiconductor ASM2P5T905AF-28TR Datasheet HTML 6Page - PulseCore Semiconductor ASM2P5T905AF-28TR Datasheet HTML 7Page - PulseCore Semiconductor ASM2P5T905AF-28TR Datasheet HTML 8Page - PulseCore Semiconductor ASM2P5T905AF-28TR Datasheet HTML 9Page - PulseCore Semiconductor ASM2P5T905AF-28TR Datasheet HTML 10Page - PulseCore Semiconductor ASM2P5T905AF-28TR Datasheet HTML 11Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
November 2006
ASM2P5T905A
rev 0.2
2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
7 of 19
Notice: The information in this document is subject to change without notice.
DC Electrical Characteristics over Operating Range for eHSTL
1
Symbol
Parameter
Test Conditions
Min
Typ
7
Max
Unit
Input Characteristics
IIH
Input HIGH Current
9
VDD = 2.6V
VI = VDDQ/GND
±5
IIL
Input LOW Current
9
VDD = 2.6V
VI = GND/VDDQ
±5
µA
VIK
Clamp Diode Voltage
VDD = 2.4V, IIN = -18mA
- 0.7
- 1.2
V
VIN
DC Input Voltage
-0.3
+3.6
V
VDIF
DC Differential Voltage
2,8
0.2
V
VCM
DC Common Mode Input
Voltage
3,8
800
900
1000
mV
VIH
DC Input HIGH
4,5,8
VREF+ 100
-
mV
VIL
DC Input LOW
4,6,8
VREF-100
mV
VREF
Single-Ended Reference
Voltage
4,8
900
mV
Output Characteristics
IOH= -8mA
VDDQ- 0.4
V
VOH
Output HIGH Voltage
IOH= -100µA
VDDQ- 0.1
V
IOL= 8mA
0.4
V
VOL
Output LOW Voltage
IOL= 100µA
0.1
V
NOTES:
1. See RECOMMENDED OPERATING RANGE table.
2. VDIF specifies the minimum input differential voltage (VTR - VCP) required for switching where VTR is the "true" input level and VCP is the "complement" input
level. Differential mode only. The DC differential voltage must be maintained to guarantee retaining the existing HIGH or LOW input. The AC differential
voltage must be achieved to guarantee switching to a new state.
3. VCM specifies the maximum allowable range of (VTR + VCP) /2. Differential mode only.
4. For single-ended operation, in a differential mode, A/VREF is tied to the DC voltage VREF.
5. Voltage required to maintain a logic HIGH, single-ended operation in differential mode.
6. Voltage required to maintain a logic LOW, single-ended operation in differential mode.
7. Typical values are at VDD = 2.5V, VDDQ = 1.8V, +25°C ambient.
8. The reference clock input is capable of HSTL, eHSTL, LVEPECL, 1.8V or 2.5V LVTTL operation independent of the device output. The correct input interface
table should be referenced.
9. For differential mode (RxS = LOW), A and A/VREF must be at the opposite rail.
Power Supply Characteristics for eHSTL Outputs
1
Symbol
Parameter
Test Conditions
2
Typ
Max
Unit
IDDQ
Quiescent VDD Power Supply
Current
VDDQ= Max., Reference Clock = LOW
3
Outputs enabled, All outputs unloaded
20
30
mA
IDDQQ
Quiescent VDDQ Power Supply
Current
VDDQ= Max., Reference Clock = LOW
3
Outputs enabled, All outputs unloaded
0.1
0.3
mA
IDDD
Dynamic VDD Power Supply
Current per Output
VDD= Max., VDDQ= Max., CL= 0pF
10
20
µA/MHz
IDDDQ
Dynamic VDDQ Power Supply
Current per Output
VDD= Max., VDDQ= Max., CL= 0pF
20
30
µA/MHz
VDDQ= 1.8V, FREFERENCE CLOCK= 100MHz,
CL= 15pF
20
30
ITOT
Total Power VDD Supply
Current
VDDQ= 1.8V, FREFERENCE CLOCK= 250MHz,
CL= 15pF
25
40
mA
VDDQ= 1.8V, FREFERENCE CLOCK= 100MHz,
CL= 15pF
20
40
ITOTQ
Total Power VDDQ Supply
Current
VDDQ= 1.8V, FREFERENCE CLOCK= 250MHz,
CL= 15pF
40
80
mA
NOTES:
1. These power consumption characteristics are for all the valid input interfaces and cover the worst case input and output interface combinations.
2. The termination resistors are excluded from these measurements.
3. If the differential input interface is used, the true input is held LOW and the complementary input is held HIGH.


Similar Part No. - ASM2P5T905AF-28TR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM2P5T9070A PULSECORE-ASM2P5T9070A Datasheet
417Kb / 9P
   2.5V Single Data Rate 1:10 Clock Buffer Terabuffer
ASM2P5T9070AF-48TR PULSECORE-ASM2P5T9070AF-48TR Datasheet
417Kb / 9P
   2.5V Single Data Rate 1:10 Clock Buffer Terabuffer
ASM2P5T9070AF-48TT PULSECORE-ASM2P5T9070AF-48TT Datasheet
417Kb / 9P
   2.5V Single Data Rate 1:10 Clock Buffer Terabuffer
ASM2P5T9070AG-48TR PULSECORE-ASM2P5T9070AG-48TR Datasheet
417Kb / 9P
   2.5V Single Data Rate 1:10 Clock Buffer Terabuffer
ASM2P5T9070AG-48TT PULSECORE-ASM2P5T9070AG-48TT Datasheet
417Kb / 9P
   2.5V Single Data Rate 1:10 Clock Buffer Terabuffer
More results

Similar Description - ASM2P5T905AF-28TR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5T9050 IDT-5T9050 Datasheet
177Kb / 9P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
IDT5T905 IDT-IDT5T905 Datasheet
102Kb / 17P
   2.5V SINGLE DATA RATE 1:5 CLOCK BUFFER TERABUFFER
5T90533 IDT-5T90533 Datasheet
223Kb / 19P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
IDT5T9050 IDT-IDT5T9050 Datasheet
52Kb / 7P
   2.5V SINGLE DATA RATE 1:5 CLOCK BUFFER TERABUFFER??JR
logo
Renesas Technology Corp
5T90533 RENESAS-5T90533 Datasheet
489Kb / 20P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer™
Mar 2020
logo
PulseCore Semiconductor
ASM2P5T9070A PULSECORE-ASM2P5T9070A Datasheet
417Kb / 9P
   2.5V Single Data Rate 1:10 Clock Buffer Terabuffer
logo
Integrated Device Techn...
IDT5T907 IDT-IDT5T907 Datasheet
105Kb / 17P
   2.5V SINGLE DATA RATE 1:10 CLOCK BUFFER TERABUFFER
logo
Renesas Technology Corp
5T9050 RENESAS-5T9050 Datasheet
373Kb / 10P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer™ Jr
Mar 2020
logo
Integrated Device Techn...
IDT5T9070 IDT-IDT5T9070 Datasheet
57Kb / 7P
   2.5V SINGLE DATA RATE 1:10 CLOCK BUFFER TERABUFFER
logo
PulseCore Semiconductor
PCS2P5T907A PULSECORE-PCS2P5T907A Datasheet
752Kb / 21P
   2.5V Single Data Rate 1:10 Clock Buffer Terabuffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com