Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C52PJA Datasheet(PDF) 2 Page - Texas Instruments

Part # TMS320C52PJA
Description  DIGITAL SIGNAL PROCESSORS
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C52PJA Datasheet(HTML) 2 Page - Texas Instruments

  TMS320C52PJA Datasheet HTML 1Page - Texas Instruments TMS320C52PJA Datasheet HTML 2Page - Texas Instruments TMS320C52PJA Datasheet HTML 3Page - Texas Instruments TMS320C52PJA Datasheet HTML 4Page - Texas Instruments TMS320C52PJA Datasheet HTML 5Page - Texas Instruments TMS320C52PJA Datasheet HTML 6Page - Texas Instruments TMS320C52PJA Datasheet HTML 7Page - Texas Instruments TMS320C52PJA Datasheet HTML 8Page - Texas Instruments TMS320C52PJA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 91 page
background image
TMS320C5x, TMS320LC5x
DIGITAL SIGNAL PROCESSORS
SPRS030A – APRIL 1995 – REVISED APRIL 1996
2
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
description (continued)
Table 1 provides a comparison of the devices in the ’C5x generation. It shows the capacity of on-chip RAM and
ROM memories, number of serial and parallel I/O ports, execution time of one machine cycle, and type of
package with total pin count.
Table 1. Characteristics of the ’C5x Processors
ON-CHIP MEMORY (16-BIT WORDS)
I/O PORTS
POWER
CYCLE
TMS320
DARAM
SARAM
ROM
I/O PORTS
POWER
SUPPLY
CYCLE
TIME
PACKAGE
TYPE
DEVICES
DATA
DATA +
PROG
DATA +
PROG
PROG
SERIAL
PARALLEL†
SUPPLY
(V)
TIME
(ns)
TYPE
QFP‡
TMS320C50
544
512
9K
2K§
2
64K
5
50/35/25
132 pin
TMS320LC50
544
512
9K
2K§
2
64K
3.3
50/40/25
132 pin
TMS320C51
544
512
1K
8K§
2
64K
5
50/35/25/20
100/132 pin
TMS320LC51
544
512
1K
8K§
2
64K
3.3
50/40/25
100/132 pin
TMS320C52
544
512
4K§
64K
5
50/35/25/20
100 pin
TMS320LC52
544
512
4K§
64K
3.3
50/40/25
100 pin
TMS320C53
544
512
3K
16K§
2
64K
5
50/35/25
132 pin
TMS320LC53
544
512
3K
16K§
2
64K
3.3
50/40/25
132 pin
TMS320C53S
544
512
3K
16K§
2 ¶
64K
5
50/35/25
100 pin
TMS320LC53S
544
512
3K
16K§
2 ¶
64K
3.3
50/40/25
100 pin
TMS320LC56
544
512
6K
32K
2 #
64K
3.3
35/25
100 pin
TMS320LC57
544
512
6K
32K
2 #
64K + HPI ||
3.3
35/25
128 pin
TMS320C57S
544
512
6K
2K§
2 #
64K + HPI ||
5
50/35/25
144 pin
TMS320LC57S
544
512
6K
2K§
2 #
64K + HPI ||
3.3
50/35
144 pin
† Sixteen of the 64K parallel I/O ports are memory mapped.
‡ QFP = Quad flatpack
§ ROM boot loader available
¶ TDM serial port not available
# Includes auto-buffered serial port (BSP) but TDM serial port not available
|| HPI = Host port interface
Pinouts for each package are device-specific.


Similar Part No. - TMS320C52PJA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C52PJA TI1-TMS320C52PJA Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C52PJA57 TI1-TMS320C52PJA57 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320C52PJA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com