Part Name
         Description
ASM2I9940L

 Low Voltage 1:18 Clock Distribution Chip ( 13 Page)


PULSECORE
100% 
Zoom Out Zoom In
 
 4 page
background image
April 2007
ASM2I9940L
rev 1.2
Low Voltage 1:18 Clock Distribution Chip
4 of 13
Notice: The information in this document is subject to change without notice.
Table 5. DC Characteristics (T
A =-40° to +85°C, VCCI = 3.3V ± 5%, VCCO = 3.3V ± 5%)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
VIH
Input HIGH Voltage
CMOS_CLK
2.0
VCCI
V
VIL
Input LOW Voltage
CMOS_CLK
0.8
V
VPP
Peak–to–Peak Input
Voltage
PECL_CLK
500
1000
mV
VCMR
Common Mode Range
PECL_CLK
VCC-1.4
VCC-0.6
V
VOH
Output HIGH Voltage
2.4
V
IOH = –20mA
VOL
Output LOW Voltage
0.5
V
IOH = 20mA
IIN
Input Current
±200
µA
CIN
Input Capacitance
4.0
pF
Cpd
Power Dissipation Capacitance
10
pF
per output
ZOUT
Output Impedance
18
23
28
ICC
Maximum Quiescent Supply Current
0.5
1.0
mA
Table 6. AC Characteristics (T
A = -40° to +85°C, VCCI = 3.3V ± 5%, VCCO = 3.3V ± 5%)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
Fmax
Maximum Input Frequency
250
MHz
tPLH
Propagation Delay
PECL_CLK < 150MHz
CMOS_CLK < 150MHz
2.0
1.7
2.7
2.5
3.4
3.0
nS
Note
1.
tPLH
Propagation Delay
PECL_CLK > 150MHz
CMOS_CLK > 150MHz
2.0
1.8
2.9
2.5
3.7
3.2
nS
tsk(o)
Output-to-output Skew
PECL_CLK
CMOS_CLK
150
150
pS
Note
1.
tsk(pp)
Part-to-Part Skew
PECL_CLK < 150MHz
CMOS_CLK < 150MHz
1.5
1.3
nS
Notes
1,2
tsk(pp)
Part-to-Part Skew
PECL_CLK > 150MHz
CMOS_CLK > 150MHz
1.8
1.5
nS
Notes
1,2
tsk(pp)
Part-to-Part Skew
PECL_CLK CMOS_CLK
850
750
pS
Notes
1,3
DC
Output Duty Cycle
fCLK < 134 MHz
fCLK <250 MHz
45
40
50
50
55
60
%
%
Input DC = 50%
Input DC = 50%
tr, tf
Output Rise/Fall Time
0.3
1.1
nS
0.5 – 2.4 V
Note: 1. Tested using standard input levels, Production tested @ 150MHz.
2. Across temperature and voltage ranges, includes output skew.
3. For a specific temperature and voltage, includes output skew.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MPC940LLOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP 1 2 3 4 5 MoreIntegrated Device Technology
MPC9109Low Voltage 1:18 Clock Distribution Chip 1 2 3 4 5 MoreIntegrated Device Technology
MPC942PLow Voltage 1:18 Clock Distribution Chip 1 2 3 4 5 MoreIntegrated Device Technology
PCK940LLow voltage 1 : 18 clock distribution chip 1 2 3 4 5 MoreNXP Semiconductors
ICS85408LOW SKEW 1-TO-8 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP 1 2 3 4 5 MoreIntegrated Circuit Systems
74LCX162541Low voltage CMOS 16-bit bus buffer with 5V tolerant inputs and outputs 1 2 3 4 5 MoreSTMicroelectronics
CY7B991VLow Voltage Programmable Skew Clock Buffer 1 2 3 4 5 MoreCypress Semiconductor
CY29940-12.5V or 3.3V 200-MHz 1:18 Clock Distribution Buffer 1 2 3 4 5 MoreCypress Semiconductor
MC10H641_06Single Supply PECL to TTL 1:9 Clock Distribution Chip 1 2 3 4 5 MoreON Semiconductor
CY7B9911V_07High Speed Low Voltage Programmable Skew Clock Buffer 1 2 3 4 5 MoreCypress Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl