Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSC-1S2415N Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TSC-1S2415N
Description  DC/DC CONVERTERS 7-pin SIP, 0.25 to 1 Watt
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TSC-1S2415N Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TSC-1S2415N Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
24 VDC IN
15 VDC IN
12 VDC IN
5 VDC IN
150 mA
60 mA
50 mA
±75 mA
±30 mA
±25 mA
303 mA
200 mA
84 mA
67 mA
±100 mA
±42 mA
±34 mA
MODEL NUMBER
OUTPUT
POWER
OUTPUT
VOLTAGE
OUTPUT
CURRENT
5 VDC
12 VDC
15 VDC
±5 VDC
±12 VDC
±15 VDC
3.3 VDC
5 VDC
12 VDC
15 VDC
±5 VDC
±12 VDC
±15 VDC
*0.285 (7.2) on 48V input models
PIN SIZE: 0.02 X 0.01 INCH
ALL DIMENSIONS IN INCHES (mm)
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25°C, Nominal Line, and Full
Load Unless Otherwise Noted.
INPUT SPECIFICATIONS
Input Voltage Range.................................................±10%
Input Filter........................................................Capacitors
OUTPUT SPECIFICATIONS
Voltage Accuracy..............................................±5%, Max.
Line Regulation, FL...............................±1.2%/%Vin, Max.
Load Regulation, FL-20%FL.............................±8%, Max.
(For regulated output models, see TSC Series.)
Ripple and Noise, 20MHz BW..................50 mVp-p, Typ.
100 mVp-p, Max.
Short Circuit Protection...................................Short Term
GENERAL SPECIFICATIONS
Efficiency.............................................................70 - 85%
Isolation Voltage, Input to Output.....................1,000 VDC
(For 3K VDC isolation models, see TSC-NH Series.)
Isolation Resistance...................................109 Ohms, Min.
Isolation Capacitance...............................................80pF
Switching Frequency....................................100 kHz, Min.
Operating Temperature, No Derating.......-25°C to +71°C
Storage Temperature Range..................-40°C to +125°C
Cooling...............................................Free Air Convection
MTBF per MIL-HDBK-217F @25°C..........>2,000k Hours
Weight....................................................0.1 oz. (3 grams)
Case Material.....................Non-Conductive Black Plastic
PIN
FUNCTION
PIN CONNECTIONS
1
2
4
5
6
*No pin on single output models.
0.75W
0.75W
0.75W
0.75W
0.75W
0.75W
0.85W
1.0W
1.0W
0.9W
1.0W
1.0W
0.9W
+V Input
-V Input
-V Output
Common*
+V Output
TSC-3QS0505N
TSC-3QS0512N
TSC-3QS0515N
TSC-3QD0505N
TSC-3QD0512N
TSC-3QD0515N
TSC-1S053.3N
TSC-1S0505N
TSC-1S0512N
TSC-1S0515N
TSC-1D0505N
TSC-1D0512N
TSC-1D0515N
TSC-3QS1505N
TSC-3QS1512N
TSC-3QS1515N
TSC-3QD1505N
TSC-3QD1512N
TSC-3QD1515N
TSC-1S153.3N
TSC-1S1505N
TSC-1S1512N
TSC-1S1515N
TSC-1D1505N
TSC-1D1512N
TSC-1D1515N
TSC-3QS2405N
TSC-3QS2412N
TSC-3QS2415N
TSC-3QD2405N
TSC-3QD2412N
TSC-3QD2415N
TSC-1S243.3N
TSC-1S2405N
TSC-1S2412N
TSC-1S2415N
TSC-1D2405N
TSC-1D2412N
TSC-1D2415N
TSC-3QS1205N
TSC-3QS1212N
TSC-3QS1215N
TSC-3QD1205N
TSC-3QD1212N
TSC-3QD1215N
TSC-1S123.3N
TSC-1S1205N
TSC-1S1212N
TSC-1S1215N
TSC-1D1205N
TSC-1D1212N
TSC-1D1215N
0.25W, 0.5W version and other input/output combinations available.
Rev. B3 - 01/2008-
Tumbler Technologies + TRUMPower • Santa Clara, CA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TRUMPower
DC/DC CONVERTERS
TSC-N Series
7-pin SIP, 0.25 to 1 Watt
T
2
14
6
5
0.77
(19.5)
0.10
(2.54)
0.12 Min.
(3.0)
0.40
(10.2)
0.09
(2.35)
0.02
(0.5)
0.05
(1.27)
*0.24
(6.0)
TSC-3QS4805N
TSC-3QS4812N
TSC-3QS4815N
TSC-3QD4805N
TSC-3QD4812N
TSC-3QD4815N
TSC-1S483.3N
TSC-1S4805N
TSC-1S4812N
TSC-1S4815N
TSC-1D4805N
TSC-1D4812N
TSC-1D4815N
48 VDC IN


Similar Part No. - TSC-1S2415N

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TSC-1S2415N TRUMPOWER-TSC-1S2415N Datasheet
16Kb / 1P
   DC/DC CONVERTERS
TSC-1S2415NH TRUMPOWER-TSC-1S2415NH Datasheet
15Kb / 1P
   DC/DC CONVERTERS 3KV Isolation, 0.25 to 1 Watt
TSC-1S2415NH TRUMPOWER-TSC-1S2415NH Datasheet
15Kb / 1P
   DC/DC CONVERTERS
More results

Similar Description - TSC-1S2415N

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TS1-1S0505N TRUMPOWER-TS1-1S0505N Datasheet
16Kb / 1P
   DC/DC CONVERTERS 4-pin SIP, 0.25 to 1 Watt
TSC-1S053.3 TRUMPOWER-TSC-1S053.3 Datasheet
15Kb / 1P
   DC/DC CONVERTERS 7-Pin SIP, Regulated 1 Watt
TSC2-2S053.3N TRUMPOWER-TSC2-2S053.3N Datasheet
27Kb / 1P
   DC/DC CONVERTERS 7-pin SIP, 2 Watt
TS1-1S0505NH TRUMPOWER-TS1-1S0505NH Datasheet
16Kb / 1P
   DC/DC CONVERTERS 3KV Isolation, 0.25 to 1 Watt
TSC-1S053.3NH TRUMPOWER-TSC-1S053.3NH Datasheet
15Kb / 1P
   DC/DC CONVERTERS 3KV Isolation, 0.25 to 1 Watt
logo
AIMTEC
AMQL-N AIMTEC-AMQL-N Datasheet
371Kb / 4P
   0.25 watt dc-dc converters
logo
List of Unclassifed Man...
TSD-1251 ETC1-TSD-1251 Datasheet
48Kb / 1P
   2.25 WATT SIP DC/DC CONVERTERS
logo
Premier Magnetics, Inc.
S6AU050925 PMI-S6AU050925 Datasheet
25Kb / 1P
   2.25 WATT SIP DC/DC CONVERTERS
logo
List of Unclassifed Man...
D01-01 ETC1-D01-01 Datasheet
51Kb / 1P
   1 WATT DC TO DC CONVERTERS
logo
Power-One
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
   7 Watt DC-DC Converters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com