Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W04LPT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # W04LPT
Description  SILICON BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

W04LPT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  W04LPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. W04LPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
* High reverse voltage to 1000V
* Surge overload rating - 50 Amperes peak
* Good for printed circuit board assembly
* Silver-plated copper leads
Case: JEDEC RC-2 molded plastic
Mounting position: Any
Polarity: Polarity symbols marked on body
Weight: 1.37 grams
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
W005LPT
THRU
W10LPT
RC-2
RC-2
Dimensions in inches and (millimeters)
CHENMKO ENTERPRISE CO.,LTD
SINGLE-PHASE GLASS PASSIVATED
SILICON BRIDGE RECTIFIER
VOLTAGE RANGE 50 - 1000 Volts
CURRENT 1.5 Amperes
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
2004-6
CHARACTERISTICS
SYMBOL
UNITS
1.0
10
@ TA = 25
oC
uAmps
0.2
mAmps
Volts
Maximum Instantaneous Forward Voltage at 1.5 A DC
Maximum Reverse Current at rated
DC blocking Voltage per element
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current at TA = 50
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Storage Temperature Range
SYMBOL
VRRM
VRMS
VDC
IO
VF
IR
TSTG
IFSM
UNITS
Volts
Volts
Volts
Amps
W005LPT
50
35
50
W02LPT
200
140
200
W04LPT
280
400
400
W06LPT
600
420
600
W08LPT
800
560
800
W10LPT
1000
700
1000
1.5
50
-55 to +150
Amps
oC
Operating Temperature Range
TJ
-55 to +125
oC
W01LPT
100
70
100
@ TA = 100
oC
.394(10.0)
.374(9.50)
.220(5.6)
.180(4.6)
.032(0.8)
.028(0.7)
.290(7.4)
.270(6.9)
1.2
(30.5)
MIN.
1.0
(25.4)
MIN.
.220(5.6)
.180(4.6)
W005LPT
W02LPT
W04LPT
W06LPT
W08LPT
W10LPT
W01LPT


Similar Part No. - W04LPT

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
W04L RECTRON-W04L Datasheet
20Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
logo
Galaxy Semi-Conductor H...
W04L BILIN-W04L Datasheet
70Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
MIC GROUP RECTIFIERS
W04L MIC-W04L Datasheet
101Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Shunye Electro...
W04L SY-W04L Datasheet
236Kb / 2P
   SILICON BRIDGE RECTIFIERS
W04L SHUNYE-W04L Datasheet
236Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - W04LPT

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CDSH-2 CENTRAL-CDSH-2 Datasheet
48Kb / 1P
   SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
GBPC3506TW GENESIC-GBPC3506TW Datasheet
351Kb / 4P
   Silicon Bridge Rectifier
GBU15J GENESIC-GBU15J Datasheet
344Kb / 3P
   Silicon Bridge Rectifier
KBJ4005G GENESIC-KBJ4005G Datasheet
326Kb / 3P
   Silicon Bridge Rectifier
KBL401G GENESIC-KBL401G Datasheet
308Kb / 3P
   Silicon Bridge Rectifier
logo
Central Semiconductor C...
1N4001GPP CENTRAL-1N4001GPP_15 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIER
logo
Chenmko Enterprise Co. ...
KBU8APT CHENMKO-KBU8APT Datasheet
81Kb / 2P
   SILICON BRIDGE RECTIFIER
logo
Edal Industries, Inc.
B285 EDAL-B285 Datasheet
77Kb / 1P
   Silicon Bridge Rectifier
B901 EDAL-B901 Datasheet
75Kb / 1P
   Silicon Bridge Rectifier
logo
Chenmko Enterprise Co. ...
KBPC1005PT CHENMKO-KBPC1005PT Datasheet
94Kb / 2P
   SILICON BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com