Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPL43CTPT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # UPL43CTPT
Description  SUPER FAST SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

UPL43CTPT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  UPL43CTPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. UPL43CTPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING CHARACTERISTIC CURVES ( UPL41CTPT THRU UPL48CTPT )
FIG. 1 - TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG. 5 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60 Hz
INSTANTANEOUS FORWARD VOLTAGE, ( V )
PERCENT OF RATED PEAK REVERSE VOLTAGE, ( % )
NONINDUCTIVE
NONINDUCTIVE
D.U.T
( + )
25 Vdc
(approx)
( - )
1
NON-
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
( - )
( + )
NOTES: 1. Rise Time = 7 ns max. Input Impedance =
1 megohm. 22 pF.
2. Rise Time = 10 ns max. Source Impedlance=
50 ohms.
+0.5A
0
-0.25A
-1.0A
trr
1cm
SET TIME BASE FOR
10 nS/cm
LEAD TEMPERATURE (
OC )
FIG. 2 - TYPICAL FORWARD
CURRENT DERATING CURVE
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
4.0
2.0
0
25
0
50 75 100 125 150 175
10
1.0
0.1
.01
.001
0
.2
.4
.6
.8
1.0
1.2
1.4
1.6
1.8
0
20
40
60
80
100
120
140
Pulse Width = 300uS
1% Duty Cycle
TJ =25
oC
TJ =25
oC
TJ =75
oC
TJ =100
oC
.01
.1
1.0
10
100
1
2
5
10
20
50
100
70
60
50
40
30
20
10
0
8.3ms Single Half Sine-Wave
(JEDEC Method)
50
10
FIG. 6 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, ( V )
TJ =25
oC
200
100
60
40
20
10
6
4
2
1
.1
.2
.4
1.0
2
4
10
20
40
100
UPL41CT
PT~UPL
45CT
PT
UPL46CT
PT~UPL
48CT
PT


Similar Part No. - UPL43CTPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
UPL101PT CHENMKO-UPL101PT Datasheet
224Kb / 2P
   SUPER FAST SILICON RECTIFIER
UPL102PT CHENMKO-UPL102PT Datasheet
224Kb / 2P
   SUPER FAST SILICON RECTIFIER
UPL103PT CHENMKO-UPL103PT Datasheet
224Kb / 2P
   SUPER FAST SILICON RECTIFIER
UPL104PT CHENMKO-UPL104PT Datasheet
224Kb / 2P
   SUPER FAST SILICON RECTIFIER
UPL105PT CHENMKO-UPL105PT Datasheet
224Kb / 2P
   SUPER FAST SILICON RECTIFIER
More results

Similar Description - UPL43CTPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
FCM31PT CHENMKO-FCM31PT Datasheet
85Kb / 2P
   SUPER FAST SILICON RECTIFIER
FPL31PT CHENMKO-FPL31PT Datasheet
146Kb / 2P
   SUPER FAST SILICON RECTIFIER
UPL21PT CHENMKO-UPL21PT Datasheet
155Kb / 2P
   SUPER FAST SILICON RECTIFIER
USM11PT CHENMKO-USM11PT Datasheet
87Kb / 2P
   SUPER FAST SILICON RECTIFIER
UBM31PT CHENMKO-UBM31PT Datasheet
106Kb / 2P
   SUPER FAST SILICON RECTIFIER
UPL51PT CHENMKO-UPL51PT Datasheet
185Kb / 2P
   SUPER FAST SILICON RECTIFIER
UPL81PT CHENMKO-UPL81PT Datasheet
225Kb / 2P
   SUPER FAST SILICON RECTIFIER
USM11SPT CHENMKO-USM11SPT Datasheet
222Kb / 2P
   SUPER FAST SILICON RECTIFIER
USM21PT CHENMKO-USM21PT Datasheet
86Kb / 2P
   SUPER FAST SILICON RECTIFIER
PSM11PT CHENMKO-PSM11PT Datasheet
67Kb / 2P
   SUPER FAST SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com