Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U08A10PT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # U08A10PT
Description  ULTRA FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

U08A10PT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  U08A10PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. U08A10PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Dual rectifier construction, positive centertap
* Glass passivated chip junctions
* Low power loss
* Low forward voltage, high current capability
* High surge current capability
* Ultra fast recovery times for high efficiency
* High temperature soldering guaranteed :
260
oC/10 seconds at terminals
Case: JEDEC TO-220A molded plastic
Terminals: Lead solderable per MIL-STD-750,
Method 2026
Polarity: As marked
Weight: 1.81 grams ( Approximately )
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
U08A05PT
THRU
U08A60PT
TO-220A
CHENMKO ENTERPRISE CO.,LTD
ULTRA FAST RECTIFIER
VOLTAGE RANGE 50 - 600 Volts
CURRENT 8 Amperes
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
2001-6
CHARACTERISTICS
SYMBOL
UNITS
1.50
1.30
0.975
10.0
uAmps
500
nS
Volts
Maximum Instantaneous Forward Voltage at 8.0 A DC
Maximum DC reverse current
at rated DC blocking voltage per leg
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical thermal resistance ( NOTE 2 )
Operating and Storage Temperature Range
SYMBOL
VRRM
VRMS
VDC
IO
VF
35
50
Maximum reverse recovery time ( NOTE 3 ) per leg
trr
IR
TJ, TSTG
IFSM
U08A05PT
UNITS
Volts
Volts
Volts
Amps
U08A20PT
200
140
200
300
210
300
U08A60PT
U08A50PT
420
600
600
U08A40PT
350
500
500
U08A30PT
280
400
400
8.0
125
3.0
-65 to +150
Amps
oC / W
oC
50
35
50
U08A10PT
100
70
100
U08A15PT
150
105
150
1. Measured at 1.0 MHZ and applied reverse voltage of 4.0 Volts
2. Thermal resistance from junction to case per leg mounted on heatsink
3. Reverse recovery test conditions : IF = 0.5 A, Ir = -1.0 A, Irr = -0.25 A.
4. Suffix " P " = Case Positive, Suffix " R " = Case Negative.
R JC
Typical Junction capacitance per leg ( NOTE 1 )
120
70
pF
CJ
TC = 25
oC
TC = 100
oC
TO-220A
Dimensions in inches and (millimeters)
.153 (3.9)
.413 (10.5)
.108
.051
.04MAX.
.374 (9.5)
(2.75)
(1.3)
(1.0)
.148 (3.8)
.053 (1.3)
.047 (1.2)
.270 (6.9)
.610 (15.5)
.583 (14.8)
.043 (1.1)
.102 (2.6)
.091 (2.3)
.035 (0.9)
.583 (14.8)
.157
.126
(4.0)
(3.2)
.531 (13.5)
.028 (0.7)
.020 (0.5)
.230 (5.8)
.187 (4.7)
.146 (3.7)
U08A05PT
U08A20PT
U08A60PT
U08A50PT
U08A40PT
U08A30PT
U08A10PTU08A15PT


Similar Part No. - U08A10PT

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
U08A10 MOSPEC-U08A10 Datasheet
134Kb / 2P
   POWER RECTIFIERS(8A,50-200V)
U08A100 MOSPEC-U08A100 Datasheet
135Kb / 2P
   FAST RECTIFIERS(8A,700-1000V)
More results

Similar Description - U08A10PT

ManufacturerPart #DatasheetDescription
logo
Shenzhen Ping Sheng Ele...
UF5400 PFS-UF5400 Datasheet
170Kb / 2P
   ULTRA FAST RECTIFIER
logo
Solid States Devices, I...
SDR6K SSDI-SDR6K_2 Datasheet
112Kb / 2P
   ULTRA FAST RECTIFIER
RC0146C SSDI-RC0146C_15 Datasheet
107Kb / 2P
   Ultra Fast Rectifier
RU0019D SSDI-RU0019D_15 Datasheet
153Kb / 2P
   Ultra Fast Rectifier
RU0085 SSDI-RU0085_15 Datasheet
313Kb / 2P
   ULTRA FAST RECTIFIER
RU0121D SSDI-RU0121D_15 Datasheet
46Kb / 2P
   ULTRA FAST RECTIFIER
RU0143D SSDI-RU0143D_15 Datasheet
95Kb / 2P
   ULTRA FAST RECTIFIER
RC0135A SSDI-RC0135A Datasheet
112Kb / 2P
   ULTRA FAST RECTIFIER
RC0164A SSDI-RC0164A Datasheet
138Kb / 2P
   ULTRA FAST RECTIFIER
RU0143D SSDI-RU0143D Datasheet
95Kb / 2P
   ULTRA FAST RECTIFIER
RC0065 SSDI-RC0065_15 Datasheet
48Kb / 2P
   ULTRA FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com