Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U06P40PT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # U06P40PT
Description  SUPER FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

U06P40PT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  U06P40PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. U06P40PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Dual rectifier construction, positive centertap
* Glass passivated chip junctions
* Low power loss
* Low forward voltage, high current capability
* High surge current capability
* Superfast recovery times for high efficiency
* High temperature soldering guaranteed :
260
oC/10 seconds at terminals
Case: JEDEC DPAK molded plastic
Terminals: Lead solderable per MIL-STD-750,
Method 2026
Polarity: As marked
Weight: 1.7 grams ( Approximately )
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
U06P20PT
THRU
U06P40PT
DPAK
CHENMKO ENTERPRISE CO.,LTD
SUPER FAST RECOVERY RECTIFIER
VOLTAGE RANGE 200 - 400 Volts
CURRENT 6 Amperes
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
CHARACTERISTICS
SYMBOL
UNITS
0.975
1.30
5.0
uAmps
150
nS
Volts
Maximum Instantaneous Forward Voltage at 3.0 A DC
Maximum DC reverse current
at rated DC blocking voltage per leg
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical thermal resistance ( NOTE 2 )
Operating and Storage Temperature Range
SYMBOL
VRRM
VRMS
VDC
IO
VF
35
Maximum reverse recovery time ( NOTE 3 ) per leg
trr
IR
TJ, TSTG
IFSM
U06P20PT
Volts
Volts
Volts
Amps
U06P30PT
300
210
300
U06P40PT
280
400
400
6.0
100
5.0
-55 to +150
Amps
oC / W
oC
200
140
200
1. Measured at 1.0 MHZ and applied reverse voltage of 4.0 Volts
2. Thermal resistance from junction to case per leg mounted on heatsink
3. Reverse recovery test conditions : IF = 0.5 A, Ir = -1.0 A, Irr = -0.25 A.
R JC
Typical Junction capacitance per leg ( NOTE 1 )
30
pF
CJ
TC = 25
oC
TC = 100
oC
2002-5
DPAK
Dimensions in inches and (millimeters)
PIN 1
PIN 2
K - HEATSINK
.094 (2.40)
.086 (2.20)
.022 (0.55)
.017 (0.45)
.015 (0.381)
.263 (6.70)
.248 (6.30)
.181 (4.60)
.027 (0.70)
.019 (0.50)
.035 (0.90)
.023 (0.60)
UNITS
U06P20PT
U06P30PT
U06P40PT


Similar Part No. - U06P40PT

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U060-000-KP-BK TRIPPLITE-U060-000-KP-BK Datasheet
170Kb / 2P
   USB 2.0 All-in-One Keystone/Panel Mount Coupler (F/F), Black
U060-000-KP-WH TRIPPLITE-U060-000-KP-WH Datasheet
158Kb / 3P
   USB 2.0 All-in-One Keystone/Panel Mount Coupler (F/F), White
U060-000-KPA-BK TRIPPLITE-U060-000-KPA-BK Datasheet
167Kb / 2P
   USB 2.0 All-in-One Keystone/Panel Mount Angled Coupler (F/F), Black
U060-000-KPA-WH TRIPPLITE-U060-000-KPA-WH Datasheet
158Kb / 3P
   USB 2.0 All-in-One Keystone/Panel Mount Angled Coupler (F/F), White
U060-001-KPA-BK TRIPPLITE-U060-001-KPA-BK Datasheet
165Kb / 3P
   USB 2.0 All-in-One Keystone/Panel Mount Coupler Cable (F/F), Angled Connector, Black, 1 ft.
More results

Similar Description - U06P40PT

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
SSF161 CHENG-YI-SSF161 Datasheet
166Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
TRANSYS Electronics Lim...
85HFL TEL-85HFL Datasheet
201Kb / 1P
   Super Fast Recovery Rectifier
SD203N TEL-SD203N Datasheet
158Kb / 1P
   Super Fast Recovery Rectifier
logo
MIC GROUP RECTIFIERS
SF11 MIC-SF11 Datasheet
56Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
Chongqing Pingwei Enter...
SF31 CHONGQING-SF31 Datasheet
40Kb / 1P
   SUPER FAST RECOVERY RECTIFIER
SF51 CHONGQING-SF51 Datasheet
39Kb / 1P
   SUPER FAST RECOVERY RECTIFIER
logo
Chenmko Enterprise Co. ...
U16P20PT CHENMKO-U16P20PT Datasheet
68Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
U16U10PT CHENMKO-U16U10PT Datasheet
109Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
GOOD-ARK Electronics
SF101 GOOD-ARK-SF101 Datasheet
174Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
SF201 GOOD-ARK-SF201 Datasheet
177Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
SF501 GOOD-ARK-SF501 Datasheet
174Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com