Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSC-1S1212 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TSC-1S1212
Description  DC/DC CONVERTERS 7-Pin SIP, Regulated 1 Watt
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TSC-1S1212 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TSC-1S1212 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
24 VDC IN
15 VDC IN
12 VDC IN
5 VDC IN
333 mA
200 mA
83 mA
67 mA
MODEL NUMBER*
OUTPUT
POWER
OUTPUT
VOLTAGE
OUTPUT
CURRENT
3.3 VDC
5 VDC
12 VDC
15 VDC
1W
1W
1W
1W
Rev. C1 -1/2008-
TSC-1S123.3
TSC-1S1205
TSC-1S1212
TSC-1S1215
TSC-1S153.3
TSC-1S1505
TSC-1S1512
TSC-1S1515
TSC-1S243.3
TSC-1S2405
TSC-1S2412
TSC-1S2415
TSC-1S053.3
TSC-1S0505
TSC-1S0512
TSC-1S0515
48V input and other input/output combinations available.
* Add suffix "H" for 3K VDC isolation version.
Tumbler Technologies + TRUMPower • Santa Clara, CA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TSC Series
7-Pin SIP, Regulated 1 Watt
TRUMPower
DC/DC CONVERTERS
T
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25°C, Nominal Line, and Full
Load Unless Otherwise Noted.
INPUT SPECIFICATIONS
Input Voltage Range..............................................±10%
Input Filter.....................................................Capacitors
OUTPUT SPECIFICATIONS
Voltage Accuracy...........................................±2%, Max.
Line Regulation..........................................±0.5%, Max.
Load Regulation.........................................±0.5%, Max.
Ripple and Noise, 20MHz BW................50 mVp-p, Max.
Short Circuit Protection.........Momentary, Auto-Recovery
GENERAL SPECIFICATIONS
Efficiency.......................................................57 - 68%
Isolation Voltage, Input to Output, Standard.....1,000 VDC
Suffix "H"....3,000 VDC
Isolation Resistance...............................109 Ohms, Min.
Isolation Capacitance....................................60pF, Typ.
Switching Frequency.................................50 kHz, Typ.
Operating Temperature Range...................-25°C to +71°C
Storage Temperature Range....................-40°C to +125°C
Cooling............................................Free Air Convection
Weight..................................................0.1 oz. (3 grams)
Case Material...................Non-Conductive Black Plastic
PIN
1,000 VDC Isolation
PIN CONNECTIONS
+V Input
-V Input
-V Output
No Pin
+V Output
No Pin
1
2
4
5
6
7
3,000 VDC Isolation
+V Input
-V Input
No Pin
-V Output
No Pin
+V Output
2
1
4
6
0.76
(19.5)
0.60
(15.20)
0.10
(2.54)
0.12
(3.05)
PIN SIZE: 0.02 X 0.01 INCH
ALL DIMENSIONS IN INCHES (mm)
0.05
(1.25)
0.28
(7.2)
0.39
(10.0)
7
5


Similar Part No. - TSC-1S1212

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TSC-1S1212 TRUMPOWER-TSC-1S1212 Datasheet
15Kb / 1P
   DC/DC CONVERTERS
TSC-1S1212N TRUMPOWER-TSC-1S1212N Datasheet
16Kb / 1P
   DC/DC CONVERTERS 7-pin SIP, 0.25 to 1 Watt
TSC-1S1212N TRUMPOWER-TSC-1S1212N Datasheet
16Kb / 1P
   DC/DC CONVERTERS
TSC-1S1212NH TRUMPOWER-TSC-1S1212NH Datasheet
15Kb / 1P
   DC/DC CONVERTERS 3KV Isolation, 0.25 to 1 Watt
TSC-1S1212NH TRUMPOWER-TSC-1S1212NH Datasheet
15Kb / 1P
   DC/DC CONVERTERS
More results

Similar Description - TSC-1S1212

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TSC-3QS0505N TRUMPOWER-TSC-3QS0505N Datasheet
16Kb / 1P
   DC/DC CONVERTERS 7-pin SIP, 0.25 to 1 Watt
TSC2-2S053.3N TRUMPOWER-TSC2-2S053.3N Datasheet
27Kb / 1P
   DC/DC CONVERTERS 7-pin SIP, 2 Watt
TS1-1S0505N TRUMPOWER-TS1-1S0505N Datasheet
16Kb / 1P
   DC/DC CONVERTERS 4-pin SIP, 0.25 to 1 Watt
logo
Astrodyne Corporation
ASD07 ASTRODYNE-ASD07 Datasheet
412Kb / 3P
   Isolated and Regulated 7 WATT Modular DC/DC Converters
logo
List of Unclassifed Man...
TSD-1251 ETC1-TSD-1251 Datasheet
48Kb / 1P
   2.25 WATT SIP DC/DC CONVERTERS
logo
Premier Magnetics, Inc.
S6AU050925 PMI-S6AU050925 Datasheet
25Kb / 1P
   2.25 WATT SIP DC/DC CONVERTERS
logo
RSG Electronic Componen...
EC2SA-05S33 RSG-EC2SA-05S33 Datasheet
201Kb / 1P
   2 WATT REGULATED DC-DC CONVERTERS
EC3SA-05S33 RSG-EC3SA-05S33 Datasheet
239Kb / 1P
   3 WATT REGULATED DC-DC CONVERTERS
logo
Power-One
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
   7 Watt DC-DC Converters
logo
Bel Fuse Inc.
IMX7 BEL-IMX7 Datasheet
480Kb / 14P
   7-Watt DC-DC Converters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com