Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2454AIPWRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLV2454AIPWRG4
Description  FAMILY OF 23-mA 220-kHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2454AIPWRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV2454AIPWRG4 Datasheet HTML 5Page - Texas Instruments TLV2454AIPWRG4 Datasheet HTML 6Page - Texas Instruments TLV2454AIPWRG4 Datasheet HTML 7Page - Texas Instruments TLV2454AIPWRG4 Datasheet HTML 8Page - Texas Instruments TLV2454AIPWRG4 Datasheet HTML 9Page - Texas Instruments TLV2454AIPWRG4 Datasheet HTML 10Page - Texas Instruments TLV2454AIPWRG4 Datasheet HTML 11Page - Texas Instruments TLV2454AIPWRG4 Datasheet HTML 12Page - Texas Instruments TLV2454AIPWRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
TLV2450, TLV2451, TLV2452, TLV2453, TLV2454, TLV2455, TLV245xA
FAMILY OF 23 µA 220kHz RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS218F − DECEMBER 1998 − REVISED JANUARY 2005
9
WWW.TI.COM
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VIO
Input offset voltage
vs Common-mode input voltage
1, 2
IIO
Input offset current
vs Common-mode input voltage
vs Free-air temperature
3, 4
7, 8
IIB
Input bias current
vs Common-mode input voltage
vs Free-air temperature
5, 6
7, 8
AVD
Differential voltage amplification
vs Frequency
9, 10
Phase
vs Frequency
9, 10
VOL
Low-level output voltage
vs Low-level output current
11, 13
VOH
High-level output voltage
vs High-level output current
12, 14
Zo
Output impedance
vs Frequency
15, 16
CMRR
Common-mode rejection ratio
vs Frequency
17
PSRR
Power supply rejection ratio
vs Frequency
18
IDD
Supply current
vs Supply voltage
19
IDD
Supply current
vs Free-air temperature
20
Vn
Equivalent input noise voltage
vs Frequency
21
THD + N
Total harmonic distortion plus noise
vs Frequency
22, 23
φm
Phase margin
vs Load capacitance
24
Gain-bandwidth product
vs Supply voltage
25
SR
Slew rate
vs Supply voltage
26
SR
Slew rate
vs Supply voltage
vs Free-air temperature
26
27
VO(PP)
Maximum peak-to-peak output voltage
vs Frequency
28
Crosstalk
vs Frequency
29, 30
Small-signal follower pulse response
vs Time
31, 33
Large-signal follower pulse response
vs Time
32, 34
Shutdown on supply current
vs Time
35
Shutdown off supply current
vs Time
36
Shutdown supply current
vs Free-air temperature
37
Shutdown supply current
vs Time
38 − 41
Shutdown pulse
vs Time
38 − 41
Shutdown off pulse response
vs Time
42, 43
Shutdown on pulse response
vs Time
44, 45
Shutdown reverse isolation
vs Frequency
46
Shutdown forward isolation
vs Frequency
47


Similar Part No. - TLV2454AIPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2454AIPWRG4 TI-TLV2454AIPWRG4 Datasheet
1Mb / 51P
[Old version datasheet]   FAMILY OF 23-uA 220-kHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2454AIPWRG4 TI-TLV2454AIPWRG4 Datasheet
1Mb / 50P
[Old version datasheet]   FAMLY OF 23-A 220-KHZ RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2454AIPWRG4 TI1-TLV2454AIPWRG4 Datasheet
1Mb / 60P
[Old version datasheet]   FAMILY OF 23-muA 220-kHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2454AIPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2450 TI1-TLV2450_16 Datasheet
1Mb / 60P
[Old version datasheet]   FAMILY OF 23-muA 220-kHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2455A TI-TLV2455A Datasheet
1Mb / 45P
[Old version datasheet]   FAMILY OF 23-UA 220-KHZ RAIL TO RAIL INPUT/ OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2450 TI-TLV2450_07 Datasheet
1Mb / 51P
[Old version datasheet]   FAMILY OF 23-uA 220-kHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2450 TI-TLV2450_08 Datasheet
1Mb / 50P
[Old version datasheet]   FAMLY OF 23-A 220-KHZ RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI-TLV2460_07 Datasheet
1Mb / 58P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI-TLV2460 Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460A-Q1 TI-TLV2460A-Q1 Datasheet
692Kb / 33P
[Old version datasheet]   FAMILY OF LOW POWER RAIL TO RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI1-TLV2460_16 Datasheet
2Mb / 71P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2764IPWG4 TI-TLV2764IPWG4 Datasheet
1Mb / 43P
[Old version datasheet]   FAMILY OF 1.8V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2241 TI1-TLV2241 Datasheet
657Kb / 22P
[Old version datasheet]   FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com