Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM450-T36 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TM450-T36
Description  450 WATT MEDICAL POWER SUPPLIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TM450-T36 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TM450-T36 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TM450-T36 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower TM450-T36 Datasheet HTML 3Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DESCRI PTI O N
The TM450 series comprising single and multiple
output models for 450-480 watts of continuous
output power is specially designed for medical
applications. They operate at 90 to 264VAC input
voltage without the need of a selector strap. The
units are constructed on a printed circuit board
with a U-bracket for mechanical support and heat
sinking. A cover-and-fan assembly can be added
during manufacturing.
Safety Standard Approvals :
FEAT URES
‧ EN61000-3-2 class A and D compliant
‧ Pow e r Factor 0.98 ty pical
‧ Ov erv o ltage protection
‧ Short-circuit protection
‧ Thermal protection
‧ Pow e r Fail Detect (PFD)
‧ 100% burn-in at full rated load
‧ Remote sense on output #1 and output #2
‧ Remote inhibit – TTL high disables output
‧ Compliant w i th RoHS requirements
ENVIRONMENTA L SPECIFICAT IONS
Operating temperature : 0ºC to +70ºC
S t orage temperature :
-40ºC to +85ºC
Relativ e humidity :
5% to 95% non-condensing
Derating :
Derate from 100% at +50ºC
linearly to 50% at +70ºC
(LVD)
GENERAL SPECIFICATIONS
Switching
frequency:
60KHz ±10KHz
Power factor:
0.98 typical
Efficiency:
80% minimum on all models
Hold-up time:
12 msec minimum at 110VAC
Line regulation:
±0.2% maximum at full load
Inrush current:
40 amps @ 115VAC or 80 amps
@ 230VAC, at 25ºC cold start
Withstand voltage: 4000VAC from input to output
1500VAC from input to ground
500VAC from output to ground
MTBF:
300,000 hours minimum at full load
at 25ºC ambient, calculated per
MIL-HDBK- 217F
EMC Performance (EN60601-1-2)
EN55011:
Class B conducted, Class A
radiated
EN61000-3-2:
Harmonic distortion, Class A and D
EN61000-3-3:
Line flicker
EN61000-4-2:
ESD, ±8KV air and ±6KV contact
EN61000-4-3:
Radiated immunity, 3V/m
EN61000-4-4:
Fast transient/burst, ±2KV
EN61000-4-5:
Surge, ±1KV diff, ±2KV com.
EN61000-4-6:
Conducted immunity, 3Vrms
EN61000-4-8:
Magnetic field immunity, 3A/m
Voltage dips, 30% reduction for
500ms, 60% reduction for 100ms
and >95% reduction for 10ms
INPUT SPECIFICATIONS
Input v o lt age :
90 to 264VAC
Input frequency :
47 to 63Hz
Input current :
7.1A ( rms ) for 115VAC
3.5A ( rms ) for 230VAC
Earth l eakag e curr ent: 100µA max. @115VAC, 60Hz
165µA max. @ 230VAC, 50Hz
UL 60601-1
CSA C22.2 No. 601.1
Output voltage/current:
See rating chart
Total output power:
See rating chart
Ripple and Noise:
2% peak to peak maximum
Overvoltage protection:
Provided on output #1 only; set
at 115 – 140% of its nominal
output voltage
Overcurrent protection:
All outputs protected to short
circuit conditions
Temperature coefficient: All outputs ±0.04%/ºC maximum
Transient response:
Maximum excursion of 4% or
better on all models, recovering
to 1% of final value within 500µs
after a 25% step load change
PFD signal:
TTL logic high for normal
Operation and TTL logic low
upon loss of input power. This
signal appears at least 1ms prior
to master output dropping
5% below its nominal value.
This signal also provides a
minimum delay of 100ms
after master output is within
regulation.
Remote inhibit:
Requires an external TTL high
level signal to inhibit outputs for
standard models.
OUTPUT SPECIFICAT IONS
TÜV EN60601-1
RoHS
TM450 SERIES
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com
TRUMPower
450 WATT MEDICAL POWER SUPPLIES


Similar Part No. - TM450-T36

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TM4530P MORNSUN-TM4530P Datasheet
312Kb / 3P
   Isolated Transmitter
More results

Similar Description - TM450-T36

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PMMK450S ASTRODYNE-PMMK450S Datasheet
1Mb / 10P
   Medical 450 Watt Enclosed & U-Channel Power Supplies with PFC
logo
Tumbler Technologies + ...
TM650 TRUMPOWER-TM650 Datasheet
273Kb / 3P
   650 WATT MEDICAL POWER SUPPLIES
TM66 TRUMPOWER-TM66 Datasheet
244Kb / 2P
   65 WATT MEDICAL POWER SUPPLIES
TM300 TRUMPOWER-TM300 Datasheet
277Kb / 3P
   300 WATT MEDICAL POWER SUPPLIES
PM65 TRUMPOWER-PM65 Datasheet
220Kb / 2P
   65 WATT MEDICAL POWER SUPPLIES
TM110 TRUMPOWER-TM110 Datasheet
263Kb / 2P
   110 WATT MEDICAL POWER SUPPLIES
TM200 TRUMPOWER-TM200 Datasheet
173Kb / 2P
   200 WATT MEDICAL POWER SUPPLIES
PM40AL TRUMPOWER-PM40AL Datasheet
211Kb / 2P
   40 WATT MEDICAL POWER SUPPLIES
logo
TRACO Electronic AG
TPP450 TRACOPOWER-TPP450 Datasheet
1Mb / 6P
   AC/DC Medical Power Supply TPP 450 Series, 450 Watt
Rev. March 16, 2023
logo
Tumbler Technologies + ...
TM25 TRUMPOWER-TM25 Datasheet
248Kb / 3P
   25-28 WATT MEDICAL POWER SUPPLIES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com