Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM300-S3.3 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TM300-S3.3
Description  300 WATT MEDICAL POWER SUPPLIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TM300-S3.3 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TM300-S3.3 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TM300-S3.3 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower TM300-S3.3 Datasheet HTML 3Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
300 WATT MEDICAL POWER SUPPLIES
DES C RI P T I O N
The TM300 series comprising single and multiple
output models for 200 to 300 watts of continuous
output power is specially designed for medical
applications. They operate at 90 to 264VAC input
voltage without the need of a selector strap. All
auxiliary outputs are with magnetic amplifier to
keep regulation. The units are constructed on a
printed
circuit
board
with
a
U-bracket
for
mechanical
support
and
heat
sinking.
A
cover-and-fan
assembly
can
be
added
during
manufacturing.
Saf e t y Sta n da rd A ppr o va l s :
FE AT URES
‧ EN61000-3- 2 class A and D compliant
‧ Po w e r Facto r 0.9 8 ty pical
‧ Ov er v o l tage protection
‧ Short-circuit protection
‧ Po w e r Fai l Detect (PFD)
‧ 100 % b u rn-in at full rate d load
‧ Remote sens e on output #1 and outp u t #2
‧ Remote inhi bit – TTL hig h disables output
‧ Compliant w i th RoHS req u irements
OUTPUT SPECIFICATIONS
Output voltage/current:
See rating chart
Total output power:
See rating chart
Ripple and Noise:
2% peak to peak maximum
Overvoltage protection:
Provided on output #1 only; set
at 115–140% of its nominal
output voltage
Overcurrent protection:
All outputs protected
to short circuit conditions
Temperature coefficient:
All outputs ±0.04%/ºC
maximum
Transient response:
Maximum excursion of 4%
or better on all models,
recovering to 1% of final value
within 500µs after a 25% step
load change
PFD signal:
TTL logic high for normal
operation and TTL logic low
upon loss of input power.
This signal appears at least
1ms prior to master output
dropping 5% below its nominal
value. This signal also
provides a minimum delay of
100ms after master output is
within regulation.
Remote inhibit:
Requires an external TTL
high level signal to inhibit
outputs for standard models.
GENERAL SPECIFICATIONS
Switching frequency:
KHz ±10KHz
Power factor:
0.98 typical
Efficiency:
70% minimum on all models
Hold-up time:
12 msec minimum at 110VAC
Line regulation:
±0.2% maximum at full load
Inrush current:
30 amps @ 115VAC or 60 amps
@230VAC, at 25ºC cold start
Withstand voltage:
4000VAC from input to output
1500VAC from input to ground
500VAC from output to ground
MTBF:
300,000 hours minimum at full load
at 25ºC ambient, calculated per
MIL-HDBK- 217F
EMC Performance (EN60601-1-2: 2001)
EN55011:
Class B conducted, Class B
radiated
EN61000-3-2:
Harmonic distortion, Class A and D
EN61000-3-3:
Line flicker
EN61000-4-2:
ESD, ±8KV air and ±6KV contact
EN61000-4-3:
Radiated immunity, 3V/m
EN61000-4-4:
Fast transient/burst, ±2KV
EN61000-4-5:
Surge, ±1KV diff, ±2KV com.
EN61000-4-6:
Conducted immunity, 3Vrms
EN61000-4-8:
Magnetic field immunity, 3A/m
EN61000-4-11:
Voltage dips, 30% reduction for
500ms, 60% reduction for 100ms
and >95% reduction for 10ms
UL 60601-1
CSA C22.2 No. 601.1
TÜV EN60601-1
TM300 SERIES
INPUT SPECIFICATIONS
Input voltage :
90 to 264VAC
Input frequency:
47 to 63Hz
Input current :
4.7A (rms) for 115VAC
2.3A (rms) for 230VAC
Earth leakage current:
100µA max. @115VAC, 60Hz
220µA max. @ 230VAC, 50Hz
(LVD)
ENVI RONME N TA L S PECI F I C AT IONS
Operating te mperature : 0ºC to +70 º C
S t orage temperature :
-40ºC to +8 5ºC
Relati v e hu midit y :
5% to 95% n on-con den sin g
Derating :
Derate fr om 100% at +50 º C
linear ly to 50 % at +7 0ºC
Cooling :
200/250 /300 w a tt s cont inu ous
output pow er at 35 CFM f o rced
air coo l ing or 100/12 5/15 0 w a tt s
a t c o n v e n t i o n c o o l i n g
RoHS
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com
TRUMPower


Similar Part No. - TM300-S3.3

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TM3001 SPECTRUM-TM3001 Datasheet
40Kb / 1P
   RF AMPLIFIER
logo
API Technologies Corp
TM3001 APITECH-TM3001 Datasheet
41Kb / 1P
   RF AMPLIFIER MODEL
logo
Spectrum Microwave, Inc...
TM3002 SPECTRUM-TM3002 Datasheet
42Kb / 1P
   RF AMPLIFIER
logo
API Technologies Corp
TM3002 APITECH-TM3002 Datasheet
43Kb / 1P
   RF AMPLIFIER MODEL
logo
Spectrum Microwave, Inc...
TM3003 SPECTRUM-TM3003 Datasheet
38Kb / 1P
   RF AMPLIFIER
More results

Similar Description - TM300-S3.3

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MMK320S ASTRODYNE-MMK320S Datasheet
635Kb / 3P
   Medical Grade 300 Watt Enclosed Switching Power Supplies
logo
Sparkle Power Inc.
FSP300-70MU SPI-FSP300-70MU Datasheet
116Kb / 1P
   300 Watts MEDICAL POWER SUPPLIES
logo
Tumbler Technologies + ...
TM650 TRUMPOWER-TM650 Datasheet
273Kb / 3P
   650 WATT MEDICAL POWER SUPPLIES
TM66 TRUMPOWER-TM66 Datasheet
244Kb / 2P
   65 WATT MEDICAL POWER SUPPLIES
PM65 TRUMPOWER-PM65 Datasheet
220Kb / 2P
   65 WATT MEDICAL POWER SUPPLIES
TM450 TRUMPOWER-TM450 Datasheet
253Kb / 3P
   450 WATT MEDICAL POWER SUPPLIES
TM110 TRUMPOWER-TM110 Datasheet
263Kb / 2P
   110 WATT MEDICAL POWER SUPPLIES
TM200 TRUMPOWER-TM200 Datasheet
173Kb / 2P
   200 WATT MEDICAL POWER SUPPLIES
PM40AL TRUMPOWER-PM40AL Datasheet
211Kb / 2P
   40 WATT MEDICAL POWER SUPPLIES
TM25 TRUMPOWER-TM25 Datasheet
248Kb / 3P
   25-28 WATT MEDICAL POWER SUPPLIES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com