Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA0212 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TPA0212
Description  STEREO 2-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0212 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TPA0212 Datasheet HTML 25Page - Texas Instruments TPA0212 Datasheet HTML 26Page - Texas Instruments TPA0212 Datasheet HTML 27Page - Texas Instruments TPA0212 Datasheet HTML 28Page - Texas Instruments TPA0212 Datasheet HTML 29Page - Texas Instruments TPA0212 Datasheet HTML 30Page - Texas Instruments TPA0212 Datasheet HTML 31Page - Texas Instruments TPA0212 Datasheet HTML 32Page - Texas Instruments TPA0212 Datasheet HTML 33Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
TPA0212
STEREO 2-W AUDIO POWER AMPLIFIER
WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
SLOS284 – NOVEMBER 1999
31
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
PC BEEP operation
The PC BEEP input allows a system beep to be sent directly from a computer through the amplifier to the
speakers with few external components. The input is activated automatically. When the PC BEEP input is active,
both of the LINEIN and HPIN inputs are deselected and both the left and right channels are driven in BTL mode
with the signal from PC BEEP. The gain from the PC BEEP input to the speakers is fixed at 0.3 V/V and is
independent of the volume setting. When the PC BEEP input is deselected, the amplifier will return to the
previous operating mode and volume setting. Furthermore, if the amplifier is in shutdown mode, activating PC
BEEP will take the device out of shutdown and output the PC BEEP signal, then return the amplifier to shutdown
mode.
The preferred input signal is a square wave or pulse train with an amplitude of 1 Vpp or greater. To be accurately
detected, the signal must have a minimum of 1 Vpp amplitude, rise and fall times of less than 0.1 µs and a
minimum of 8 rising edges. When the signal is no longer detected, the amplifier will return to its previous
operating mode and volume setting.
If it is desired to ac-couple the PC BEEP input, the value of the coupling capacitor should be chosen to satisfy
equation 14:
C
PCB w
1
2
p
ƒ
PCB
(100 k
W)
(14)
The PC BEEP input can also be dc-coupled to avoid using this coupling capacitor. The pin normally sits at midrail
when no signal is present.
shutdown modes
The TPA0212 employs a shutdown mode of operation designed to reduce supply current, IDD, to the absolute
minimum level during periods of nonuse for battery-power conservation. The SHUTDOWN input terminal
should be held high during normal operation when the amplifier is in use. Pulling SHUTDOWN low causes the
outputs to mute and the amplifier to enter a low-current state, IDD = 150 µA. SHUTDOWN should never be left
unconnected because amplifier operation would be unpredictable.
Table 6. HP/LINE, SE/BTL, and Shutdown Functions
INPUTS†
AMPLIFIER STATE
HP/LINE
SE/BTL
SHUTDOWN
INPUT
OUTPUT
X
X
Low
X
Mute
Low
Low
High
Line
BTL
Low
High
High
Line
SE
High
Low
High
HP
BTL
High
High
High
HP
SE
† Inputs should never be left unconnected.
X = do not care


Similar Part No. - TPA0212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0212 TI-TPA0212 Datasheet
809Kb / 35P
[Old version datasheet]   STEREO 2.6-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0212PWP TI-TPA0212PWP Datasheet
809Kb / 35P
[Old version datasheet]   STEREO 2.6-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0212PWPG4 TI-TPA0212PWPG4 Datasheet
809Kb / 35P
[Old version datasheet]   STEREO 2.6-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0212PWPR TI-TPA0212PWPR Datasheet
809Kb / 35P
[Old version datasheet]   STEREO 2.6-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0212PWPRG4 TI-TPA0212PWPRG4 Datasheet
809Kb / 35P
[Old version datasheet]   STEREO 2.6-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
More results

Similar Description - TPA0212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0222 TI-TPA0222 Datasheet
522Kb / 33P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0212 TI-TPA0212_07 Datasheet
809Kb / 35P
[Old version datasheet]   STEREO 2.6-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0212 TI-TPA0212_15 Datasheet
975Kb / 38P
[Old version datasheet]   STEREO 2.6-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0312 TI1-TPA0312_16 Datasheet
894Kb / 37P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0312 TI-TPA0312 Datasheet
499Kb / 32P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
logo
Unisonic Technologies
PA3212 UTC-PA3212_09 Datasheet
485Kb / 9P
   2.6W STEREO AUDIO AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
logo
Eutech Microelectronics...
EUA5212 EUTECH-EUA5212 Datasheet
567Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA6017A2 TI-TPA6017A2 Datasheet
350Kb / 26P
[Old version datasheet]   2 W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA6017A2 TI-TPA6017A2_07 Datasheet
735Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA0112 TI-TPA0112 Datasheet
488Kb / 34P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com