Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA0211DGN Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPA0211DGN
Description  2-W MONO AUDIO POWER AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0211DGN Datasheet(HTML) 2 Page - Texas Instruments

  TPA0211DGN Datasheet HTML 1Page - Texas Instruments TPA0211DGN Datasheet HTML 2Page - Texas Instruments TPA0211DGN Datasheet HTML 3Page - Texas Instruments TPA0211DGN Datasheet HTML 4Page - Texas Instruments TPA0211DGN Datasheet HTML 5Page - Texas Instruments TPA0211DGN Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TPA0211
2-W MONO AUDIO POWER AMPLIFIER
SLOS275B – JANUARY 2000 – REVISED MARCH 2000
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
4
+
1.25*R
R
+
50 k
1
RI
CI
Audio
Input
VO+
5
+
1.25*R
R
+
50 k
8
50 k
Stereo/Mono
Control
Shutdown
and Depop
Circuitry
SHUTDOWN
2
From
System Control
SE/BTL
6
VO–
CC
100 k
100 k
VDD
1 k
CB
BYPASS
7
BYPASS
BYPASS
BYPASS
BYPASS
BYPASS
VDD
3
VDD
GND
IN
AVAILABLE OPTIONS
PACKAGED DEVICES
MSOP
TA
MSOP†
(DGN)
MSOP
SYMBOLIZATION
–40
°C to 85°C
TPA0211DGN
AEG
† The DGN package are available taped and reeled. To order a taped and reeled part, add the
suffix R to the part number (e.g., TPA0211DGNR).


Similar Part No. - TPA0211DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0211DGN TI-TPA0211DGN Datasheet
746Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA0211DGN TI1-TPA0211DGN Datasheet
906Kb / 27P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA0211DGNG4 TI-TPA0211DGNG4 Datasheet
746Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA0211DGNG4 TI1-TPA0211DGNG4 Datasheet
906Kb / 27P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA0211DGNR TI-TPA0211DGNR Datasheet
746Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
More results

Similar Description - TPA0211DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0211 TI-TPA0211_15 Datasheet
889Kb / 28P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA0211 TI-TPA0211_07 Datasheet
746Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA0211DGNRG4 TI1-TPA0211DGNRG4 Datasheet
906Kb / 27P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA4861 TI-TPA4861_15 Datasheet
641Kb / 26P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_06 Datasheet
442Kb / 24P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_15 Datasheet
655Kb / 28P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4861 TI-TPA4861_07 Datasheet
486Kb / 23P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860 Datasheet
430Kb / 25P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA0213 TI-TPA0213_15 Datasheet
791Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233 TI-TPA0233_07 Datasheet
726Kb / 25P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com