Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TPA0122 Datasheet(PDF) 5 Page - Texas Instruments

Part No. TPA0122
Description  2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
Download  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 
 5 page
background image
TPA0122
2-W STEREO AUDIO POWER AMPLIFIER
WITH FOUR SELECTABLE GAIN SETTINGS
SLOS247B – JUNE 1999 – REVISED MARCH 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics, VDD = 5 V, TA = 25°C, RL = 8 Ω, Gain = –2 V/V, BTL mode
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power
THD = 1%,
RL = 4 Ω
f = 1 kHz,
1.9
W
THD + N
Total harmonic distortion plus noise
PO = 1 W,
f = 20 Hz to 15 kHz
0.5%
BOM
Maximum output power bandwidth
THD = 5%
>15
kHz
Supply ripple rejection ratio
f = 1 kHz,
CB = 0.47 µF
BTL mode
68
dB
SNR
Signal-to-noise ratio
105
dB
V
Noise output voltage
CB = 0.47 µF,
BTL mode
16
µVRMS
Vn
Noise output voltage
B
µ ,
f = 20 Hz to 20 kHz
SE mode
30
µVRMS
ZI
Input impedance
See Table 1
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
vs Output power
1, 4–7, 10–14,
16–19, 21
THD+N
Total harmonic distortion plus noise
vs Frequency
2, 3, 8, 9, 14,
15, 20, 22
vs Output voltage
23
Vn
Output noise voltage
vs Bandwidth
24
Supply ripple rejection ratio
vs Frequency
25, 26
Crosstalk
vs Frequency
27–29
Shutdown attenuation
vs Frequency
30
SNR
Signal-to-noise ratio
vs Frequency
31
Closed loop response
32–35
PO
Output power
vs Load resistance
36, 37
PD
Power dissipation
vs Output power
38, 39
PD
Power dissipation
vs Ambient temperature
40




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TPA01122-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS 1 2 3 4 5 MoreTexas Instruments
TPA0212STEREO 2-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL 1 2 3 4 5 MoreTexas Instruments
TPA0222STEREO 2-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL 1 2 3 4 5 MoreTexas Instruments
TPA03122.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL 1 2 3 4 5 MoreTexas Instruments
TPA6017A22 W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS 1 2 3 4 5 MoreTexas Instruments
APA4835Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain 1 2 3 4 5 MoreAnpec Electronics Coropration
FAN70312W Stereo Power Amplifier with Four Selectable Gain Setting and Headphone Drive 1 2 3 4 5 MoreFairchild Semiconductor
APA4838Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain 1 2 3 4 5 MoreAnpec Electronics Coropration
TPA0242STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl