Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TP13067BDW Datasheet(PDF) 8 Page - Texas Instruments

Part # TP13067BDW
Description  MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TP13067BDW Datasheet(HTML) 8 Page - Texas Instruments

Back Button TP13067BDW Datasheet HTML 4Page - Texas Instruments TP13067BDW Datasheet HTML 5Page - Texas Instruments TP13067BDW Datasheet HTML 6Page - Texas Instruments TP13067BDW Datasheet HTML 7Page - Texas Instruments TP13067BDW Datasheet HTML 8Page - Texas Instruments TP13067BDW Datasheet HTML 9Page - Texas Instruments TP13067BDW Datasheet HTML 10Page - Texas Instruments TP13067BDW Datasheet HTML 11Page - Texas Instruments TP13067BDW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
TP3064B, TP3067B, TP13064B, TP13067B
MONOLITHIC SERIAL INTERFACE
COMBINED PCM CODEC AND FILTER
SCTS031D – MAY 1990 –REVISED JULY 1996
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics over operating free-air temperature range, VCC = 5 V ± 5%,
VBB = –5 V ± 5%, GND at 0 V, VI = 1.2276 V, f = 1.02 kHz, transmit input amplifier connected for unity
gain, noninverting (unless otherwise noted)
filter gains and tracking errors
PARAMETER
TEST CONDITIONS‡
MIN
TYP‡
MAX
UNIT
Maximum peak transmit
TP3064B, TP13064B
3.17 dBm0
2.501
V
overload level
TP3067B, TP13067B
3.14 dBm0
2.492
V
Transmit filter gain, absolute (at 0 dBm0)
TA = 25°C
– 0.15
0.15
dB
f = 16 Hz
–40
f = 50 Hz
–30
f = 60 Hz
–26
f = 200 Hz
– 1.8
– 0.1
Transmit filter gain, relative to absolute
f = 300 Hz to 3000 Hz
– 0.15
0.15
dB
f = 3300 Hz
– 0.35
0.05
f = 3400 Hz
– 0.8
0
f = 4000 Hz
–14
f
≥ 4600 Hz (measure response from 0 Hz to4000Hz)
–32
Absolute transmit gain variation with
temperature and supply voltage
Relative to absolute transmit gain
– 0.1
0.1
dB
Sinusoidal test method; Reference level = – 10 dBm0
Transmit gain tracking error with level
3 dBm0
≥ input level ≥ –40 dBm0
±0.2
dB
Transmit gain tracking error with level
– 40 dBm0 > input level
≥ –50 dBm0
±0.4
dB
– 50 dBm0 > input level
≥ –55 dBm0
±0.8
Receive filter gain, absolute (at 0 dBm0)
Input is digital code sequence for 0 dBm0 signal,
TA = 25°C
– 0.15
0.15
dB
f = 0 Hz to 3000 Hz,
TA = 25°C
– 0.15
0.15
Receive filter gain relative to absolute
f = 3300 Hz
– 0.35
0.05
dB
Receive filter gain, relative to absolute
f = 3400 Hz
– 0.8
0
dB
f = 4000 Hz
–14
Absolute receive gain variation with temperature
and supply voltage
TA = full range,
See Note 4
– 0.1
0.1
dB
Sinusoidal test method; reference input PCM code
corresponds to an ideally encoded – 10 dBm0 signal
Receive gain tracking error with level
3 dBm0
≥ input level ≥ –40 dBm0
±0.2
dB
gg
– 40 dBm0 > input level
≥ –50 dBm0
±0.4
– 50 dBm0 > input level
≥ –55 dBm0
±0.8
Receive output drive voltage
RL = 10 kΩ
±2.5
V
Transmit and receive gain tracking error with
Pseudo-noise test method; reference input PCM
code corresponds to an ideally encoded – 10 dBm0
signal
Transmit and receive gain tracking error with
level (A-law, CCITT C712)
3 dBm0
≥ input level ≥ –40 dBm0
±0.25
dB
– 40 dBm0 > input level
≥ –50 dBm0
±0.3
– 50 dBm0 > input level
≥ –55 dBm0
±0.45
† All typical values are at VCC = 5 V, VBB = –5 V, and TA = 25°C.
‡ Absolute rms signal levels are defined as follows: VI = 1.2276 V = 0 dBm0 = 4 dBm at f = 1.02 kHz with RL = 600 Ω.
NOTE 4: Full range for the TP3064B and TP3067B is 0
°C to 70°C. Full range for the TP13064B and TP13067B is –40°C to 85°C.


Similar Part No. - TP13067BDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TP13067A TI-TP13067A Datasheet
283Kb / 20P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP13067ADW TI-TP13067ADW Datasheet
283Kb / 20P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP13067AN TI-TP13067AN Datasheet
283Kb / 20P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
More results

Similar Description - TP13067BDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM320AC54 TI-TCM320AC54 Datasheet
241Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3056B TI-TP3056B Datasheet
287Kb / 19P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064A TI-TP3064A Datasheet
283Kb / 20P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054A TI-TP3054A Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054B TI-TP3054B Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3057BDWR TI1-TP3057BDWR Datasheet
250Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
logo
STMicroelectronics
M5913 STMICROELECTRONICS-M5913 Datasheet
220Kb / 17P
   COMBINED SINGLE CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM29C13J TI1-TCM29C13J Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13A TI-TCM29C13A Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13 TI-TCM29C13 Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com