Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA0112 Datasheet(PDF) 19 Page - Texas Instruments

Part # TPA0112
Description  2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0112 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPA0112 Datasheet HTML 15Page - Texas Instruments TPA0112 Datasheet HTML 16Page - Texas Instruments TPA0112 Datasheet HTML 17Page - Texas Instruments TPA0112 Datasheet HTML 18Page - Texas Instruments TPA0112 Datasheet HTML 19Page - Texas Instruments TPA0112 Datasheet HTML 20Page - Texas Instruments TPA0112 Datasheet HTML 21Page - Texas Instruments TPA0112 Datasheet HTML 22Page - Texas Instruments TPA0112 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
TPA0112
2-W STEREO AUDIO POWER AMPLIFIER
WITH FOUR SELECTABLE GAIN SETTINGS
SLOS204B – MAY 1999 – REVISED MARCH 2000
19
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
ROUT+
21
R
MUX
RHPIN
RLINEIN
+
23
20
CIRHP
0.47
µF
Right
Head–
phone
Input
Signal
CIRLINE
0.47
µF
Right
Line
Input
Signal
CRIN
0.47
µF
8
RIN
ROUT–
16
+
1 k
COUTR
330
µF
100 k
L
MUX
LHPIN
LLINEIN
5
6
CILHP
0.47
µF
Left
Head–
phone
Input
Signal
CILLINE
0.47
µF
Left
Line
Input
Signal
CLIN
0.47
µF
10
LIN
1 k
COUTR
330
µF
VDD
100 k
Depop
Circuitry
Power
Management
PVDD
18
VDD
19
BYPASS
11
SHUT–
DOWN
22
GND
LOUT+
4
+
LOUT–
9
+
CBYP
0.47
µF
1,12,
13,24
To
System
Control
CSR
0.1
µF
VDD
CSR
0.1
µF
VDD
See Note A
PC–
Beep
PC–BEEP
PC
ENABLE
14
CPCB
0.47
µF
PC BEEP
Input
Signal
17
Gain/
MUX
Control
GAIN0
GAIN1
2
3
SE/BTL
15
NOTE A:
A 0.1
µF ceramic capacitor should be placed as close as possible to the IC. For filtering lower–frequency noise signals, a larger
electrolytic capacitor of 10
µF or greater should be placed near the audio power amplifier.
Figure 42. Typical TPA0112 Application Circuit Using Single-Ended Inputs and Input MUX


Similar Part No. - TPA0112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0112 TI1-TPA0112 Datasheet
647Kb / 36P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA0112PWP TI1-TPA0112PWP Datasheet
647Kb / 36P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA0112PWPG4 TI1-TPA0112PWPG4 Datasheet
647Kb / 36P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA0112PWPR TI1-TPA0112PWPR Datasheet
647Kb / 36P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA0112 TI1-TPA0112_16 Datasheet
647Kb / 36P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
More results

Similar Description - TPA0112

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA5212 EUTECH-EUA5212 Datasheet
567Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA6017A2 TI-TPA6017A2 Datasheet
350Kb / 26P
[Old version datasheet]   2 W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA6017A2 TI-TPA6017A2_07 Datasheet
735Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Eutech Microelectronics...
EUA5312 EUTECH-EUA5312 Datasheet
509Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA0122 TI-TPA0122 Datasheet
534Kb / 34P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA6017A2 TI-TPA6017A2_15 Datasheet
828Kb / 32P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA0122 TI1-TPA0122_16 Datasheet
1,004Kb / 37P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Eutech Microelectronics...
EUA6412A EUTECH-EUA6412A Datasheet
1Mb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
EUA6412 EUTECH-EUA6412 Datasheet
676Kb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA0112 TI1-TPA0112_16 Datasheet
647Kb / 36P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com