Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TPA0112 Datasheet(PDF) 6 Page - Texas Instruments

Part No. TPA0112
Description  2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
Download  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 6 page
background image
TPA0112
2-W STEREO AUDIO POWER AMPLIFIER
WITH FOUR SELECTABLE GAIN SETTINGS
SLOS204B – MAY 1999 – REVISED MARCH 2000
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
0.1%
0.01%
0.5 0.75
1
1.25 1.5 1.75
2
1%
10%
2.25 2.5 2.75
3
PO – Output Power – W
AV = –2 V/V
f = 1 kHz
BTL
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT POWER
RL = 8 Ω
RL = 3 Ω
RL = 4 Ω
Figure 2
0.01%
10%
20
100
1k
10k 20k
f – Frequency – Hz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
FREQUENCY
1%
0.1%
PO = 1.75 W
RL = 3 Ω
BTL
AV = –6 V/V
AV = –24 V/V
AV = –2 V/V
AV = –12 V/V
Figure 3
0.01%
10%
20
100
1k
10k 20k
f – Frequency – Hz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
FREQUENCY
1%
0.1%
RL = 3 Ω
AV = –2 V/V
BTL
Po = 1.75 W
Po = 0.5 W
Po = 1.0 W
Figure 4
0.1%
0.01%
0.01
0.1
1%
10%
110
f = 20 Hz
f = 1 kHz
PO – Output Power – W
RL = 3 Ω
AV = –2 V/V
BTL
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT POWER
f = 15 kHz




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TPA01222-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS 1 2 3 4 5 MoreTexas Instruments
TPA0212STEREO 2-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL 1 2 3 4 5 MoreTexas Instruments
TPA0222STEREO 2-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL 1 2 3 4 5 MoreTexas Instruments
TPA03122.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL 1 2 3 4 5 MoreTexas Instruments
TPA6017A22 W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS 1 2 3 4 5 MoreTexas Instruments
APA4835Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain 1 2 3 4 5 MoreAnpec Electronics Coropration
FAN70312W Stereo Power Amplifier with Four Selectable Gain Setting and Headphone Drive 1 2 3 4 5 MoreFairchild Semiconductor
APA4838Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain 1 2 3 4 5 MoreAnpec Electronics Coropration
TPA0242STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl