Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TP13067A Datasheet(PDF) 3 Page - Texas Instruments

Part # TP13067A
Description  MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TP13067A Datasheet(HTML) 3 Page - Texas Instruments

  TP13067A Datasheet HTML 1Page - Texas Instruments TP13067A Datasheet HTML 2Page - Texas Instruments TP13067A Datasheet HTML 3Page - Texas Instruments TP13067A Datasheet HTML 4Page - Texas Instruments TP13067A Datasheet HTML 5Page - Texas Instruments TP13067A Datasheet HTML 6Page - Texas Instruments TP13067A Datasheet HTML 7Page - Texas Instruments TP13067A Datasheet HTML 8Page - Texas Instruments TP13067A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TP3064A, TP3067A, TP13064A, TP13067A
MONOLITHIC SERIAL INTERFACE
COMBINED PCM CODEC AND FILTER
SCTS025C – SEPTEMBER 1992 –REVISED JULY 1996
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
DESCRIPTION
NAME
NO.
DESCRIPTION
ANLG GND
2
Analog ground. All signals are referenced to ANLG GND.
ANLG LOOP
16
Analog loopback control input. Must be set to logic low for normal operation. When pulled to logic high, the transmit
filter input is disconnected from the output of the transmit preamplifier and connected to VPO+ of the receive power
amplifier.
BCLKR/CLKSEL
9
The bit clock that shifts data into DR after the FSR leading edge. May vary from 64 kHz to 2.048 MHz. Alternately,
can be a logic input that selects either 1.536 MHz/1.544 MHz or 2.048 MHz for master clock in synchronous mode.
BCLKX is used for both transmit and receive directions (see Table 1).
BCLKX
12
The bit clock that shifts out the PCM data on DX. BCLKX can vary from 64 kHz to 2.048 MHz, but must be synchronous
with MCLKX.
DR
8
Receive data input. PCM data is shifted into DR following the FSR leading edge.
DX
13
The 3-state PCM data output that is enabled by FSX.
FSR
7
Receive frame sync pulse input that enables BCLKR to shift PCM data in DR. FSR is an 8-kHz pulse train (see Figures
1 and 2 for timing details).
FSX
14
Transmit frame sync pulse that enables BCLKX to shift out the PCM data on DX. FSX is an 8-kHz pulse train (see
Figures 1 and 2 for timing details).
GSX
17
Analog output of the transmit input amplifier. GSX is used to externally set gain.
MCLKR/PDN
10
Receive master clock (must be 1.536 MHz, 1.544 MHz, or 2.048 MHz). May be synchronous with MCLKX, but should
be synchronous for best performance. When MCLKR is connected continuously low, MCLKX is selected for all internal
timing. When MCLKR is connected continuously high, the device is powered down.
MCLKX
11
Transmit master clock (must be 1.536 MHz, 1.544 MHz, or 2.048 MHz). May be asynchronous with MCLKR
TSX
15
Open-drain output that pulses low during the encoder time slot
VBB
20
Negative power supply. VBB = – 5 V ± 5%
VCC
6
Positive power supply. VCC = 5 V ± 5%
VFRO
5
Analog output of the receive filter
VFXI+
19
Noninverting input of the transmit input amplifier
VFXI –
18
Inverting input of the transmit input amplifier
VPI
4
Inverting input to the receive power amplifier. Also powers down both amplifiers when connected to VBB
VPO+
1
The noninverted output of the receive power amplifier
VPO –
3
The inverted output of the receive power amplifier


Similar Part No. - TP13067A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TP13067B TI-TP13067B Datasheet
300Kb / 21P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP13067BDW TI-TP13067BDW Datasheet
300Kb / 21P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP13067BN TI-TP13067BN Datasheet
300Kb / 21P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
More results

Similar Description - TP13067A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM320AC54 TI-TCM320AC54 Datasheet
241Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3056B TI-TP3056B Datasheet
287Kb / 19P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064B TI-TP3064B Datasheet
300Kb / 21P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054A TI-TP3054A Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054B TI-TP3054B Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3057BDWR TI1-TP3057BDWR Datasheet
250Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
logo
STMicroelectronics
M5913 STMICROELECTRONICS-M5913 Datasheet
220Kb / 17P
   COMBINED SINGLE CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM29C13J TI1-TCM29C13J Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13A TI-TCM29C13A Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13 TI-TCM29C13 Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com