Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T2-3S2415H5 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # T2-3S2415H5
Description  DC/DC CONVERTERS 5.2K VDC Isolation, 1.5-3 Watts
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

T2-3S2415H5 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  T2-3S2415H5 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
-01/2008-
T2-H5 Series
5.2K VDC Isolation, 1.5-3 Watts
Tumbler Technologies + TRUMPower • Santa Clara, CA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TRUMPower
DC/DC CONVERTERS
T
BOTTOM
VIEW
0.80
(20.3)
0.60
(15.2)
1.25
(31.8)
0.10
(2.5)
24
0.08
(2.0)
1
13
0.15 MIN.
(3.8)
12
PIN SIZE: 0.02 (0.5) DIA. OR 0.02 X 0.01 INCH
ALL DIMENSIONS IN INCHES (mm)
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25°C, Nominal Line, and Full
Load Unless Otherwise Noted.
INPUT SPECIFICATIONS
Input Voltage Range................................................±10%
Input Filter............................................................Pi Filter
OUTPUT SPECIFICATIONS
Voltage Accuracy.............................................±2%, Max.
Voltage Balance, Balance Load......................±2%, Max.
Line Regulation.............................................±0.5%, Max.
Load Regulation, FL-10%FL. ........................±0.5%, Max.
Ripple and Noise, 20MHz BW................75 mVp-p, Max.
Short Circuit Protection..................................Continuous
Temperature Coefficient..........................±0.02%/C, Max.
GENERAL SPECIFICATIONS
Efficiency..........................................................60%, Typ.
Isolation Voltage, Input to Output...........5,200 VDC, Min.
Isolation Resistance, 500 VDC.....................10 G
Ω, Min.
Isolation Capacitance......................................60pF, Typ.
Switching Frequency...................................125 kHz, Typ.
Operating Temperature, No Derating.......-25°C to +60°C
Storage Temperature Range..................-40°C to +125°C
Cooling.............................................Free Air Convection
MTBF per MIL-HDBK-217F @25°C....... >600,000 Hours
Weight...............................................0.42 oz. (12 grams)
Case Material.....................Non-Conductive Black Plastic
1,2
10,11
12
13
15
23,24
PIN CONNECTIONS
DUAL
SINGLE
PIN
+V Input
No Pin
-V Output
+V Output
No Pin
-V Input
+V Input
Common
No Pin
-V Output
+V Output
-V Input
0.40
(10.2)
1.5W
1.5W
1.5W
1.5W
1.5W
1.5W
2W
2W
2W
2W
2W
2W
3W
3W
3W
3W
3W
3W
24 VDC IN
48 VDC IN
12 VDC IN
5 VDC IN
OUTPUT
POWER
MODEL NUMBER
300 mA
125 mA
100 mA
±150 mA
±63 mA
±50 mA
400 mA
167 mA
133 mA
±200 mA
±83 mA
±67 mA
600 mA
250 mA
200 mA
±300 mA
±125 mA
±100 mA
5 VDC
12 VDC
15 VDC
±5 VDC
±12 VDC
±15 VDC
5 VDC
12 VDC
15 VDC
±5 VDC
±12 VDC
±15 VDC
5 VDC
12 VDC
15 VDC
±5 VDC
±12 VDC
±15 VDC
OUTPUT
CURRENT
OUTPUT
VOLTAGE
T2-1S0505H5
T2-1S0512H5
T2-1S0515H5
T2-1D0505H5
T2-1D0512H5
T2-1D0515H5
T2-2S0505H5
T2-2S0512H5
T2-2S0515H5
T2-2D0505H5
T2-2D0512H5
T2-2D0515H5
T2-3S0505H5
T2-3S0512H5
T2-3S0515H5
T2-3D0505H5
T2-3D0512H5
T2-3D0515H5
T2-1S1205H5
T2-1S1212H5
T2-1S1215H5
T2-1D1205H5
T2-1D1212H5
T2-1D1215H5
T2-2S1205H5
T2-2S1212H5
T2-2S1215H5
T2-2D1205H5
T2-2D1212H5
T2-2D1215H5
T2-3S1205H5
T2-3S1212H5
T2-3S1215H5
T2-3D1205H5
T2-3D1212H5
T2-3D1215H5
T2-1S2405H5
T2-1S2412H5
T2-1S2415H5
T2-1D2405H5
T2-1D2412H5
T2-1D2415H5
T2-2S2405H5
T2-2S2412H5
T2-2S2415H5
T2-2D2405H5
T2-2D2412H5
T2-2D2415H5
T2-3S2405H5
T2-3S2412H5
T2-3S2415H5
T2-3D2405H5
T2-3D2412H5
T2-3D2415H5
T2-1S4805H5
T2-1S4812H5
T2-1S4815H5
T2-1D4805H5
T2-1D4812H5
T2-1D4815H5
T2-2S4805H5
T2-2S4812H5
T2-2S4815H5
T2-2D4805H5
T2-2D4812H5
T2-2D4815H5
T2-3S4805H5
T2-3S4812H5
T2-3S4815H5
T2-3D4805H5
T2-3D4812H5
T2-3D4815H5
Other input/output combinations available.


Similar Part No. - T2-3S2415H5

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
T2-3S2415H5 TRUMPOWER-T2-3S2415H5 Datasheet
30Kb / 1P
   DC/DC CONVERTERS
More results

Similar Description - T2-3S2415H5

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMJ CANDD-NMJ Datasheet
149Kb / 2P
   5.2k VDC Isolated 1W DC/DC Converters
logo
Murata Power Solutions ...
PWR1300AC MURATA-PS-PWR1300AC Datasheet
141Kb / 4P
   1.5 Watts Unregulated DC/DC Converters
logo
Tumbler Technologies + ...
T2-1S0505 TRUMPOWER-T2-1S0505 Datasheet
78Kb / 1P
   DC/DC CONVERTERS 24-pin DIP, 1.5 to 3 Watts
logo
Murata Power Solutions ...
PWR1200C MURATA-PS-PWR1200C Datasheet
209Kb / 4P
   3 Watts Unregulated DC/DC Converters
logo
Tumbler Technologies + ...
T2-2S0505EH TRUMPOWER-T2-2S0505EH Datasheet
29Kb / 1P
   DC/DC CONVERTERS 6K VDC Isolation, 2 Watt
logo
List of Unclassifed Man...
DR1P5 ETC-DR1P5 Datasheet
175Kb / 2P
   1.5 WATTS DC-DC CONVERTER
logo
Murata Manufacturing Co...
PWR70C MURATA-PWR70C Datasheet
82Kb / 3P
   3 Watt, High Isolation, Unregulated DC/DC Converters
logo
Tumbler Technologies + ...
T3-1S053.3N TRUMPOWER-T3-1S053.3N Datasheet
15Kb / 1P
   DC/DC CONVERTERS 8-pin DIP, 0.25 to 1.5 Watts
logo
RSG Electronic Componen...
EC2A01 RSG-EC2A01 Datasheet
910Kb / 1P
   1.5 WATT DC-DC CONVERTERS
logo
Wall Industries,Inc.
DCBOB3 WALL-DCBOB3 Datasheet
391Kb / 4P
   Up to 3 Watts, DC/DC Power Converters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com