Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL201GPT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # RL201GPT
Description  JUNCTION PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

RL201GPT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  RL201GPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. RL201GPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* High reliability
* Low cost
* Low leakage
* Low forward voltage drop
* High current capability
* Glass passivated junction
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
RL201GPT
THRU
RL207GPT
DO-15
DO-15
Dimensions in inches and (millimeters)
CHENMKO ENTERPRISE CO.,LTD
GLASS PASSIVATED
JUNCTION PLASTIC RECTIFIER
VOLTAGE RANGE 50 - 1000 Volts
CURRENT 2.0 Amperes
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
2001-6
CHARACTERISTICS
SYMBOL
UNITS
1.0
5.0
@ TA = 25
oC
uAmps
50
uAmps
Volts
Maximum Instantaneous Forward Voltage at 2.0 A DC
Maximum Reverse Current at rated
DC blocking Voltage per leg
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current at TA = 75
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance ( Note )
Operating and Storage Temperature Range
SYMBOL
VRRM
VRMS
VDC
IO
CJ
VF
30
uAmps
Maximum Full Load Reverse Current Average, Full Cycle
0.375" (9.5mm) lead length at TL = 75
oC
IR
TJ, TSTG
IFSM
UNITS
Volts
Volts
Volts
Amps
RL201GPT
50
35
50
RL203GPT
200
140
200
RL204GPT
280
400
400
RL205GPT
600
420
600
RL206GPT
800
560
800
RL207GPT
1000
700
1000
2.0
70
20
-65 to +175
Amps
pF
Typical Thermal Resistance
R JA
40
oC / W
oC
RL202GPT
100
70
100
Measured at 1.0 MHZ and applied reverse voltage of 4.0 volts
@ TA = 100
oC
Case: JEDEC DO-15 molded plastic
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.38 gram
MECHANICAL DATA
0.034(0.9)
0.028(0.7)
DIA.
0.140(3.6)
0.104(2.6)
0.300(7.6)
0.230(5.8)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
DIA.
RL201GPT
RL203GPT RL204GPT RL205GPT RL206GPT RL207GPT
RL202GPT


Similar Part No. - RL201GPT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RL201GP MCC-RL201GP Datasheet
83Kb / 3P
   2 Amp Glass Passivated Rectifier 50 to 1000 Volts
logo
Shanghai Lunsure Electr...
RL201GP CHENYI-RL201GP Datasheet
51Kb / 3P
   2Amp glass passivated rectifier 50to1000 volts
logo
Micro Commercial Compon...
RL201GP MCC-RL201GP Datasheet
193Kb / 4P
   2 Amp Glass Passivated Rectifier 50 to 1000 Volts
RL201GP MCC-RL201GP Datasheet
208Kb / 4P
   2 Amp Glass Passivated Rectifier 50 to 1000 Volts
RL201GP MCC-RL201GP_11 Datasheet
193Kb / 4P
   2 Amp Glass Passivated Rectifier 50 to 1000 Volts
More results

Similar Description - RL201GPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
RL151GPT CHENMKO-RL151GPT Datasheet
84Kb / 2P
   JUNCTION PLASTIC RECTIFIER
logo
Transys Electronics
TE150 TRSYS-TE150 Datasheet
105Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
TE600A TRSYS-TE600A Datasheet
160Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Shanghai Lunsure Electr...
1N4001G CHENYI-1N4001G Datasheet
140Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Vishay Siliconix
1N539XGP VISHAY-1N539XGP Datasheet
77Kb / 4P
   Glass Passivated Junction Plastic Rectifier
Revision: 13-Jun-16
logo
Pan Jit International I...
PG4001 PANJIT-PG4001_07 Datasheet
98Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
PG5391 PANJIT-PG5391_09 Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Vishay Siliconix
GP30A VISHAY-GP30A Datasheet
75Kb / 4P
   Glass Passivated Junction Plastic Rectifier
Revision: 15-Mar-11
1N4001GP VISHAY-1N4001GP_V01 Datasheet
84Kb / 5P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
1N4245GP VISHAY-1N4245GP_V01 Datasheet
79Kb / 5P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com