Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA352PT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # RA352PT
Description  AUTOMOTIVE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

RA352PT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  RA352PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. RA352PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING CHARACTERISTIC CURVES ( RA3505PT THRU RA3510PT )
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
CASE TEMPERATURE, (
oC )
NUMBER OF CYCLES AT 60 Hz
40
10
30
20
50
0
0
25
50
75
100
150
125
175
200
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
FIG. 2 - MAXIMUM NON-REPETIVE FORWARD
SURGE CURRENT
1
2
5
10
20
50
100
600
500
400
300
200
100
0
8.3ms Single Half Sine-Wave
(JEDEC Method)
FIG. 3 - FORWARD POWER DISSIPATION
AVERAGE FORWARD CURRENT, ( A )
0
10
20
30
40
50
0
10
20
40
30
50
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, ( V )
700
100
200
300
500
10
20
30
50
1.0
0.3
0.5
0.7
2.0
3.0
5.0
0.2
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.4
2.2
2.6
TYPICAL
SQUARE
WAVE
MAXIMUM
TJ =25
oC


Similar Part No. - RA352PT

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
RA352 GOOD-ARK-RA352 Datasheet
47Kb / 2P
   AUTOMOTIVE RECTIFIER
logo
Micro Commercial Compon...
RA352 MCC-RA352 Datasheet
92Kb / 2P
   35Amp Recover Rectifier 50 to 1000 Volts
logo
Diotec Semiconductor
RA352 DIOTEC-RA352 Datasheet
162Kb / 2P
   Silicon-Rectifiers - Button Diodes
logo
Micro Commercial Compon...
RA352 MCC-RA352 Datasheet
129Kb / 3P
   35Amp Standard Rectifier 50 to 1000 Volts
logo
SHENZHEN YONGERJIA INDU...
RA352 WINNERJOIN-RA352 Datasheet
122Kb / 2P
   AUTOMOTIVE RECTIFIER
More results

Similar Description - RA352PT

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
RAS2505 WINNERJOIN-RAS2505 Datasheet
126Kb / 2P
   AUTOMOTIVE RECTIFIER
RAL1505 WINNERJOIN-RAL1505 Datasheet
161Kb / 2P
   AUTOMOTIVE RECTIFIER
RAL3505 WINNERJOIN-RAL3505 Datasheet
107Kb / 2P
   AUTOMOTIVE RECTIFIER
RAL750 WINNERJOIN-RAL750 Datasheet
110Kb / 2P
   AUTOMOTIVE RECTIFIER
RA2505 WINNERJOIN-RA2505 Datasheet
147Kb / 2P
   AUTOMOTIVE RECTIFIER
logo
GOOD-ARK Electronics
AR2500 GOOD-ARK-AR2500 Datasheet
48Kb / 2P
   AUTOMOTIVE RECTIFIER
GBA30LP GOOD-ARK-GBA30LP Datasheet
391Kb / 7P
   AUTOMOTIVE RECTIFIER
logo
Chenmko Enterprise Co. ...
RA2505PT CHENMKO-RA2505PT Datasheet
92Kb / 2P
   AUTOMOTIVE RECTIFIER
logo
Galaxy Semi-Conductor H...
ARS2505 BILIN-ARS2505 Datasheet
207Kb / 2P
   AUTOMOTIVE RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
RAS1505 WINNERJOIN-RAS1505 Datasheet
98Kb / 1P
   AUTOMOTIVE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com