Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA2S-3S483.3 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TA2S-3S483.3
Description  DC/DC CONVERTERS SMD, 2:1 Input, 5-6 Watt
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TA2S-3S483.3 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TA2S-3S483.3 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25°C, Nominal Line, and Full
Load Unless Otherwise Noted.
INPUT SPECIFICATIONS
Input Voltage....................................................See Table
Nominal Input...........................................12, 24, 48 VDC
Input Filter.......................................................Pi Network
OUTPUT SPECIFICATIONS
Voltage Accuracy.............................................±2%, Max.
Line Regulation.............................................±0.5%, Max.
Load Regulation, Single Output, 10%FL-FL...±0.5%, Max.
Dual Output, 1/4FL-FL..........±1%, Max.
Minimum Load.................................10% on Each Output
Ripple and Noise, 20MHz BW, 3.3V/5V..100 mVp-p, Max.
12V/15V.......1% p-p Max.
Short Circuit Protection..................................Continuous
Temperature Coefficient..........................±0.02%/C, Max.
GENERAL SPECIFICATIONS
Efficiency...........................................................70 - 82%
Isolation Voltage, Input to Output..............500 VDC, Min.
For 1.5K VDC Isolation, Add Suffix "C"
Isolation Resistance.................................109 Ohms, Min.
Switching Frequency....................................100 kHz, Min.
Operating Temperature, No Derating.......-25°C to +71°C
Storage Temperature Range.................-40°C to +125°C
Cooling.............................................Free Air Convection
Case Material..................................Black Coated Copper
with Non-Conductive Base
Rev. A -01/2008-
Tumbler Technologies + TRUMPower • Santa Clara, CA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
ALL DIMENSIONS IN INCHES (mm)
OUTPUT
POWER
*MODEL NUMBER
OUTPUT
CURRENT
OUTPUT
VOLTAGE
3.3W
5W
5.6W
6W
5W
5.5W
5.7W
1000 mA
1000 mA
470 mA
400 mA
±500 mA
±230 mA
±190 mA
3.3 VDC
5 VDC
12 VDC
15 VDC
±5 VDC
±12 VDC
±15 VDC
TA2S-3S483.3
TA2S-5S4805
TA2S-6S4812
TA2S-6S4815
TA2S-5D4805
TA2S-6D4812
TA2S-6D4815
36-75 VDC IN
TA2S-3S123.3
TA2S-5S1205
TA2S-6S1212
TA2S-6S1215
TA2S-5D1205
TA2S-6D1212
TA2S-6D1215
9-18 VDC IN
TA2S-3S243.3
TA2S-5S2405
TA2S-6S2412
TA2S-6S2415
TA2S-5D2405
TA2S-6D2412
TA2S-6D2415
18-36 VDC IN
TA2S Series
SMD, 2:1 Input, 5-6 Watt
TRUMPower
DC/DC CONVERTERS
T
For 1.5K VDC isolation, add suffix "C" to the model number.
Add sufffix "T" for remote on/off control.
22, 23
2, 3
14
-
16
1, 4, *5, 9, 10,
11, 12, 13, 15,
20, 21, 24
SINGLE
PIN CONNECTIONS for 1.5KV ISOLATION
DUAL
22, 23
2, 3
14
9, 16
11
1, 4, *5, 10, 12,
13, 15, 20, 21,
24
+V Input
-V Input
+V Output
Common
-V Output
No Connection
FUNCTION
PIN #
1, 24
12, 13
11, 14
-
10, 15
2, 3, 4, 5, 9, 16,
20, 21, 22, 23
SINGLE
PIN CONNECTIONS for 500V ISOLATION
DUAL
1, 24
12, 13
11, 14
10, 15
2, 23
4, 5, 9, 16, 20,
21
+V Input
-V Input
+V Output
Common
-V Output
No Connection
FUNCTION
PIN #
*Pin #5 is Remote on/off control (suffix "T") or NC.


Similar Part No. - TA2S-3S483.3

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
TA2S CALIBER-TA2S Datasheet
75Kb / 1P
   TTL TCXO Oscillator
logo
List of Unclassifed Man...
TA2S15A ETC2-TA2S15A Datasheet
70Kb / 1P
   TTL TCXO Oscillator
logo
Caliber Electronics Inc...
TA2S15A CALIBER-TA2S15A Datasheet
75Kb / 1P
   TTL TCXO Oscillator
logo
List of Unclassifed Man...
TA2S15B ETC2-TA2S15B Datasheet
70Kb / 1P
   TTL TCXO Oscillator
logo
Caliber Electronics Inc...
TA2S15B CALIBER-TA2S15B Datasheet
75Kb / 1P
   TTL TCXO Oscillator
More results

Similar Description - TA2S-3S483.3

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
EC4A CINCON-EC4A Datasheet
215Kb / 2P
   5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
logo
List of Unclassifed Man...
EC4A01HM ETC2-EC4A01HM Datasheet
187Kb / 3P
   5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC4AB CINCON-EC4AB Datasheet
215Kb / 2P
   5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4A-E CINCON-EC4A-E Datasheet
257Kb / 2P
   5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
logo
List of Unclassifed Man...
EC4A14HMS ETC2-EC4A14HMS Datasheet
187Kb / 3P
   5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
logo
Tumbler Technologies + ...
TDW-5S2405 TRUMPOWER-TDW-5S2405 Datasheet
27Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 5-6 Watt
TA2A-3S123.3H TRUMPOWER-TA2A-3S123.3H Datasheet
35Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 24-pin DIP, 5-6 Watt
logo
CINCON ELECTRONICS Corp...
EC4SAW CINCON-EC4SAW Datasheet
284Kb / 2P
   5-6 WATT WIDE INPUT DC-DC CONVERTERS
logo
Tumbler Technologies + ...
TC2W-5S2405 TRUMPOWER-TC2W-5S2405 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 5 Watt
logo
CINCON ELECTRONICS Corp...
CHB300-300S CINCON-CHB300-300S Datasheet
217Kb / 2P
   300 WATT 2:1 INPUT DC-DC CONVERTERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com