Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAA-1S0509 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TAA-1S0509
Description  DC/DC CONVERTERS 2:1 Input, 12-pin DIP, 1-2 Watts
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TAA-1S0509 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TAA-1S0509 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
-01/2008-
Tumbler Technologies + TRUMPower • Santa Clara, CA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TAA Series
2:1 Input, 12-pin DIP, 1-2 Watts
TRUMPower
DC/DC CONVERTERS
T
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25°C, Nominal Line, and Full Load
Unless Otherwise Noted.
INPUT SPECIFICATIONS
Input Voltage............................................................See Table
Nonimal Input…….........................................5, 12, 24, 36 VDC
Input Filter........………………………………………......Capacitors
ISOLATION SPECIFICATIONS
Isolation Voltage, Input to Output…….........1,000 VDC, Standard
3,000 VDC, Suffix “H”
Resistance………………………………..…...........1,000M
Ω, Min.
Capacitance……………………………………..............80 pF, Typ.
OUTPUT SPECIFICATIONS
Voltage Accuracy…………………………………..........± 2%, Max.
Ripple and Noise (at 20 MHz BW)…….…...........80 mVp-p, Max.
Short Circuit Protection……………...........................Continuous
Short Circuit Restart…………....................................Automatic
Line Regulation……………….................................± 0.5%, Max.
Load Regulation…………………….….....................± 0.5%, Max.
Temperature Coefficient………….............................± 0.02% / ºC
Capacitive Load..........................3.3V, 5V Output - 330
µF, Max.
9V, 12V, 15V Output - 470
µF, Max.
24V Output - 220
µF, Max.
OTHER SPECIFICATIONS
Efficiency…………………………………....................62% to 72%
Switching Frequency…………………………............350KHz, Typ.
Operating Temperature..................………...........-25ºC to +85ºC
Case Temperature…………………………….…............95ºC, Max.
Storage Temperature…………………….…..........-40ºC to +125ºC
Cooling……………………………..……...........Free-air Convection
Derating………………………………...............…......Not Required
Other input and output combinations also available.
For 2W version, specify TAA-2SXXXX, i.e. TAA-2S0505, etc.
T
U
P
T
U
O
E
G
A
T
L
O
V
T
U
P
T
U
O
T
N
E
R
R
U
C
T
U
P
T
U
O
R
E
W
O
P
R
E
B
M
U
N
L
E
D
O
M
N
I
C
D
V
9
-
5
.
4N
I
C
D
V
8
1
-
9N
I
C
D
V
6
3
-
8
1
C
D
V
5A
m
0
0
2W
15
0
5
0
S
1
-
A
A
T5
0
2
1
S
1
-
A
A
T5
0
4
2
S
1
-
A
A
T
C
D
V
9A
m
1
1
1W
19
0
5
0
S
1
-
A
A
T9
0
2
1
S
1
-
A
A
T9
0
4
2
S
1
-
A
A
T
C
D
V
2
1A
m
4
8W
12
1
5
0
S
1
-
A
A
T2
1
2
1
S
1
-
A
A
T2
1
4
2
S
1
-
A
A
T
C
D
V
5
1A
m
7
6W
15
1
5
0
S
1
-
A
A
T5
1
2
1
S
1
-
A
A
T5
1
4
2
S
1
-
A
A
T
C
D
V
4
2A
m
2
4W
14
2
5
0
S
1
-
A
A
T4
2
2
1
S
1
-
A
A
T4
2
4
2
S
1
-
A
A
T
N
I
PN
O
I
T
C
E
N
N
O
C
2
,
1t
u
p
n
I
V
-
8
,
6n
o
i
t
c
e
n
n
o
C
o
N
9t
u
p
t
u
O
V
+
1
1t
u
p
t
u
O
V
-
6
1
,
5
1t
u
p
n
I
V
+


Similar Part No. - TAA-1S0509

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
TAA-2N-PK-3-01-B FESTO-TAA-2N-PK-3-01-B Datasheet
87Kb / 1P
   Stepper module
More results

Similar Description - TAA-1S0509

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TSAA-1S053.3 TRUMPOWER-TSAA-1S053.3 Datasheet
26Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 8-pin SIP, 1-2 Watts
TD5-25S1205 TRUMPOWER-TD5-25S1205 Datasheet
22Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 25 Watts
TA2A-3S123.3H TRUMPOWER-TA2A-3S123.3H Datasheet
35Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 24-pin DIP, 5-6 Watt
TA2-4S123.3 TRUMPOWER-TA2-4S123.3 Datasheet
30Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 24-pin DIP, 4-6 Watt
logo
Total Power Internation...
MIW1200 TOTAL-POWER-MIW1200 Datasheet
389Kb / 8P
   2 - 3 Watts 2 :1 Wide Input Range DC/DC Converters
MIW1100 TOTAL-POWER-MIW1100 Datasheet
362Kb / 8P
   3 Watts 2 :1 Wide Input Range DC/DC Converters
logo
CINCON ELECTRONICS Corp...
CFB600 CINCON-CFB600 Datasheet
194Kb / 2P
   600 TO 700 WATTS 2:1 INPUT DC-DC CONVERTERS
logo
Total Power Internation...
MKW2500 TOTAL-POWER-MKW2500 Datasheet
187Kb / 8P
   15 Watts 2 :1 Wide Input Range DC/DC Converters
MIW1500 TOTAL-POWER-MIW1500 Datasheet
71Kb / 8P
   3 Watts 2 :1 Wide Input Range DC/DC Converters
MCW1000 TOTAL-POWER-MCW1000 Datasheet
173Kb / 8P
   2 Watts 2 :1 Wide Input Range DC/DC Converters Single Outputs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com