Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PUP30-16 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # PUP30-16
Description  25- 30 WATT SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

PUP30-16 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  PUP30-16 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower PUP30-16 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UNIVERSAL INPUT
PUP30 SERIES
OUTPUT VOLTAGE/CURRENT RATING CHART
Maximum
(1)(2)
Output #1
Output #2
Output #3
Output
Model
Vnom.
Imin.
Imiax.
Tol.
Vnom.
Imin.
Imax.
Tol.
Vnom.
Imin.
Imax.
Tol.
Power
PUP30-10
5-6V
0A
5.0A
5%
(N/A)
(N/A)
25W
PUP30-10-1
6-8V
0A
4.5A
2%
(N/A)
(N/A)
27W
PUP30-11
9-11V
0A
3.3A
2%
(N/A)
(N/A)
30W
PUP30-12
11-13V
0A
2.7A
2%
(N/A)
(N/A)
30W
PUP30-13
13-17V
0A
2.3A
2%
(N/A)
(N/A)
30W
PUP30-13-1
17-21V
0A
1.7A
2%
(N/A)
(N/A)
30W
PUP30-14
21-27V
0A
1.4A
2%
(N/A)
(N/A)
30W
PUP30-16
27-33V
0A
1.1A
2%
(N/A)
(N/A)
30W
PUP30-17
33-39V
0A
0.9A
2%
(N/A)
(N/A)
30W
PUP30-18
48V
0A
0.7A
2%
(N/A)
(N/A)
30W
PUP30-23
+5V
0.3A
3.0A
5%
+12V
0.1A
2.0A
5%
(N/A)
30W
PUP30-24
+5V
0.3A
3.0A
5%
+15V
0.1A
1.5A
5%
(N/A)
30W
PUP30-25
+5V
0.3A
3.0A
5%
+24V
0.1A
1.0A
5%
(N/A)
30W
PUP30-31
+5V
0.3A
3.0A
5%
+12V
0A
0.8A
5%
-12V
0A
0.8A
5%
30W
PUP30-32
+5V
0.3A
3.0A
5%
+15V
0A
0.8A
5%
-15V
0A
0.8A
5%
30W
Notes:
(1) The output voltage of a single output model, except PUP30-18, can be adjusted by user in the stated range, or set by
factory to a wanted value in the range at the request of a user when ordering.
(2) Output #2 and #3 are with low drop voltage regulators. The output #1 of the multiple output models need a minimum
current of 0.3A to support the other outputs at their maximum rated loads to be within voltage tolerance.
MECHANICAL SPECIFICATIONS
NOTES:
1.
Dimensions shown in inch [mm]
2.
Tolerance 0.02 [0.5] maximum
3.
Weight: 550 grams approx.
4.
See pages 6-1 to 6-8 for optional output connectors. Add the suffix assigned for a selected connector to a wanted model number,
e.g. PUP30-10-B1, for ordering.
PIN CHART
PIN
MODEL
1
2
3
4
5
PUP30-10 PUP30-10-1 PUP30-11 PUP30-12
PUP30-13 PUP30-13-1 PUP30-14 PUP30-16
PUP30-17 PUP30-18
RETURN
RETURN
OUTPUT
#1
RETURN
OUTPUT
#1
PUP30-23 PUP30-24
PUP30-25
COMMON
RETURN
COMMON
RETURN
OUTPUT
#1
COMMON
RETURN
OUTPUT
#2
PUP30-31 PUP30-32
COMMON
RETURN
COMMON
RETURN
OUTPUT
#1
OUTPUT
#3
OUTPUT
#2
5-PIN DIN PLUG
Tumbler Technologies + TRUMPower
3350 Scott Blv d ., Bldg. 13, Sant a Clara, California 95054, USA
Phone: 408-988-6616
● sales@trumpow er.com ● w w w .TRUMPow e r.com


Similar Part No. - PUP30-16

ManufacturerPart #DatasheetDescription
logo
Powerbox
PUP30-16 POWERBOX-PUP30-16 Datasheet
1,015Kb / 3P
   30 - 100 WATTS SINGLE & MULTIPLE OUTPUT AC/DC GENERAL
More results

Similar Description - PUP30-16

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
PU30SL RSG-PU30SL Datasheet
161Kb / 2P
   30 WATT SWITCHING POWER SUPPLIES
logo
Astrodyne Corporation
ASC ASTRODYNE-ASC Datasheet
254Kb / 3P
   30 Watt Ultraminiature Modular Switching Power Supplies
logo
Tumbler Technologies + ...
TMC40 TRUMPOWER-TMC40 Datasheet
137Kb / 2P
   30-48 WATT MEDICAL & ITE SWITCHING POWER SUPPLIES
TM25 TRUMPOWER-TM25 Datasheet
248Kb / 3P
   25-28 WATT MEDICAL POWER SUPPLIES
PU200 TRUMPOWER-PU200 Datasheet
133Kb / 2P
   200 WATT SWITCHING POWER SUPPLIES
logo
RSG Electronic Componen...
PU40SL RSG-PU40SL Datasheet
164Kb / 2P
   40 WATT SWITCHING POWER SUPPLIES
PU110 RSG-PU110 Datasheet
179Kb / 2P
   110 WATT SWITCHING POWER SUPPLIES
PU66 RSG-PU66 Datasheet
600Kb / 2P
   65 WATT SWITCHING POWER SUPPLIES
logo
Tumbler Technologies + ...
PU150 TRUMPOWER-PU150 Datasheet
158Kb / 3P
   150 WATT SWITCHING POWER SUPPLIES
logo
RSG Electronic Componen...
PU40SL RSG-PU40SL_14 Datasheet
104Kb / 2P
   40 WATT SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com