Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS77C82 Datasheet(PDF) 5 Page - Texas Instruments

Part # TMS77C82
Description  8-BIT MICROCONTROLLER
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS77C82 Datasheet(HTML) 5 Page - Texas Instruments

  TMS77C82 Datasheet HTML 1Page - Texas Instruments TMS77C82 Datasheet HTML 2Page - Texas Instruments TMS77C82 Datasheet HTML 3Page - Texas Instruments TMS77C82 Datasheet HTML 4Page - Texas Instruments TMS77C82 Datasheet HTML 5Page - Texas Instruments TMS77C82 Datasheet HTML 6Page - Texas Instruments TMS77C82 Datasheet HTML 7Page - Texas Instruments TMS77C82 Datasheet HTML 8Page - Texas Instruments TMS77C82 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 73 page
background image
TMS370Cx6x
8-BIT MICROCONTROLLER
SPNS033C – SEPTEMBER 1995 – REVISED FEBRUARY 1997
5
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
description (continued)
D One 24-bit general-purpose watchdog timer
D Three 16-bit general-purpose timers (one with an 8-bit prescaler)
Table 2 provides a memory configuration overview of the TMS370Cx6x devices.
Table 2. Memory Configurations
DEVICE
PROGRAM
MEMORY
(BYTES)
OFF-CHIP
MEMORY
EXP (BYTES)
DATA MEMORY
(BYTES)
OPERATING
MODES
PACKAGES
68-PIN PLCC/CLCC
ROM
EPROM
EXP. (BYTES)
RAM
EEPROM
µC†
µP†
TMS370C067A
24K
24K
1K
256
FN – PLCC
TMS370C068A
32K
24K
1K
256
FN – PLCC
TMS370C069A
48K‡
8K
3.5K
256
FN – PLCC
TMS370C768A
32K
24K
1K
256
FN – PLCC
TMS370C769A
48K‡
8K
3.5K
256
FN – PLCC
SE370C768A§
32K
24K
1K
256
FZ – CLCC
SE370C769A§
48K‡
8K
3.5K
256
FZ – CLCC
µC – Microcomputer mode
µP – Microprocessor mode
‡ ’x69 can only operate up to 3 MHz SYSCLK.
§ System evaluators and development tools are for use only in a prototype environment, and their reliability has not been characterized.
The suffix letter (A) appended to the device names shown in the device column of Table 2 indicates the
configuration of the device. ROM or EPROM devices have different configurations as indicated in Table 3. ROM
devices with the suffix letter A are configured through a programmable contact during manufacture.
Table 3. Suffix Letter Configuration
DEVICE¶
WATCHDOG TIMER
CLOCK
LOW-POWER MODE
EPROM A
Standard
Divide-by-4 (Standard oscillator)
Enabled
Standard
ROM A
Hard
Divide-by-4 or Divide-by-1 (PLL)
Enabled or disabled
Simple
¶ Refer to the “device numbering conventions” section for device nomenclature and the “device part numbers” section for ordering.
The mask-programmable ROM in the associated TMS370C06x devices is replaced in the TMS370C76x with
32K or 48K bytes of EPROM while all the other available memory and on-chip peripherals are identical.
One-time-programmable (OTP) (TMS370C768 and TMS370C769) and reprogrammable devices (SE370C768
and SE370C769) are available.
TMS370C768 and TMS370C769 are OTP devices that are available in plastic packages. This microcomputer
is effective to use for immediate production updates for other members of the TMS370Cx6x family or for
low-volume production runs when the mask charge or cycle time for low-cost mask-ROM devices is not
practical.
The SE370C768 and SE370C769 have windowed ceramic packages to allow reprogramming of the program
EPROM memory during the development / prototyping phase of design. The SE370C768 and SE370C769
devices allow quick updates to breadboards and prototype systems while iterating initial designs.


Similar Part No. - TMS77C82

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS77C82 TI-TMS77C82 Datasheet
31Kb / 1P
[Old version datasheet]   RADIO FREQUENCY I DENTIFICATION SYSTEMS
TMS77C82 TI-TMS77C82 Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
TMS77C82 TI-TMS77C82 Datasheet
715Kb / 49P
[Old version datasheet]   8-BIT MICROCONTROLLER
TMS77C82 TI-TMS77C82 Datasheet
732Kb / 50P
[Old version datasheet]   8-BIT MICROCONTROLLER
TMS77C82 TI-TMS77C82 Datasheet
868Kb / 60P
[Old version datasheet]   8-BIT MICROCONTROLLER
More results

Similar Description - TMS77C82

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com