Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5267SPT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # MMSZ5267SPT
Description  SILICON PLANAR POWER ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

MMSZ5267SPT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  MMSZ5267SPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. MMSZ5267SPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. MMSZ5267SPT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. MMSZ5267SPT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd. MMSZ5267SPT Datasheet HTML 5Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS ( MMSZ5221SPT THRU MMSZ5270SPT )
10.20
100
Test
100
Maximum Zener impedance
100
Maximum
100
Type
95
Max
95
Nom
90
Min
90
Volts
88
Volts
70
Volts
50
Maximum
25
Zener voltage
25
current
10
reverse leakage current
8
temperature
7
coefficient
7
regulator
7
VZ (V) @ IZT
10
current
15
ZZT
18
at
22
at
25
at
25
at IZT
32
ZZK
36
IZK
36
IR
42
at VR
42
TA= 25
oC
48
TA= 50
oC
55
62
62
IZT (mA)
70
44
( )
78
88
1800
( )
1800
(mA)
1900
(uA)
1900
(V)
2000
VZ
(%/
oC)
2200
IZM (mA)
2300
2400
2500
2200
2050
1800
1800
1300
750
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
700
100
100
75
75
50
25
15
10
5
3
TYPE
2
190
182
168
162
152
138
126
115
106
97
89
81
76
73
67
61
55
52
50
45
41
38
35
32
30
28
27
25
24
23
21
19.1
18.2
16.8
16.2
15.1
13.8
5
-0.085
-0.085
-0.080
-0.080
-0.075
-0.070
-0.065
-0.060
-0.055
+0.030
+0.030
+0.038
+0.038
+0.045
+0.050
+0.058
+0.062
+0.065
+0.068
+0.075
+0.076
+0.077
+0.079
+0.082
+0.082
+0.083
+0.084
+0.085
+0.086
+0.086
+0.087
+0.088
+0.089
+0.090
+0.091
+0.091
+0.092
5
1
1
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.5
0.5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
0.5
2.352
2.450
2.646
2.774
2.940
3.234
3.528
3.822
4.214
4.606
4.998
5.488
5.880
6.070
6.664
7.350
8.036
8.526
8.918
9.800
10.78
11.76
12.74
13.72
14.70
15.68
16.66
17.64
18.62
19.60
21.56
23.52
24.50
26.46
27.44
29.40
32.34
0.1
2.4
2.5
2.7
2.8
3.0
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.0
6.2
6.8
7.5
8.2
8.7
9.1
10
11
12
13
14
15
16
17
18
19
20
22
24
25
27
28
30
33
0.1
2.448
2.550
2.754
2.856
3.060
3.366
3.762
3.987
4.386
4.794
5.202
5.712
6.120
6.324
6.936
7.650
8.364
8.874
9.282
11.22
12.24
13.26
14.28
15.30
16.32
17.34
18.36
19.38
20.40
22.44
24.48
25.50
27.54
28.56
30.60
33.66
0.1
MMSZ5221SPT
MMSZ5222SPT
MMSZ5223SPT
MMSZ5224SPT
MMSZ5225SPT
MMSZ5226SPT
MMSZ5227SPT
MMSZ5228SPT
MMSZ5229SPT
MMSZ5230SPT
MMSZ5231SPT
MMSZ5232SPT
MMSZ5233SPT
MMSZ5234SPT
MMSZ5235SPT
MMSZ5236SPT
MMSZ5237SPT
MMSZ5238SPT
MMSZ5239SPT
MMSZ5240SPT
MMSZ5241SPT
MMSZ5242SPT
MMSZ5243SPT
MMSZ5244SPT
MMSZ5245SPT
MMSZ5246SPT
MMSZ5247SPT
MMSZ5248SPT
MMSZ5249SPT
MMSZ5250SPT
MMSZ5251SPT
MMSZ5252SPT
MMSZ5253SPT
MMSZ5254SPT
MMSZ5255SPT
MMSZ5256SPT
MMSZ5257SPT
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
1
1
1
1
1
1
1
1
1
1.5
2
3
3
4
5.2
6
6.5
6.5
7
8
8.4
9.1
9.9
10
11
12
13
14
14
16
17
18
19
21
21
23
25


Similar Part No. - MMSZ5267SPT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MMSZ5267 GE-MMSZ5267 Datasheet
41Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
MMSZ5267 VISHAY-MMSZ5267 Datasheet
136Kb / 5P
   Small Signal Zener Diodes
Rev. 1.5, 20-Mar-06
MMSZ5267 VISHAY-MMSZ5267 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
MMSZ5267 VISHAY-MMSZ5267 Datasheet
100Kb / 5P
   Small Signal Zener Diodes
Rev. 1.8, 23-Mar-12
MMSZ5267 VISHAY-MMSZ5267 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results

Similar Description - MMSZ5267SPT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728 Datasheet
34Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
   Silicon Planar Power Zener Diodes
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
   SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
   Silicon Planar Power Zener Diodes
1N4727A NJSEMI-1N4727A Datasheet
164Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
PACELEADER INDUSTRIAL
ZM4728A PACELEADER-ZM4728A Datasheet
179Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Kingtronics Internation...
1N4727A-1N4761A KINGTRONICS-1N4727A-1N4761A Datasheet
499Kb / 5P
   Silicon Planar Power Zener Diodes
logo
Semtech Corporation
BZV85 SEMTECH-BZV85 Datasheet
277Kb / 3P
   SILICON PLANAR POWER ZENER DIODES???
logo
GOOD-ARK Electronics
ZM4728 GOOD-ARK-ZM4728 Datasheet
35Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com