Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS46400 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS46400
Description  1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS46400 Datasheet(HTML) 1 Page - Texas Instruments

  TMS46400 Datasheet HTML 1Page - Texas Instruments TMS46400 Datasheet HTML 2Page - Texas Instruments TMS46400 Datasheet HTML 3Page - Texas Instruments TMS46400 Datasheet HTML 4Page - Texas Instruments TMS46400 Datasheet HTML 5Page - Texas Instruments TMS46400 Datasheet HTML 6Page - Texas Instruments TMS46400 Datasheet HTML 7Page - Texas Instruments TMS46400 Datasheet HTML 8Page - Texas Instruments TMS46400 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
TMS44400, TMS44400P, TMS46400, TMS46400P
1048576-WORD BY 4-BIT
DYNAMIC RANDOM-ACCESS MEMORIES
SMHS562C – MAY 1995 – REVISED NOVEMBER 1996
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
D Organization ...1048576 × 4
D Single 5-V Power Supply for TMS44400/P
(
±10% Tolerance)
D Single 3.3-V Power Supply for TMS46400/P
(
±10% Tolerance)
D Low Power Dissipation (TMS46400P only)
200-
µA CMOS Standby
200-
µA Self Refresh
300-
µA Extended-Refresh Battery
Backup
D Performance Ranges:
ACCESS ACCESS ACCESS
READ
TIME
TIME
TIME
OR WRITE
(tRAC)(tCAC)(tAA)
CYCLE
(MAX)
(MAX)
(MAX)
(MIN)
’4x400/P-60
60 ns
15 ns
30 ns
110 ns
’4x400/P-70
70 ns
18 ns
35 ns
130 ns
’4x400/P-80
80 ns
20 ns
40 ns
150 ns
D Enhanced Page-Mode Operation for Faster
Memory Access
D CAS-Before-RAS (CBR) Refresh
D Long Refresh Period
1024-Cycle Refresh in 16 ms
128 ms (MAX) for Low-Power,
Self-Refresh Version ( TMS4x400P)
D 3-State Unlatched Output
D Texas Instruments EPIC™ CMOS Process
D Operating Free-Air Temperature Range
0
°C to 70°C
AVAILABLE OPTIONS
DEVICE
POWER
SUPPLY
SELF-REFRESH
BATTERY
BACKUP
REFRESH
CYCLES
TMS44400
5 V
1024 in 16 ms
TMS44400P
5 V
Yes
1024 in 128 ms
TMS46400
3.3 V
1024 in 16 ms
TMS46400P
3.3 V
Yes
1024 in 128 ms
These devices feature maximum RAS access times of 60 ns, 70 ns, and 80 ns. All addresses and data-in lines
are latched on chip to simplify system design. Data out is unlatched to allow greater system flexibility.
The TMS4x400 and TMS4x400P are offered in a 20 / 26-lead plastic small-outline ( TSOP) package ( DGA suffix)
and a 300-mil 20 / 26-lead plastic surface-mount SOJ package ( DJ suffix). Both packages are characterized for
operation from 0
°C to 70°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
ADVANCE INFORMATION concerns new products in the sampling or
preproduction phase of development. Characteristic data and other
specifications are subject to change without notice.
PIN NOMENCLATURE
A0 – A9
Address Inputs
CAS
Column-Address Strobe
DQ1 – DQ4
Data In
OE
Output Enable
RAS
Row-Address Strobe
VCC
5-V or 3.3-V Supply
VSS
Ground
W
Write Enable
DJ PACKAGE
( TOP VIEW )
VSS
DQ4
DQ3
CAS
OE
A8
A7
A6
A5
A4
26
25
24
23
22
18
17
16
15
14
1
2
3
4
5
9
10
11
12
13
DGA PACKAGE
( TOP VIEW )
DQ1
DQ2
W
RAS
A9
A0
A1
A2
A3
VCC
VSS
DQ4
DQ3
CAS
OE
A8
A7
A6
A5
A4
26
25
24
23
22
18
17
16
15
14
1
2
3
4
5
9
10
11
12
13
DQ1
DQ2
W
RAS
A9
A0
A1
A2
A3
VCC
EPIC is a trademark of Texas Instruments Incorporated.
description
The TMS4x400 series is a set of high-speed,
4 194 304-bit dynamic random-access memories
(DRAMs), organized as 1 048 576 words of four
bits each. The TMS4x400P series is a set of
high-speed,
low-power,
self-refresh
with
extended-refresh,
4 194 304-bit
DRAMs,
organized as 1 048 576 words of four bits each.
Both series employ state-of-the-art enhanced
performance
implanted
CMOS
(EPIC
™)
technology for high performance, reliability, and
low power.
Copyright
© 1996, Texas Instruments Incorporated


Similar Part No. - TMS46400

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS46400 TI1-TMS46400 Datasheet
456Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS46400P TI1-TMS46400P Datasheet
456Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
More results

Similar Description - TMS46400

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS44400_1998 TI1-TMS44400_1998 Datasheet
456Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
SMJ416160 TI-SMJ416160 Datasheet
364Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS44409 TI-TMS44409 Datasheet
413Kb / 26P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORY
TMS44C256 TI-TMS44C256 Datasheet
705Kb / 32P
[Old version datasheet]   262.144-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
JUNE 1986 - REVISED MAY 1988
TMS44100 TI-TMS44100 Datasheet
383Kb / 25P
[Old version datasheet]   4194304-WORD BY 1-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS418169A TI-TMS418169A Datasheet
436Kb / 29P
[Old version datasheet]   1048576 BY 16-BIT EXTENDED DATA OUT DYNAMIC RANDOM-ACCESS MEMORIES
TMS416400A TI-TMS416400A Datasheet
397Kb / 27P
[Old version datasheet]   4194304 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
SMJ4C1024 TI-SMJ4C1024 Datasheet
414Kb / 27P
[Old version datasheet]   1048576 BY 1-BIT DYNAMIC RANDOM-ACCESS MEMORY
TMS418160A TI-TMS418160A Datasheet
355Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORY
TMS45160 TI1-TMS45160_08 Datasheet
361Kb / 23P
[Old version datasheet]   262144-WORD BY 16-BIT HIGH-SPEED DYNAMIC RANDOM-ACCESS MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com