Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD8304-2M Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # PD8304-2M
Description  TWO -WAYOCTAVE-BANDISOLATED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

PD8304-2M Datasheet(HTML) 1 Page - Micronetics, Inc.

  PD8304-2M Datasheet HTML 1Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
APPLICATIONS
Beam forming networks
for antenna arrays
Local oscillator
distribution networks
Combining circuits for
multiple signal sources
TWO - WAY OCTAVE-BAND ISOLATED
POWER DIVIDERS / COMBINERS
DESCRIPTION
......
......
......
......
.....
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
TYPICAL SPECIFICATIONS
These power dividers provide
broadband performance and
excellent stability. Phase and
amplitude balance is ± 3°,
± .3 dB. Power handling is
2 Watts average, 1 kW peak
for load VSWRs up to 1.5:1.
Standard units use SMA ( F )
connectors. Narrower band
units can be provided with
improved performance.
Operating temperature is
from -55° to + 85° C.
Higher power units available
by request.
......
......
......
......
.....
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
......
PD8304-2M
0.80 - 2.0
0.4
1.30:1
25 dB TYP.
1.4” X 2.5” X 0.4”
20 dB MIN.
PD8305-2M
1.0 - 2.5
0.4
1.30:1
25 dB TYP.
1.4” X 2.5” X 0.4”
20 dB MIN.
PD8306-2M
1.5 - 3.75
0.4
1.35:1
23 dB TYP.
1.4” X 2.0” X 0.4”
20 dB MIN.
PD8307-2M
2.0 - 5.2
0.5
1.40:1
23 dB TYP.
1.4” X 1.5” X 0.4”
20 dB MIN.
PD8308-2M
3.0 - 7.0
0.5
1.40:1
22 dB TYP.
1.4” X 1.5” x 0.4”
18 dB MIN.
PD8309-2M
4.8 - 10.0
0.6
1.50:1
22 dB TYP.
1.1” X 1.1” X 0.4”
18 dB MIN.
PD10200-2M
10.0 -20.0
0.75
1.60:1
20 dB TYP.
1.1” X 1.1” X 0.4”
17 dB MIN.
PART
#
FREQ
RANGE
GHz
LOSS
(MAX.)
dB
ISOLATION
VSWR
(MAX.)


Similar Part No. - PD8304-2M

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
PD8310-3M MICRONETICS-PD8310-3M Datasheet
1Mb / 1P
   THREE -WAYOCTAVE-BANDISOLATED POWERDIVIDERS / COMBINERS
PD8311-3M MICRONETICS-PD8311-3M Datasheet
1Mb / 1P
   THREE -WAYOCTAVE-BANDISOLATED POWERDIVIDERS / COMBINERS
PD8312-3M MICRONETICS-PD8312-3M Datasheet
1Mb / 1P
   THREE -WAYOCTAVE-BANDISOLATED POWERDIVIDERS / COMBINERS
PD8314-3M MICRONETICS-PD8314-3M Datasheet
1Mb / 1P
   THREE -WAYOCTAVE-BANDISOLATED POWERDIVIDERS / COMBINERS
logo
Mitsubishi Electric Sem...
PD839C4 MITSUBISHI-PD839C4 Datasheet
48Kb / 2P
   InGaAs AVALANCHE PHOTO DIODES
More results

Similar Description - PD8304-2M

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
PD8310-3M MICRONETICS-PD8310-3M Datasheet
1Mb / 1P
   THREE -WAYOCTAVE-BANDISOLATED POWERDIVIDERS / COMBINERS
logo
ATMEL Corporation
AVR1908 ATMEL-AVR1908 Datasheet
1Mb / 5P
   Two buttons
logo
ALPS ELECTRIC CO.,LTD.
SSCQ ALPS-SSCQ Datasheet
1Mb / 3P
   Compact Two-way, Two-step Detection Type
logo
Molex Electronics Ltd.
130126-0200 MOLEX11-130126-0200 Datasheet
42Kb / 1P
   Super-Safeway Two Button Station, Two Speed
1301260200 MOLEX1-1301260200_17 Datasheet
34Kb / 1P
   Super-Safeway Two Button Station, Two Speed
1301260200 MOLEX11-1301260200 Datasheet
46Kb / 1P
   Super-Safeway Two Button Station, Two Speed
1301260031 MOLEX11-1301260031 Datasheet
37Kb / 1P
   Watertite Two Button Two Speed Switch, Mechanically Interlocked
logo
Renesas Technology Corp
R1EX24002ASAS0G RENESAS-R1EX24002ASAS0G_15 Datasheet
505Kb / 18P
   Two-wire serial interface Two-wire serial interface
logo
LOGIC Devices Incorpora...
LF48908 LODEV-LF48908 Datasheet
315Kb / 16P
   Two Dimensional Convolver
logo
Hynix Semiconductor
GL6850 HYNIX-GL6850 Datasheet
37Kb / 3P
   TWO TONE RINGER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com