Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC858BWT1 Datasheet(PDF) 1 Page - Motorola, Inc

Part # BC858BWT1
Description  CASE 419-02, STYLE 3 SOT-323/SC-70
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BC858BWT1 Datasheet(HTML) 1 Page - Motorola, Inc

  BC858BWT1 Datasheet HTML 1Page - Motorola, Inc BC858BWT1 Datasheet HTML 2Page - Motorola, Inc BC858BWT1 Datasheet HTML 3Page - Motorola, Inc BC858BWT1 Datasheet HTML 4Page - Motorola, Inc BC858BWT1 Datasheet HTML 5Page - Motorola, Inc BC858BWT1 Datasheet HTML 6Page - Motorola, Inc BC858BWT1 Datasheet HTML 7Page - Motorola, Inc BC858BWT1 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
General Purpose Transistors
PNP Silicon
These transistors are designed for general purpose amplifier
applications. They are housed in the SOT–323/SC–70 which is
designed for low power surface mount applications.
MAXIMUM RATINGS
Rating
Symbol
BC856
BC857
BC858
Unit
Collector – Emitter Voltage
VCEO
–65
–45
–30
V
Collector – Base Voltage
VCBO
–80
–50
–30
V
Emitter – Base Voltage
VEBO
–5.0
–5.0
–5.0
V
Collector Current — Continuous
IC
–100
–100
–100
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board, (1)
TA = 25°C
PD
150
mW
Thermal Resistance, Junction to Ambient
RqJA
833
°C/W
Junction and Storage Temperature
TJ, Tstg
– 55 to +150
°C
DEVICE MARKING
BC856AWT1 = 3A; BC856BWT1 = 3B; BC857AWT1 = 3E; BC857BWT1 = 3F;
BC858AWT1 = 3J; BC858BWT1 = 3K; BC858CWT1 = 3L
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Breakdown Voltage
BC856 Series
(IC = –10 mA)
BC857 Series
BC858 Series
V(BR)CEO
–65
–45
–30
V
Collector – Emitter Breakdown Voltage
BC856 Series
(IC = –10 µA, VEB = 0)
BC857 Series
BC858 Series
V(BR)CES
–80
–50
–30
V
Collector – Base Breakdown Voltage
BC856 Series
(IC = –10 mA)
BC857 Series
BC858 Series
V(BR)CBO
–80
–50
–30
V
Emitter – Base Breakdown Voltage
BC856 Series
(IE = –1.0 mA)
BC857 Series
BC858 Series
V(BR)EBO
–5.0
–5.0
–5.0
V
Collector Cutoff Current (VCB = –30 V)
Collector Cutoff Current (VCB = –30 V, TA = 150°C)
ICBO
–15
–4.0
nA
µA
1. FR–5 = 1.0 x 0.75 x 0.062 in
Thermal Clad is a registered trademark of the Bergquist Company.
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by BC856AWT1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
BC856AWT1,BWT1
BC857AWT1,BWT1
BC858AWT1,BWT1,
CWT1
Motorola Preferred Devices
CASE 419–02, STYLE 3
SOT–323/SC–70
1
2
3
© Motorola, Inc. 1996
COLLECTOR
3
1
BASE
2
EMITTER


Similar Part No. - BC858BWT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC858BWT1 ONSEMI-BC858BWT1 Datasheet
178Kb / 8P
   General Purpose Transistors(PNP Silicon)
logo
Leshan Radio Company
BC858BWT1 LRC-BC858BWT1 Datasheet
217Kb / 5P
   General Purpose Transistors(PNP Silicon)
logo
ON Semiconductor
BC858BWT1G ONSEMI-BC858BWT1G Datasheet
84Kb / 6P
   General Purpose Transistors
April, 2015 ??Rev. 4
More results

Similar Description - BC858BWT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC846AWT1 MOTOROLA-BC846AWT1 Datasheet
207Kb / 6P
   CASE 419-02, STYLE 3 SOT-323/SC-70
BAS16WT1 MOTOROLA-BAS16WT1 Datasheet
98Kb / 6P
   CASE 419-02, STYLE 2 SC-70/SOT-323
BAV70WT1 MOTOROLA-BAV70WT1 Datasheet
99Kb / 6P
   CASE 419-02, STYLE 5 SC-70/SOT-323
BAV99WT1 MOTOROLA-BAV99WT1 Datasheet
128Kb / 6P
   SC-70/SOT-323 Dual Series Switching Diode
logo
Agilent(Hewlett-Packard...
HSMP-381B HP-HSMP-381B Datasheet
91Kb / 12P
   Surface Mount PIN Diodes in SOT-323 (SC-70 3-Lead)
logo
Motorola, Inc
DTC114YE MOTOROLA-DTC114YE Datasheet
144Kb / 6P
   CASE 463-01, STYLE 1 SOT-416/SC-90
DTA143EE MOTOROLA-DTA143EE Datasheet
93Kb / 4P
   CASE 463-01, STYLE 1 SOT-416/SC-90
DTC114TE MOTOROLA-DTC114TE Datasheet
91Kb / 4P
   CASE 463-01, STYLE 1 SOT-416/SC-90
logo
ON Semiconductor
MMBF2201NT1 ONSEMI-MMBF2201NT1_06 Datasheet
57Kb / 4P
   Power MOSFET 300 mAmps, 20 Volts N-Channel SC-70/SOT-323
January, 2006 ??Rev. 4
MMBF2201NT1 ONSEMI-MMBF2201NT1 Datasheet
60Kb / 8P
   Power MOSFET 300 mAmps, 20 Volts N-Channel SC-70/SOT-323
November, 2000 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com