Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPL15100PT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # MPL15100PT
Description  SCHOTTKY DIODE ARRAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

MPL15100PT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  MPL15100PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. MPL15100PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MPL15100PT
CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
VOL TA GE 100 Vo l t s
CURRENT 15 A m p er es
2005-2
Maximum Rev ers e Cu rr en t
CHA RA CTERISTICS
UNITS
uAmps
Vo l t s
Typ. Fo r w ar d Vo l t ag e
RA TINGS
Maxim u m Rec u rr en t Peak Rev ers e Vo l t ag e
Maxim u m RMS Vo l t ag e
Maxim u m DC B l o cki n g Vo l t ag e
Maxim u m A v er ag e Fo rw ar d Rec t i f i ed Cu rr en t
No n-Repetitive Peak Forward Surge Cur rent at 8.3 mSec.
Total Capacitance ( f =1.0MHZ , VR =4.0VDC)
Ty p ic al Th erm al Resis t an c e
VRRM
VRMS
VDC
O
CT
R
θJ-S
VF
IR
I FSM
MPL15100PT
MPL15100PT
UNITS
100
Vo l t s
Vo l t s
Vo l t s
Amps
70
100
15
500
3.2
-55 t o +125
A m p s
p F
oC/W
oC
St o r ag e Tem p er at u r e Ran g e
Max i m u m Op er at i n g Tem p er at u r e Rang e
TJ
TSTG
-55 to +150
oC
@VR= 100V , Tc=25
10
@IF= 15A , Tc=25
0.85
SCHOTTKY DIODE ARRAY
3
2
1
I
oC
oC
* Low Power Loss, High Efficiency
.
* DC to DC Converters
* Switch- Mode Power Supplies
* Low Forward Voltage Drop .
* Peak F o r w ar d S u r g e C u r ren t I s 100A .
.
* Schottky Diode Ar ray .
* Notbook PC
PROVISIONAL SPEC.
* Sm al l S u r f ac e M o u n t i n g T y p e. (SMP)
SMP
APPLICATION
FEATURE
CIRCUIT
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
SYMBOL
SYMBOL
100
Di m ens i ons i n inches and (m ill i m eter s)
SMP
0.005 (0.15 Min.)
0.077 (1.95)
0.073 (1.85)
0.045 (1.16)
0.042 (1.07)
0.081 (2.05)
0.077 (1.95)
0.212 (5.38)
0.208 (5.29)
0.264 (6.70)
0.254 (6.46)
0.055 (1.40)
0.051 (1.30)
0.170 (4.31)
0.163 (4.15)
(1)
(2)
(3)
0.019 (0.50 Min.)
0.019 (0.50 Min.)


Similar Part No. - MPL15100PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
MPL1540PT CHENMKO-MPL1540PT Datasheet
224Kb / 2P
   SCHOTTKY DIODE ARRAY
logo
B. B. Battery Co., Ltd.
MPL155-12 BB-BATTERY-MPL155-12 Datasheet
490Kb / 1P
   VRLA Rechargeable Battery
More results

Similar Description - MPL15100PT

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
SDA32 ZETEX-SDA32 Datasheet
691Kb / 4P
   SCHOTTKY DIODE ARRAY
logo
Chenmko Enterprise Co. ...
MPL860PT CHENMKO-MPL860PT Datasheet
211Kb / 2P
   SCHOTTKY DIODE ARRAY
MPL3100PT CHENMKO-MPL3100PT Datasheet
210Kb / 2P
   SCHOTTKY DIODE ARRAY
SPL840PT CHENMKO-SPL840PT Datasheet
166Kb / 2P
   SCHOTTKY DIODE ARRAY
SPL1040ACTPT CHENMKO-SPL1040ACTPT Datasheet
197Kb / 2P
   SCHOTTKY DIODE ARRAY
SPL1040PT CHENMKO-SPL1040PT Datasheet
170Kb / 2P
   SCHOTTKY DIODE ARRAY
MPL8100PT CHENMKO-MPL8100PT Datasheet
218Kb / 2P
   SCHOTTKY DIODE ARRAY
logo
List of Unclassifed Man...
SDA12 ETC-SDA12 Datasheet
655Kb / 4P
   SCHOTTKY DIODE ARRAY
logo
Zetex Semiconductors
SDA24 ZETEX-SDA24 Datasheet
674Kb / 4P
   SCHOTTKY DIODE ARRAY
logo
Chenmko Enterprise Co. ...
MPL5100PT CHENMKO-MPL5100PT Datasheet
235Kb / 2P
   SCHOTTKY DIODE ARRAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com