Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5231BPT Datasheet(PDF) 5 Page - Chenmko Enterprise Co. Ltd.

Part # MMSZ5231BPT
Description  SILICON PLANAR POWER ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

MMSZ5231BPT Datasheet(HTML) 5 Page - Chenmko Enterprise Co. Ltd.

  MMSZ5231BPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. MMSZ5231BPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. MMSZ5231BPT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. MMSZ5231BPT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd. MMSZ5231BPT Datasheet HTML 5Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
FIG. 6 - TYPICAL LEAKAGE CURRENT
FIG. 5 - TYPICAL CAPACITANCE
FIG. 7 - ZENER VOLTAGE VERSUS ZENER CURRENT
(VZ UP TO 12V)
FIG. 8 - ZENER VOLTAGE VERSUS ZENER CURRENT
(12V TO 91V)
VZ NOMINAL ZENER VOLTAGE ( V )
VZ ZENER VOLTAGE ( V )
VZ NOMINAL ZENER VOLTAGE ( V )
VZ ZENER VOLTAGE ( V )
100
1000
100
10
1
10
1
12
100
10
1
0.1
0.01
10
8
6
4
2
0
100
10
1
0.1
0.01
10
30
50
70
90
90
1000
100
10
1
0.1
0.01
0.001
0.0001
0.00001
80
70
60
50
40
30
20
10
0
0 V BIAS
1 V BIAS
BIAS AT
50% OF VZ NOM
TA=25
oC
TA=25
oC
TA=25
oC
150
oC
25
oC
-55
oC
RATING CHARACTERISTIC CURVES ( MMSZ5221BPT THRU MMSZ5270BPT )


Similar Part No. - MMSZ5231BPT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5231B PANJIT-MMSZ5231B Datasheet
82Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotech Company.
MMSZ5231B DIOTECH-MMSZ5231B Datasheet
889Kb / 3P
   SURFACE MOUNT ZENER DIODE
logo
Pan Jit International I...
MMSZ5231B PANJIT-MMSZ5231B Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
SeCoS Halbleitertechnol...
MMSZ5231B SECOS-MMSZ5231B Datasheet
465Kb / 3P
   500mW, SOD-123 Series Surface Mount Zener Diodes
logo
Pan Jit International I...
MMSZ5231B PANJIT-MMSZ5231B Datasheet
107Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - MMSZ5231BPT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728 Datasheet
34Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
   Silicon Planar Power Zener Diodes
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
   SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
   Silicon Planar Power Zener Diodes
1N4727A NJSEMI-1N4727A Datasheet
164Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
PACELEADER INDUSTRIAL
ZM4728A PACELEADER-ZM4728A Datasheet
179Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Kingtronics Internation...
1N4727A-1N4761A KINGTRONICS-1N4727A-1N4761A Datasheet
499Kb / 5P
   Silicon Planar Power Zener Diodes
logo
Semtech Corporation
BZV85 SEMTECH-BZV85 Datasheet
277Kb / 3P
   SILICON PLANAR POWER ZENER DIODES???
logo
GOOD-ARK Electronics
ZM4728 GOOD-ARK-ZM4728 Datasheet
35Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com