Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMPZ5231SPT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # MMPZ5231SPT
Description  SILICON PLANAR POWER ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

MMPZ5231SPT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  MMPZ5231SPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. MMPZ5231SPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. MMPZ5231SPT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. MMPZ5231SPT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd. MMPZ5231SPT Datasheet HTML 5Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT ZENER
SILICON PLANAR POWER ZENER DIODES
VOLTAGE RANGE 2.4V TO 91V
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
2004-05
Max. Instantaneous Forward Voltage at IF= 10mA
CHARACTERISTICS
SYMBOL
UNITS
550
0.9
Volts
oC/W
Thermal Resistance Junction to Ambient
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Zener Current ( see Table "Characteristics" )
Max. Steady State Power Dissipation @TA=25oC
Max. Operating Temperature Range
Storage Temperature Range
SYMBOL
-
PD
TJ
TSTG
R JA
VF
VALUE
MAX.
-
-
TYP.
-
-
MIN.
UNITS
-
mW
-
225
1. The JEDEC type numbers listd have a standaerd tolerance on the normal zener voltage of +10%, Suffix B=+5%, Suffix S=+2%.
2. The zener impedance is derived from 1KHz AC voltage, which results when an AC current having an RMS value equal to 10%
of DC zener current (IZT or IZK) is superimposed on IZT or IZK. Zener impedance is measured at two points to insure a sharp knee
on the breakdown curve to eliminate unstable units.
3. Valid provided that electrodes at distance of 10mm from case are kept ambient temperature.
4. Measured under thermal equilibrium and DC test conditions.
5. The rating listd in the electrical characteristics table is maximum peak, non-repetitive, reverse surge current of 1/2 square wave
or equivalent sine wave pulse of 1/120 second duration superimposed on the test current, IZT, per JEDEC registration.
FEATURE
* High temperature soldering type.
* ESD rating of class 3(>16 kV) per human body model.
* Silicon planar zener diodes.
* Silcon-oxide passivated junction.
* Low temperature coefficient voltage
* 225 mW Rating on FR-4 or FR-5 Board
MECHANICAL
* Voild-free, Transfer-molded, Thermosetting plastic case
* SC-76/SOD-323 Packaging.
* Cathode indicated by polarity band.
* Mounting position: Any.
-65 to +150
-65 to +150
oC
oC
MMPZ5221SPT
THRU
MMPZ5270SPT
CIRCUIT
SC-76/SOD-323
(1)
(2)
Dimensions in millimeters
SC-76/SOD-323
1.15~1.4
1.6~1.8
0.25~0.4
Cathode Band
0.08~0.177
0.25~0.45
0.6~1.0
2.3~2.7
0.1Max.
(1)
(2)


Similar Part No. - MMPZ5231SPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
MMPZ5231BPT CHENMKO-MMPZ5231BPT Datasheet
139Kb / 5P
   SILICON PLANAR POWER ZENER DIODES
More results

Similar Description - MMPZ5231SPT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728 Datasheet
34Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
   Silicon Planar Power Zener Diodes
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
   SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
   Silicon Planar Power Zener Diodes
1N4727A NJSEMI-1N4727A Datasheet
164Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
PACELEADER INDUSTRIAL
ZM4728A PACELEADER-ZM4728A Datasheet
179Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Kingtronics Internation...
1N4727A-1N4761A KINGTRONICS-1N4727A-1N4761A Datasheet
499Kb / 5P
   Silicon Planar Power Zener Diodes
logo
Semtech Corporation
BZV85 SEMTECH-BZV85 Datasheet
277Kb / 3P
   SILICON PLANAR POWER ZENER DIODES???
logo
GOOD-ARK Electronics
ZM4728 GOOD-ARK-ZM4728 Datasheet
35Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com