Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5229BPT Datasheet(PDF) 3 Page - Chenmko Enterprise Co. Ltd.

Part # MMSZ5229BPT
Description  SILICON PLANAR POWER ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

MMSZ5229BPT Datasheet(HTML) 3 Page - Chenmko Enterprise Co. Ltd.

  MMSZ5229BPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. MMSZ5229BPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. MMSZ5229BPT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. MMSZ5229BPT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd. MMSZ5229BPT Datasheet HTML 5Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS ( MMSZ5221BPT THRU MMSZ5270BPT )
Test
Maximum Zener impedance
Maximum
Type
Max
Nom
Min
Volts
Volts
Volts
Maximum
Zener voltage
current
reverse leakage current temperature
coefficient
regulator
VZ (V) @ IZT
current
ZZT
at
at
at
at IZT
ZZK
IZK
IR
at VR
TA= 25
oC
TA= 50
oC
IZT (mA)
( )
( )
(mA)
(uA)
(V)
VZ
(%/
oC)
IZM (mA)
TYPE
13.8
12.6
11.6
10.6
+0.093
+0.094
+0.095
+0.095
27
30
33
36
0.1
0.1
0.1
0.1
0.25
0.25
0.25
0.25
700
800
900
1000
95
130
93
105
5
5
3.0
2.7
34.20
37.05
40.85
44.65
36
39
43
47
37.80
40.95
45.15
49.35
MMSZ5258BPT
MMSZ5259BPT
MMSZ5260BPT
MMSZ5261BPT
9.7
8.9
11.6
-
+0.096
+0.096
+0.097
+0.097
39
43
46
47
0.1
0.1
0.1
0.1
0.25
0.25
0.25
0.25
1100
1300
1400
1400
125
150
170
185
2.5
2.2
2.1
2.0
48.45
53.20
57.00
58.90
51
56
60
62
53.55
58.80
63.00
65.10
MMSZ5262BPT
MMSZ5263BPT
MMSZ5264BPT
MMSZ5265BPT
-
+0.097
52
0.1
0.25
1600
230
1.8
64.60
68
71.40
MMSZ5266BPT
-
-
-
-
+0.098
+0.098
+0.099
+0.099
56
62
68
69
0.1
0.1
0.1
0.1
0.25
0.25
0.25
0.25
1700
2000
2200
2300
270
330
370
400
1.7
1.5
1.4
1.4
71.25
77.90
82.65
86.45
75
82
87
91
78.75
86.10
91.35
95.55
MMSZ5267BPT
MMSZ5268BPT
MMSZ5269BPT
MMSZ5270BPT


Similar Part No. - MMSZ5229BPT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5229B PANJIT-MMSZ5229B Datasheet
82Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Microdiode Electronics ...
MMSZ5229B CHENDA-MMSZ5229B Datasheet
1,011Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
MMSZ5229B BILIN-MMSZ5229B Datasheet
142Kb / 4P
   Surface mount zener diode
logo
Diotec Semiconductor
MMSZ5229B DIOTEC-MMSZ5229B Datasheet
135Kb / 2P
   SMD Planar Zener Diodes
logo
Taiwan Semiconductor Co...
MMSZ5229B TSC-MMSZ5229B Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
More results

Similar Description - MMSZ5229BPT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728 Datasheet
34Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
   Silicon Planar Power Zener Diodes
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
   SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
   Silicon Planar Power Zener Diodes
1N4727A NJSEMI-1N4727A Datasheet
164Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
PACELEADER INDUSTRIAL
ZM4728A PACELEADER-ZM4728A Datasheet
179Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Kingtronics Internation...
1N4727A-1N4761A KINGTRONICS-1N4727A-1N4761A Datasheet
499Kb / 5P
   Silicon Planar Power Zener Diodes
logo
Semtech Corporation
BZV85 SEMTECH-BZV85 Datasheet
277Kb / 3P
   SILICON PLANAR POWER ZENER DIODES???
logo
GOOD-ARK Electronics
ZM4728 GOOD-ARK-ZM4728 Datasheet
35Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com