Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMGZ5230SPT Datasheet(PDF) 5 Page - Chenmko Enterprise Co. Ltd.

Part # MMGZ5230SPT
Description  SILICON PLANAR POWER ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

MMGZ5230SPT Datasheet(HTML) 5 Page - Chenmko Enterprise Co. Ltd.

  MMGZ5230SPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. MMGZ5230SPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. MMGZ5230SPT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. MMGZ5230SPT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd. MMGZ5230SPT Datasheet HTML 5Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
RATING CHARACTERISTIC CURVES ( MMGZ5221SPT THRU MMGZ5270SPT )
FIG. 6 - TYPICAL LEAKAGE CURRENT
FIG. 5 - TYPICAL CAPACITANCE
FIG. 7 - ZENER VOLTAGE VERSUS ZENER CURRENT
(VZ UP TO 12V)
FIG. 8 - ZENER VOLTAGE VERSUS ZENER CURRENT
(12V TO 91V)
VZ NOMINAL ZENER VOLTAGE ( V )
VZ ZENER VOLTAGE ( V )
VZ NOMINAL ZENER VOLTAGE ( V )
VZ ZENER VOLTAGE ( V )
100
Figure 5. T
1000
100
10
1
10
1
12
Z
100
10
1
0.1
0.01
10
8
6
4
2
0
100
10
1
0.1
0.01
10
30
50
70
90
90
Figure 6. Typical Leakage Current
1000
100
10
1
0.1
0.01
0.001
0.0001
0.00001
80
70
60
50
40
30
20
10
0
Figure 7. Zener Voltage versus Zener Current
(VZ Up to 12 V)
Figure 8. Zener Voltage versus Zener Current
(12 V to 91 V)
0 V BIAS
1 V BIAS
BIAS AT
50% OF VZ NOM
TA=25
oC
TA=25
oC
TA=25
oC
150
oC
25
oC
-55
oC


Similar Part No. - MMGZ5230SPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
MMGZ5230BPT CHENMKO-MMGZ5230BPT Datasheet
120Kb / 5P
   SILICON PLANAR POWER ZENER DIODES
More results

Similar Description - MMGZ5230SPT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728 Datasheet
34Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
   Silicon Planar Power Zener Diodes
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
   SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
   Silicon Planar Power Zener Diodes
1N4727A NJSEMI-1N4727A Datasheet
164Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
PACELEADER INDUSTRIAL
ZM4728A PACELEADER-ZM4728A Datasheet
179Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Kingtronics Internation...
1N4727A-1N4761A KINGTRONICS-1N4727A-1N4761A Datasheet
499Kb / 5P
   Silicon Planar Power Zener Diodes
logo
Semtech Corporation
BZV85 SEMTECH-BZV85 Datasheet
277Kb / 3P
   SILICON PLANAR POWER ZENER DIODES???
logo
GOOD-ARK Electronics
ZM4728 GOOD-ARK-ZM4728 Datasheet
35Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com