Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS370 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 2 Page - Texas Instruments

  TMS370 Datasheet HTML 1Page - Texas Instruments TMS370 Datasheet HTML 2Page - Texas Instruments TMS370 Datasheet HTML 3Page - Texas Instruments TMS370 Datasheet HTML 4Page - Texas Instruments TMS370 Datasheet HTML 5Page - Texas Instruments TMS370 Datasheet HTML 6Page - Texas Instruments TMS370 Datasheet HTML 7Page - Texas Instruments TMS370 Datasheet HTML 8Page - Texas Instruments TMS370 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
TMS370Cx1x
8-BIT MICROCONTROLLER
SPNS012F – MAY 1987 – REVISED FEBRUARY 1997
2
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
Pin Descriptions
28 PINS
DIP and LCC
I/O†
DESCRIPTION
NAME
NO.
A0
A1
A2
A3
A4
A5
A6
A7
14
13
11
10
9
8
7
3
I/O
Port A is a general-purpose bidirectional I / O port.
D3
D4
D5
D6
D7
28
26
15
1
2
I/O
Port D is a general-purpose bidirectional I / O port. D3 is also configurable as SYSCLK.
INT1
INT2
INT3
16
17
18
I
I/O
I/O
External interrupt (non-maskable or maskable) / general-purpose input pin
External maskable interrupt input / general-purpose bidirectional pin
External maskable interrupt input / general-purpose bidirectional pin
T1IC / CR
T1PWM
T1EVT
22
21
20
I/O
Timer1 input capture / counter reset input pin / general-purpose bidirectional pin
Timer1 PWM output pin / general-purpose bidirectional pin
Timer1 external event input pin / general-purpose bidirectional pin
SPISOMI
SPISIMO
SPICLK
25
23
24
I/O
SPI slave output pin, master input pin / general-purpose bidirectional pin
SPI slave input pin, master output pin / general-purpose bidirectional pin
SPI bidirectional serial clock pin / general-purpose bidirectional pin
RESET
27
I/O
System reset bidirectional pin; as input pin, RESET initializes the microcontroller; as open-drain output,
RESET indicates that an internal failure was detected by watchdog or oscillator fault circuit.
MC
19
I
Mode control input pin; enables EEPROM write protection override (WPO) mode, also EPROM VPP
XTAL2 / CLKIN
XTAL1
5
6
I
O
Internal oscillator crystal input / External clock source input
Internal oscillator output for crystal
VCC
4
Positive supply voltage
VSS
12
Ground reference
† I = input, O = output


Similar Part No. - TMS370

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS370 TI-TMS370 Datasheet
31Kb / 1P
[Old version datasheet]   RADIO FREQUENCY I DENTIFICATION SYSTEMS
TMS370 TI-TMS370 Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
TMS370 TI-TMS370 Datasheet
715Kb / 49P
[Old version datasheet]   8-BIT MICROCONTROLLER
TMS370 TI-TMS370 Datasheet
930Kb / 78P
[Old version datasheet]   TMS370 MICROCONTROLLER FAMILY DATA BOOK
TMS370 TI-TMS370 Datasheet
868Kb / 60P
[Old version datasheet]   8-BIT MICROCONTROLLER
More results

Similar Description - TMS370

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com