Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBD4448HSDWPT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # MMBD4448HSDWPT
Description  SWITCHING DIODE ARRAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

MMBD4448HSDWPT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  MMBD4448HSDWPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. MMBD4448HSDWPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMBD4448HSDWPT
CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
SWITCHING DIODE ARRAY
VOLTAGE 80 Volts
CURRENT 250 mAmpere
APPLICATION
FEATURE
* Small surface mounting type. (SC-88/SOT-363)
* High speed. (TRR=4.0nSec Max.)
* Fast Switching Speed.
CONSTRUCTION
* Silicon epitaxial planar
* Fast high speed switching
* Ultra-Small Surface Mount Package.
* For General Purpose Switching Applications.
* High Conductance.
CIRCUIT
MARKING
* DU
SC-88/SOT-363
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
Maximum Average Reverse Current (Note 1)
CHARACTERISTICS
SYMBOL
uAmps
Volts
Maximum Instantaneous Forward Voltage
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Non-Repetitive Peak Reverse Voltage
Maximum Working Peak Reverse Voltage
Maximum DC Blocking Voltage
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current at 1uSec.
Total Capacitance
Maximum Operating and Storage Temperaturd Range
Maximum Thermal Resistance
SYMBOL
VRM
VRWM
VDC
VRRM
VRMS
IO
CT
VF
IR
TJ,TSTG
IFSM
MMBD4448HSDWPT
MMBD4448HSDWPT
UNITS
100
Volts
Volts
Volts
mAmps
80
57
250
Repetitive Peak Forward Current
IFRM
mAmps
500
3.5
625
-65 to +150
Amps
pF
Maximum Reverse Recovery Time
trr
4.0
nSec
oC/W
oC
@1Sec
@1.0uSec
VR= 20V @TJ=25
oC
VR= 75V @TJ=150
oC
VR= 25V @TJ=150
oC
25nA
50
30
1.0
0.72
2.0
4.0
R JA
@ IF= 100 mA
@ IF= 5.0 mA
NOTES :
2003-12
1. Short duration test pulse used to minimize self-hesting effect.
1
3
6
4
UNITS
Dimensions in millimeters
SC-88/SOT-363
0.8~1.1
0.08~0.15
0~0.1
2.15~2.45
0.1 Min.
0.65
0.65
1.2~1.4
2.0~2.2
0.15~0.35
1.15~1.35
(1)
(3)
(6)
(4)


Similar Part No. - MMBD4448HSDWPT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD4448HSDW DIODES-MMBD4448HSDW Datasheet
77Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30153 Rev. 7 - 2
logo
Goodwork Semiconductor ...
MMBD4448HSDW GWSEMI-MMBD4448HSDW Datasheet
1Mb / 4P
   Plastic-Encapsulate Diodes
logo
Diodes Incorporated
MMBD4448HSDW DIODES-MMBD4448HSDW Datasheet
440Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30153 Rev. 14 - 2
logo
Weitron Technology
MMBD4448HSDW WEITRON-MMBD4448HSDW Datasheet
2Mb / 4P
   Surface Mount Switching Multi-Chip Diode Array
logo
SeCoS Halbleitertechnol...
MMBD4448HSDW SECOS-MMBD4448HSDW Datasheet
1Mb / 2P
   Surface Mount Switching Diode Array
More results

Similar Description - MMBD4448HSDWPT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
S24-4148CC MICROSEMI-S24-4148CC Datasheet
67Kb / 1P
   Switching Diode Array
logo
List of Unclassifed Man...
ADA1108P ETC-ADA1108P Datasheet
581Kb / 1P
   Switching Diode Array
logo
Microsemi Corporation
MMAD1107 MICROSEMI-MMAD1107 Datasheet
58Kb / 1P
   Switching Diode Array
logo
Chenmko Enterprise Co. ...
MMBD4448FPT CHENMKO-MMBD4448FPT Datasheet
111Kb / 2P
   SWITCHING DIODE ARRAY
MMBD4448HTWPT CHENMKO-MMBD4448HTWPT Datasheet
103Kb / 2P
   SWITCHING DIODE ARRAY
MMBD4448TPT CHENMKO-MMBD4448TPT Datasheet
128Kb / 2P
   SWITCHING DIODE ARRAY
MMBD4448VPT CHENMKO-MMBD4448VPT Datasheet
110Kb / 2P
   SWITCHING DIODE ARRAY
logo
Microsemi Corporation
S16-4148 MICROSEMI-S16-4148 Datasheet
65Kb / 1P
   Switching Diode Array
MAD1104 MICROSEMI-MAD1104 Datasheet
50Kb / 1P
   Switching Diode Array
MMAD1104 MICROSEMI-MMAD1104 Datasheet
86Kb / 1P
   Switching Diode Array
MMAD1108 MICROSEMI-MMAD1108 Datasheet
77Kb / 1P
   Switching Diode Array
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com