Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS370C036A Datasheet(PDF) 5 Page - Texas Instruments

Part # TMS370C036A
Description  8-BIT MICROCONTROLLER
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370C036A Datasheet(HTML) 5 Page - Texas Instruments

  TMS370C036A Datasheet HTML 1Page - Texas Instruments TMS370C036A Datasheet HTML 2Page - Texas Instruments TMS370C036A Datasheet HTML 3Page - Texas Instruments TMS370C036A Datasheet HTML 4Page - Texas Instruments TMS370C036A Datasheet HTML 5Page - Texas Instruments TMS370C036A Datasheet HTML 6Page - Texas Instruments TMS370C036A Datasheet HTML 7Page - Texas Instruments TMS370C036A Datasheet HTML 8Page - Texas Instruments TMS370C036A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
TMS370Cx36
8-BIT MICROCONTROLLER
SPNS039B – JANUARY 1996 – REVISED FEBRUARY 1997
5
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
description (continued)
The TMS370Cx36 family provides the system designer with an economical, efficient solution to real-time control
applications. The PACT compact development tool (CDT
™) meets the challenge of efficiently developing the
software and hardware required to design the TMS370Cx36 into an ever-increasing number of complex
applications. The application source code can be written in assembly and C language, and the output code can
be generated by the linker. Precise real-time in-circuit emulation and extensive symbolic debug and analysis
tools ensure efficient software and hardware implementation as well as a reduced time-to-market cycle.
The TMS370Cx36 family together with the TMS370 PACT CDT370, BP programmer, software tools,
SE370C736 reprogrammable devices, comprehensive product documentation, and customer support provides
a complete solution to the needs of the system designer.
central processing unit (CPU)
The CPU on the TMS370Cx36 device is the high-performance 8-bit TMS370 CPU module. The ’x36 implements
an efficient register-to-register architecture that eliminates the conventional accumulator bottleneck. The
complete ’x36 instruction map is shown in Table 16.
The ’370Cx36 CPU architecture provides the following components:
CPU registers:
D A stack pointer (SP) that points to the last entry in the memory stack
D A status register (ST) that monitors the operation of the instructions and contains the global interrupt-enable
bits
D A program counter (PC) that points to the memory location of the next instruction to be executed
A memory map that includes:
D 256-byte general-purpose RAM that can be used for data memory storage, program instructions, general
purpose register, or the stack
D 256-byte general-purpose standby RAM, which is powered through a separate VCCSTBY pin to protect the
memory against power failures on the main VCC1 pins
D 128-byte dual-port RAM that contains the capture registers, the circular buffer, and a command/definition
area
D A peripheral file that provides access to all internal peripheral modules, system-wide control functions, and
EEPROM/ EPROM programming control
D 256-byte EEPROM module, that provides in-circuit programmability and data retention in power-off
conditions
D 16K-byte ROM or 16K-byte EPROM
CDT is a trademark of Texas Instruments Incorporated.


Similar Part No. - TMS370C036A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS370C036AYYZ TI-TMS370C036AYYZ Datasheet
930Kb / 78P
[Old version datasheet]   TMS370 MICROCONTROLLER FAMILY DATA BOOK
More results

Similar Description - TMS370C036A

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com