Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

47282-0001 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 47282-0001
Description  Pogo Pin
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

47282-0001 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  47282-0001 Datasheet HTML 1Page - Molex Electronics Ltd. 47282-0001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ORDERING INFORMATION
Bringing People & Technology Together, Worldwide
SM
Visit our Web site at http://www.molex.com
Americas Headquarters
2222 Wellington Ct.
Lisle, Illinois 60532 USA
1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, Illinois 60532 USA
630-969-4550
MARKETS AND APPLICATIONS
Order No. SNG-053
©2006, Molex
Mobile phones application, used widely in internal
antenna contacts, battery contacts and speaker contacts.
Mobile Phone
Main Board
Assembly
Pogo Pins
Battery
Pogo Pins
Antenna
Pogo Pins
No. of
Circuits
Pitch
Action
Height
Current
(max)
Voltage
(max)
Contact
Resistance
(ohms)
Plating Contact
Under
Plating
Plating Tail
Durability Normal Force-
min (per
circuit)
Contact Force
Packaging
Quantity
Carrier Tape
Width
47244-0001
2
3.50mm
(.138")
7.80mm
(.307")
2.0A
12V DC
30 milliohms
max.
0.3um (12u")
Gold (Au)
Nickel (Ni)
0.1um (4u")
Gold (Au)
10,000
cycles
0.88N
(0.20lb)
90g
300
24.00mm
(.945")
47245-0001
3
2.54mm
(.001")
3.15mm
(.124")
2.0A
60V DC
30 milliohms
max.
0.1um (4u")
Gold (Au)
1.27um
(50u") Nickle
(Ni)
Gold (Au)
20,000
cycles
0.44N
(0.10lb)
90g
1600
16.00mm
(.630")
47247-0001
4
3.00mm
(.118")
4.70mm
(.185")
2.0A
12V DC
25 milliohms
max.
0.3um (12u")
Gold (Au)
Nickel (Ni)
0.127um
(5u") Gold
(Au)
10,000
cycles
0.17N
(0.04lb)
70g
1000
16.00mm
(.630")
47261-0001
2
4.00mm
(.157")
7.90mm
(.311")
2.0A
12V DC
25 milliohms
max.
0.4um (16u")
Gold (Au)
Nickel (Ni)
Gold (Au)
10,000
cycles
0.26N
(0.06lb)
102g
350
24.00mm
(.945")
47282-0001
Po Go Pin Connector,
Surface Mount,
Right Angle
4
2.00mm
(.079")
5.60mm
(.220")
3.0A
12V DC
30 milliohms
max.
1.0um (40u")
Gold (Au)
Nickel (Ni)
Gold (Au)
20,000
cycles
0.83N
(0.19lb)
85g
2500
24.00mm
(.945")
Lead-free
Order number
Description
Features
Po Go Pin Connector,
Surface Mount, Vertical
Pogo Pin
47244, 47245, 47247,
47261, 47282


Similar Part No. - 47282-0001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
47280 MOLEX-47280 Datasheet
100Kb / 2P
   Battery Connector
logo
ITT Industries
472800202 ITT-472800202 Datasheet
1Mb / 23P
   AUXILIARY ACTUATORS
logo
NXP Semiconductors
4728A PHILIPS-4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Fairchild Semiconductor
4728A FAIRCHILD-4728A Datasheet
22Kb / 2P
   One Watt Zeners
logo
Motorola, Inc
4728A MOTOROLA-4728A Datasheet
113Kb / 9P
   One Watt Hermetically Sealed Glass Silicon Zener Diodes
More results

Similar Description - 47282-0001

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
060026MA001G103ZR SUYIN-USA-060026MA001G103ZR Datasheet
101Kb / 1P
   POGO PIN CONNECTOR
254019MA005XX00XX SUYIN-USA-254019MA005XX00XX Datasheet
64Kb / 1P
   2.54mm POGO PIN
logo
Harwin Plc
P70-7000045 HARWIN-P70-7000045 Datasheet
52Kb / 1P
   SMT SPRING LOADED POGO PIN
S70-125161545R HARWIN-S70-125161545R Datasheet
63Kb / 1P
   SMT POGO PIN CONTACT PAD
logo
AVX Corporation
709150001020006 AVX-709150001020006 Datasheet
705Kb / 7P
   Pogo Pin Single Contact: BTB
logo
SparkFun Electronics
PRT-09173 SPARKFUN-PRT-09173 Datasheet
87Kb / 2P
   Pogo Pin w/ Round Tip
9??4??7
logo
AVX Corporation
70-9150 AVX-70-9150 Datasheet
705Kb / 7P
   Pogo Pin Single Contact: BTB
logo
Harwin Plc
P70-5100045 HARWIN-P70-5100045 Datasheet
52Kb / 1P
   SMT SPRING LOADED POGO PIN
S70-220101045R HARWIN-S70-220101045R Datasheet
67Kb / 1P
   SMT POGO PIN CONTACT PAD
P70-2200045 HARWIN-P70-2200045 Datasheet
53Kb / 1P
   SMT SPRING LOADED POGO PIN WITH PEG
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com