Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCP69T1 Datasheet(PDF) 2 Page - Motorola, Inc

Part # BCP69T1
Description  MEDIUM POWER PNP SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BCP69T1 Datasheet(HTML) 2 Page - Motorola, Inc

  BCP69T1 Datasheet HTML 1Page - Motorola, Inc BCP69T1 Datasheet HTML 2Page - Motorola, Inc BCP69T1 Datasheet HTML 3Page - Motorola, Inc BCP69T1 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BCP69T1
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristics
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage (IC = –100 µAdc, IE = 0)
V(BR)CES
–25
Vdc
Collector-Emitter Breakdown Voltage (IC = –1.0 mAdc, IB = 0)
V(BR)CEO
–20
Vdc
Emitter-Base Breakdown Voltage (IE = –10 µAdc, IC = 0)
V(BR)EBO
– 5.0
Vdc
Collector-Base Cutoff Current (VCB = – 25 Vdc, IE = 0)
ICBO
–10
µAdc
Emitter-Base Cutoff Current (VEB = – 5.0 Vdc, IC = 0)
IEBO
–10
µAdc
ON CHARACTERISTICS
DC Current Gain
(IC = – 5.0 mAdc, VCE = –10 Vdc)
(IC = – 500 mAdc, VCE = –1.0 Vdc)
(IC = –1.0 Adc, VCE = –1.0 Vdc)
hFE
50
85
60
375
Collector-Emitter Saturation Voltage (IC = –1.0 Adc, IB = –100 mAdc)
VCE(sat)
– 0.5
Vdc
Base-Emitter On Voltage (IC = –1.0 Adc, VCE = –1.0 Vdc)
VBE(on)
–1.0
Vdc
DYNAMIC CHARACTERISTICS
Current-Gain — Bandwidth Product
(IC = –10 mAdc, VCE = – 5.0 Vdc)
fT
60
MHz
TYPICAL ELECTRICAL CHARACTERISTICS
200
100
70
20
–10
–100
–1000
IC, COLLECTOR CURRENT (mA)
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (mA)
Figure 2. Current Gain Bandwidth Product
300
200
100
30
70
IC, COLLECTOR CURRENT (mA)
Figure 3. Saturation and “ON” Voltages
0
160
0
VR, REVERSE VOLTAGE (VOLTS)
Figure 4. Capacitances
50
VCE = –1.0 V
TJ = 25°C
50
–10
–100
–1000
VCE = –10 V
TJ = 25°C
f = 30 MHz
–1.0
– 0.8
– 0.6
– 0.4
– 0.2
–1.0
–100
–1000
–10
V(BE)sat @ IC/IB = 10
TJ = 25°C
V(BE)on @ VCE = –1.0 V
V(CE)sat @ IC/IB = 10
120
80
40
Cob
Cib
– 5.0
–1.0
– 2.0
– 4.0
– 2.5
– 5.0
Cib
Cob
TJ = 25°C
–1.0
– 2.0
–1.5
– 3.0


Similar Part No. - BCP69T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BCP69T1 ONSEMI-BCP69T1 Datasheet
101Kb / 4P
   PNP Silicon Epitaxial Transistor
October, 2008 ??Rev. 8
BCP69T1G ONSEMI-BCP69T1G Datasheet
101Kb / 4P
   PNP Silicon Epitaxial Transistor
October, 2008 ??Rev. 8
BCP69T1G ONSEMI-BCP69T1G Datasheet
132Kb / 4P
   PNP Silicon Epitaxial Transistor
November, 2011 ??Rev. 11
BCP69T1G ONSEMI-BCP69T1G_11 Datasheet
132Kb / 4P
   PNP Silicon Epitaxial Transistor
November, 2011 ??Rev. 11
More results

Similar Description - BCP69T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BCP53T1 MOTOROLA-BCP53T1 Datasheet
99Kb / 4P
   MEDIUM POWER PNP SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
logo
ON Semiconductor
BCP53T1 ONSEMI-BCP53T1 Datasheet
76Kb / 4P
   MEDIUM POWER PNP SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
1996 REV 1
logo
Motorola, Inc
BCP68T1 MOTOROLA-BCP68T1 Datasheet
149Kb / 6P
   MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
BCP56T1 MOTOROLA-BCP56T1 Datasheet
200Kb / 6P
   MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
logo
ON Semiconductor
BCP68T1 ONSEMI-BCP68T1 Datasheet
110Kb / 6P
   MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
1996 REV 1
BCP53 ONSEMI-BCP53 Datasheet
100Kb / 5P
   PNP Silicon Epitaxial Transistors MEDIUM POWER HIGH CURRENT SURFACE MOUNT
September, 2013 ??Rev. 10
NSL35TT1 ONSEMI-NSL35TT1 Datasheet
208Kb / 7P
   High Current Surface Mount PNP Silicon Mount PNP Silicon Transistor
August, 2006 ??Rev. 3
logo
Motorola, Inc
BSP62T1 MOTOROLA-BSP62T1 Datasheet
179Kb / 6P
   MEDIUM POWER PNP SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
logo
Central Semiconductor C...
CZT751 CENTRAL-CZT751_10 Datasheet
533Kb / 2P
   SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
CZT751 CENTRAL-CZT751_15 Datasheet
533Kb / 2P
   SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com