Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

502430-4010 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 502430-4010
Description  SlimStack SMT Board-to-Board Connectors, with Ultra-Narrow
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

502430-4010 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  502430-4010 Datasheet HTML 1Page - Molex Electronics Ltd. 502430-4010 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 502430-4010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
502430-4010 MOLEX11-502430-4010 Datasheet
485Kb / 8P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.00mm (.039")
More results

Similar Description - 502430-4010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5024262430 MOLEX11-5024262430 Datasheet
554Kb / 8P
   0.40mm (.016") Pitch SlimStack??Board-to-Board Receptacle, SMT
5024308030 MOLEX11-5024308030 Datasheet
526Kb / 7P
   0.40mm (.016") Pitch SlimStack??Board-to-Board, Plug, SMT, Dual Row
5024306030 MOLEX11-5024306030 Datasheet
527Kb / 8P
   0.40mm (.016") Pitch SlimStack??Board-to-Board, Plug, SMT, Dual Row
logo
AVX Corporation
5602 AVX-5602 Datasheet
136Kb / 4P
   Fine Pitch SMT Board to Board Connectors
24-5046-030-600-829 AVX-24-5046-030-600-829 Datasheet
388Kb / 13P
   Fine Pitch SMT Board to Board Connectors
14-5602-030-000-829 AVX-14-5602-030-000-829 Datasheet
136Kb / 4P
   Fine Pitch SMT Board to Board Connectors
logo
Molex Electronics Ltd.
5033045010 MOLEX11-5033045010 Datasheet
396Kb / 6P
   0.40mm (.016") Pitch SlimStack Board-to-Board Receptacle, SMT, Dual Row, Vertical
5033046010 MOLEX11-5033046010 Datasheet
396Kb / 6P
   0.40mm (.016") Pitch SlimStack Board-to-Board Receptacle, SMT, Dual Row, Vertical
5024262010 MOLEX11-5024262010 Datasheet
551Kb / 8P
   0.40mm (.016") Pitch SlimStack Board-to-Board Receptacle, SMT, Dual Row, Vertical
5024268010 MOLEX11-5024268010 Datasheet
551Kb / 8P
   0.40mm (.016") Pitch SlimStack Board-to-Board Receptacle, SMT, Dual Row, Vertical
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com