Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

79610-5002 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 79610-5002
Description  MicroTCA Interconnect Solutions
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

79610-5002 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  79610-5002 Datasheet HTML 1Page - Molex Electronics Ltd. 79610-5002 Datasheet HTML 2Page - Molex Electronics Ltd. 79610-5002 Datasheet HTML 3Page - Molex Electronics Ltd. 79610-5002 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ORDERINg INFORMATION
MicroTCA
Interconnect Solutions
79610-5000 Evaluation Backplane
79610-5002 Development Chassis
Americas headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Asia Pacific North headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Asia Pacific South headquarters
Jurong, Singapore
65-6268-6868
fesinfo@molex.com
European headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax:630-969-1352
Visit our website at www.molex.com/product/microtca.html
Order No. 987650-0962
Printed in USA/JI/2007.05
©2007, Molex
Order No.
Slots
Comments
79610-5000
12-14 slots
Redundant MCH and Power slots
Evaluation Backplane (Series 79610)
Development Chassis (Series 79610)
Order No.
Size
Comments
79610-5002
4U for single wide AMC modules
Molex MicroTCA backplane included


Similar Part No. - 79610-5002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
79610-5007 MOLEX9-79610-5007 Datasheet
164Kb / 2P
   10 Gbps MicroTCA Evaluation Backplane, Fully Redundant, EBBI??Blind-mateFanTray Connectors
More results

Similar Description - 79610-5002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1888654-2 MACOM-1888654-2 Datasheet
2Mb / 32P
   Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
1888506-1 MACOM-1888506-1 Datasheet
2Mb / 32P
   Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
2-1437006-1 MACOM-2-1437006-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
logo
Lumberg
7200 LUMBERG-7200 Datasheet
706Kb / 3P
   Press-fit interconnect solutions
logo
Tyco Electronics
609-2631HD MACOM-609-2631HD Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
1-5102154-0 MACOM-1-5102154-0 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
logo
Lumberg
7201 LUMBERG-7201 Datasheet
697Kb / 3P
   Press-fit interconnect solutions
logo
Tyco Electronics
2-1658526-3 MACOM-2-1658526-3 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2600M MACOM-609-2600M Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
logo
TE Connectivity Ltd
1-1773871-5 TEC-1-1773871-5 Datasheet
5Mb / 8P
   INTERNAL CABLED INTERCONNECT SOLUTIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com